Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSD913G3V-A-12UI Datasheet(PDF) 11 Page - STMicroelectronics

Part # PSD913G3V-A-12UI
Description  Flash In-System Programmable ISP Peripherals For 8-bit MCUs
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD913G3V-A-12UI Datasheet(HTML) 11 Page - STMicroelectronics

Back Button PSD913G3V-A-12UI Datasheet HTML 7Page - STMicroelectronics PSD913G3V-A-12UI Datasheet HTML 8Page - STMicroelectronics PSD913G3V-A-12UI Datasheet HTML 9Page - STMicroelectronics PSD913G3V-A-12UI Datasheet HTML 10Page - STMicroelectronics PSD913G3V-A-12UI Datasheet HTML 11Page - STMicroelectronics PSD913G3V-A-12UI Datasheet HTML 12Page - STMicroelectronics PSD913G3V-A-12UI Datasheet HTML 13Page - STMicroelectronics PSD913G3V-A-12UI Datasheet HTML 14Page - STMicroelectronics PSD913G3V-A-12UI Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 94 page
background image
Preliminary Information
PSD9XX Family
PSD9XX
Architectural
Overview
(cont.)
5.4 I/O Ports
The PSD9XX has 27 I/O pins divided among four ports (Port A, B, C, and D). Each
I/O pin can be individually configured for different functions. Ports A, B, C and D can
be configured as standard MCU I/O ports, PLD I/O, or latched address outputs for
microcontrollers using multiplexed address/data busses.
The JTAG pins can be enabled on Port C for In-System Programming (ISP).
Port A can also be configured as a data port for a non-multiplexed bus.
5.5 Microcontroller Bus Interface
The PSD9XX easily interfaces with most 8-bit microcontrollers that have either
multiplexed or non-multiplexed address/data busses. The device is configured to respond
to the microcontroller’s control signals, which are also used as inputs to the PLDs. Section
9.3.5 contains microcontroller interface examples.
5.6 JTAG Port
In-System Programming can be performed through the JTAG pins on Port C. This serial
interface allows complete programming of the entire PSD9XX device. A blank device can
be completely programmed. The JTAG signals (TMS, TCK, TSTAT, TERR, TDI, TDO) are
enabled on Port C when selected or when a device is blank. Table 3 indicates the JTAG
signals pin assignments.
Port C Pins
JTAG Signal
PC0
TMS
PC1
TCK
PC3
TSTAT
PC4
TERR
PC5
TDI
PC6
TDO
Table 3. JTAG Signals on Port C
7


Similar Part No. - PSD913G3V-A-12UI

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PSD913G2 STMICROELECTRONICS-PSD913G2 Datasheet
488Kb / 91P
   Configurable Memory System on a Chip for 8-Bit Microcontrollers
More results

Similar Description - PSD913G3V-A-12UI

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PSD813F2 STMICROELECTRONICS-PSD813F2 Datasheet
1Mb / 103P
   Flash In-System Programmable ISP Peripherals For 8-bit MCUs
PSD813F1-A STMICROELECTRONICS-PSD813F1-A Datasheet
563Kb / 120P
   Flash In-System Programmable ISP Peripherals For 8-bit MCUs
PSD813F2 STMICROELECTRONICS-PSD813F2 Datasheet
1Mb / 110P
   Flash In-System Programmable (ISP) Peripherals for 8-bit MCUs, 5V
June 2004
PSD813F1 STMICROELECTRONICS-PSD813F1 Datasheet
1Mb / 110P
   Flash In-System Programmable (ISP) Peripherals for 8-bit MCUs, 5V
PSD813F1V STMICROELECTRONICS-PSD813F1V Datasheet
1Mb / 110P
   Flash In-System Programmable (ISP) Peripherals for 8-bit MCUs, 3.3V
PSD4256G6V STMICROELECTRONICS-PSD4256G6V Datasheet
756Kb / 100P
   Flash In-System Programmable (ISP) Peripherals for 16-bit MCUs
PSD813F2V STMICROELECTRONICS-PSD813F2V_09 Datasheet
914Kb / 109P
   Flash in-system programmable (ISP) peripherals for 8-bit MCUs, 3.3 V
PSD8XXFX STMICROELECTRONICS-PSD8XXFX Datasheet
1Mb / 128P
   Flash in-system programmable (ISP) peripherals for 8-bit MCUs, 5 V
PSD813F1A STMICROELECTRONICS-PSD813F1A Datasheet
1Mb / 111P
   Flash in-system programmable (ISP) peripherals for 8-bit MCUs, 5 V
PSD4235G2 STMICROELECTRONICS-PSD4235G2 Datasheet
703Kb / 89P
   Flash In-System Programmable ISP Peripherals For 16-bit MCUs 5V Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com