Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD4074329S Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # HD4074329S
Description  microcomputer designed to increase program productivity
Download  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD4074329S Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button HD4074329S Datasheet HTML 7Page - Renesas Technology Corp HD4074329S Datasheet HTML 8Page - Renesas Technology Corp HD4074329S Datasheet HTML 9Page - Renesas Technology Corp HD4074329S Datasheet HTML 10Page - Renesas Technology Corp HD4074329S Datasheet HTML 11Page - Renesas Technology Corp HD4074329S Datasheet HTML 12Page - Renesas Technology Corp HD4074329S Datasheet HTML 13Page - Renesas Technology Corp HD4074329S Datasheet HTML 14Page - Renesas Technology Corp HD4074329S Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 103 page
background image
HD404054 Series/HD404094 Series
9
0
1
2
3
Bit 3
Bit 2
Bit 1
Bit 0
IMTA
(IM of timer A)
IFTA
(IF of timer A)
IM1
(IM of
INT1)
IF1
(IF of
INT1)
IMTC
(IM of timer C)
IFTC
(IF of timer C)
IMS1
(IM of serial
interface 1)
IFS1
(IF of serial
interface 1)
IMTD
(IM of timer D)
IFTD
(IF of timer D)
$000
$001
$002
$003
Interrupt control bits area
IM0
(IM of
INT0)
IF0
(IF of
INT0)
RSP
(Reset SP bit)
IE
(Interrupt
enable flag)
32
33
ICSF
(Input capture
status flag)
$020
$021
Register flag area
WDON
(Watchdog
on flag)
ICEF
(Input capture
error flag)
RAME
(RAM enable
flag)
Not used
IF:
IM:
IE:
SP:
Interrupt request flag
Interrupt mask
Interrupt enable flag
Stack pointer
Bit 3
Bit 2
Bit 1
Bit 0
Not used
Not used
Not used
Not used
Not used
Figure 3 Configuration of Interrupt Control Bits and Register Flag Areas
IE
IM
IF
ICSF
ICEF
RAME
RSP
WDON
Not used
SEM/SEMD
REM/REMD
TM/TMD
Allowed
Allowed
Allowed
Not executed
Allowed
Allowed
Not executed
Allowed
Inhibited
Allowed
Not executed
Inhibited
Not executed
Not executed
Inhibited
Note: WDON is reset by MCU reset or by
STOPC enable for stop mode cancellation.
If the TM or TDM instruction is executed for the inhibited bits or non-existing bits,
the value in ST becomes invalid.
Figure 4 Usage Limitations of RAM Bit Manipulation Instructions


Similar Part No. - HD4074329S

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD4074308C HITACHI-HD4074308C Datasheet
2Mb / 53P
   CMOS 4-BIT SINGLE-CHIP MICROCOMPUTER
HD4074308F HITACHI-HD4074308F Datasheet
2Mb / 53P
   CMOS 4-BIT SINGLE-CHIP MICROCOMPUTER
HD4074308P HITACHI-HD4074308P Datasheet
2Mb / 53P
   CMOS 4-BIT SINGLE-CHIP MICROCOMPUTER
HD4074308S HITACHI-HD4074308S Datasheet
2Mb / 53P
   CMOS 4-BIT SINGLE-CHIP MICROCOMPUTER
HD4074318H HITACHI-HD4074318H Datasheet
305Kb / 66P
   4-bit HMCS400-series microcomputer
More results

Similar Description - HD4074329S

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD404318 RENESAS-HD404318 Datasheet
305Kb / 68P
   microcomputer designed to increase program productivity
HD404328 RENESAS-HD404328 Datasheet
311Kb / 96P
   microcomputer designed to increase program productivity
logo
Hitachi Semiconductor
HD404054 HITACHI-HD404054 Datasheet
395Kb / 101P
   HMCS400-series microcomputers designed to increase program productivity with large-capacity memory
logo
Renesas Technology Corp
HD404339 RENESAS-HD404339 Datasheet
321Kb / 80P
   microcomputer with large-capacity memory designed to
logo
Rochester Electronics
M80C31BH ROCHESTER-M80C31BH Datasheet
601Kb / 9P
   CMOS SINGLE - CHIP 8-BIT MICROCOMPUTER 64K program Memory Space
logo
STMicroelectronics
PM0212 STMICROELECTRONICS-PM0212 Datasheet
161Kb / 22P
   How to program the STM8TL5xxx Flash program memory and data EEPROM
logo
Level One
GEP-0520 LVL1-GEP-0520 Datasheet
689Kb / 3P
   9K jumbo frames to increase data transfer rates
logo
STMicroelectronics
PM0083 STMICROELECTRONICS-PM0083 Datasheet
411Kb / 13P
   How to program STM8T143 OTP options
PM0051 STMICROELECTRONICS-PM0051 Datasheet
198Kb / 27P
   How to program STM8S and STM8A Flash program memory and data EEPROM
PM0054 STMICROELECTRONICS-PM0054 Datasheet
246Kb / 28P
   How to program STM8L and STM8AL Flash program memory and data EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com