Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD404326UH Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # HD404326UH
Description  microcomputer designed to increase program productivity
Download  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404326UH Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button HD404326UH Datasheet HTML 2Page - Renesas Technology Corp HD404326UH Datasheet HTML 3Page - Renesas Technology Corp HD404326UH Datasheet HTML 4Page - Renesas Technology Corp HD404326UH Datasheet HTML 5Page - Renesas Technology Corp HD404326UH Datasheet HTML 6Page - Renesas Technology Corp HD404326UH Datasheet HTML 7Page - Renesas Technology Corp HD404326UH Datasheet HTML 8Page - Renesas Technology Corp HD404326UH Datasheet HTML 9Page - Renesas Technology Corp HD404326UH Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 103 page
background image
HD404054 Series/HD404094 Series
4
Pin Description
Pin Number
Item
Symbol
DP-42S
FP-44A
I/O
Function
Power supply V
CC
42
38
Applies power voltage
GND
11
6
Connected to ground
Test
TEST
7
2
I
Used for factory testing only: Connect this pin to V
CC
Reset
RESET
10
5
I
Resets the MCU
Oscillator
OSC
1
83
I
OSC
2
94
O
Port
D
0–D 9
12–21
7–16
I/O*
Input/output pins addressed by individual bits; pins
D
0–D 3 are high-current source pins that can each
supply up to 10 mA.
The HD404054 Series: pins D
4–D 9are high-current
sink pins that can each supply up to 15mA.
The HD404094 Series: D
4–D 7 are intermediate
voltage (12 V) NMOS open-drain pins, and D
8, D9 are
high-current sink pins that can each supply up to 15
mA.
D
12,D13
22, 23
17, 18
I
Input pins addressable by individual bits
R0
0–R4 3
24–40
19–36
I/O
Input/output pins addressable in 4-bit units
RD
0–RD3,
RC
0, RE 0
1–6
39–43,1
I
Input pins addressable in 4-bit units
Interrupt
INT
0, INT1
23, 24
18, 19
I
Input pins for external interrupts
Stop clear
STOPC
22
17
I
Input pin for transition from stop mode to active mode
Serial
SCK
1
38
34
I/O
Serial clock input/output pin
SI
1
39
35
I
Serial receive data input pin
SO
1
40
36
O
Serial transmit data output pin
Timer
TOC, TOD 34, 35
30, 31
O
Timer output pins
EVND
37
33
I
Event count input pins
Comparator
COMP
0,
COMP
1
1, 2
39, 40
I
Analog input pins for voltage comparator
VC
ref
6
1
Reference voltage pin for inputting the threshold
voltage of the analog input pin.
Division rate
SEL
41
37
I
Input pin for selecting system clock division rate after
RESET input or after stop mode cancellation.
1/4 division rate: Connect it to V
CC
1/32 division rate: Connect it to GND
Note:
* D
4–D 7 of the HD404094 Series are output pins.


Similar Part No. - HD404326UH

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD404328 HITACHI-HD404328 Datasheet
2Mb / 87P
   4 BIT SINGLE CHIP MICROCOMPUTER
logo
Renesas Technology Corp
HD404328 RENESAS-HD404328 Datasheet
311Kb / 96P
   microcomputer designed to increase program productivity
logo
Hitachi Semiconductor
HD404328FS HITACHI-HD404328FS Datasheet
2Mb / 87P
   4 BIT SINGLE CHIP MICROCOMPUTER
HD404328S HITACHI-HD404328S Datasheet
2Mb / 87P
   4 BIT SINGLE CHIP MICROCOMPUTER
HD404329 HITACHI-HD404329 Datasheet
2Mb / 87P
   4 BIT SINGLE CHIP MICROCOMPUTER
More results

Similar Description - HD404326UH

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD404318 RENESAS-HD404318 Datasheet
305Kb / 68P
   microcomputer designed to increase program productivity
HD404328 RENESAS-HD404328 Datasheet
311Kb / 96P
   microcomputer designed to increase program productivity
logo
Hitachi Semiconductor
HD404054 HITACHI-HD404054 Datasheet
395Kb / 101P
   HMCS400-series microcomputers designed to increase program productivity with large-capacity memory
logo
Renesas Technology Corp
HD404339 RENESAS-HD404339 Datasheet
321Kb / 80P
   microcomputer with large-capacity memory designed to
logo
Rochester Electronics
M80C31BH ROCHESTER-M80C31BH Datasheet
601Kb / 9P
   CMOS SINGLE - CHIP 8-BIT MICROCOMPUTER 64K program Memory Space
logo
STMicroelectronics
PM0212 STMICROELECTRONICS-PM0212 Datasheet
161Kb / 22P
   How to program the STM8TL5xxx Flash program memory and data EEPROM
logo
Level One
GEP-0520 LVL1-GEP-0520 Datasheet
689Kb / 3P
   9K jumbo frames to increase data transfer rates
logo
STMicroelectronics
PM0083 STMICROELECTRONICS-PM0083 Datasheet
411Kb / 13P
   How to program STM8T143 OTP options
PM0051 STMICROELECTRONICS-PM0051 Datasheet
198Kb / 27P
   How to program STM8S and STM8A Flash program memory and data EEPROM
PM0054 STMICROELECTRONICS-PM0054 Datasheet
246Kb / 28P
   How to program STM8L and STM8AL Flash program memory and data EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com