Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STTH1506TPI Datasheet(PDF) 5 Page - STMicroelectronics

Part # STTH1506TPI
Description  Tandem 600V Hyperfast Rectifer
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH1506TPI Datasheet(HTML) 5 Page - STMicroelectronics

  STTH1506TPI Datasheet HTML 1Page - STMicroelectronics STTH1506TPI Datasheet HTML 2Page - STMicroelectronics STTH1506TPI Datasheet HTML 3Page - STMicroelectronics STTH1506TPI Datasheet HTML 4Page - STMicroelectronics STTH1506TPI Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
STTH1506TPI
5/5
Ordering code
Marking
Package
Weight
Base qty
Delivery mode
STTH1506TPI
STTH1506TPI
TOP3I
4.46 g.
30
Tube
s
Epoxy meets UL94,V0
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of
use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by
implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to
change without notice. This publication supersedes and replaces all information previously supplied.
STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written ap-
proval of STMicroelectronics.
The ST logo is a registered trademark of STMicroelectronics
© 2002 STMicroelectronics - Printed in Italy - All rights reserved.
STMicroelectronics GROUP OF COMPANIES
Australia - Brazil - Canada - China - Finland - France - Germany
Hong Kong - India - Israel - Italy - Japan - Malaysia - Malta - Morocco - Singapore
Spain - Sweden - Switzerland - United Kingdom - United States.
http://www.st.com
PACKAGE MECHANICAL DATA
TOP3I
REF.
DIMENSIONS
Millimeters
Inches
Min.
Typ. Max. Min.
Typ. Max.
A
4.4
4.6
0.173
0.181
B
1.45
1.55 0.057
0.061
C
14.35
15.60 0.565
0.614
D
0.5
0.7
0.020
0.028
E
2.7
2.9
0.106
0.114
F
15.8
16.5 0.622
0.650
G
20.4
21.1 0.815
0.831
H
15.1
15.5 0.594
0.610
J
5.4
5.65 0.213
0.222
K
3.4
3.65 0.134
0.144
L
4.08
4.17 0.161
0.164
P
1.20
1.40 0.047
0.055
R
4.60
0.181


Similar Part No. - STTH1506TPI

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
STTH1506TPI THINKISEMI-STTH1506TPI Datasheet
5Mb / 5P
   ThinkiSemi 15A,600V(2x300V) Dual Tandem Structure Ultra Fast Recovery Rectifiers
More results

Similar Description - STTH1506TPI

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH3006TPI STMICROELECTRONICS-STTH3006TPI Datasheet
55Kb / 5P
   Tandem 600V HYPERFAST RECTIFIER
June 2003 - Ed: 1A
STTH506TTI STMICROELECTRONICS-STTH506TTI Datasheet
58Kb / 5P
   Tandem 600V HYPERFAST RECTIFIER
STTH806DTI STMICROELECTRONICS-STTH806DTI_05 Datasheet
68Kb / 6P
   Tandem 600V HYPERFAST BOOST DIODE
STTH806DTI STMICROELECTRONICS-STTH806DTI Datasheet
42Kb / 5P
   Tandem 600V HYPERFAST BOOST DIODE
STTH1506DPI STMICROELECTRONICS-STTH1506DPI Datasheet
72Kb / 5P
   Tandem 600V HYPERFAST BOOST DIODE
October 2003 - Ed: 2A
STTH506DTI STMICROELECTRONICS-STTH506DTI Datasheet
50Kb / 5P
   Tandem 600V HYPERFAST BOOST DIODE
October 2003 - Ed: 2A
STTH3006DPI STMICROELECTRONICS-STTH3006DPI Datasheet
68Kb / 5P
   Tandem 600V HYPERFAST BOOST DIODE
STTH1008DTI STMICROELECTRONICS-STTH1008DTI Datasheet
264Kb / 9P
   800 V tandem hyperfast diode
March 2013 Rev 1
STTH806DTI STMICROELECTRONICS-STTH806DTI_07 Datasheet
88Kb / 7P
   Tandem 600 V hyperfast boost diode
logo
Intersil Corporation
RHRG5060 INTERSIL-RHRG5060 Datasheet
48Kb / 4P
   50A, 600V Hyperfast Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com