Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD404374FT Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # HD404374FT
Description  Low-Voltage AS Microcomputers with On-Chip A/D Converter
Download  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404374FT Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button HD404374FT Datasheet HTML 6Page - Renesas Technology Corp HD404374FT Datasheet HTML 7Page - Renesas Technology Corp HD404374FT Datasheet HTML 8Page - Renesas Technology Corp HD404374FT Datasheet HTML 9Page - Renesas Technology Corp HD404374FT Datasheet HTML 10Page - Renesas Technology Corp HD404374FT Datasheet HTML 11Page - Renesas Technology Corp HD404374FT Datasheet HTML 12Page - Renesas Technology Corp HD404374FT Datasheet HTML 13Page - Renesas Technology Corp HD404374FT Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 161 page
background image
HD404374/HD404384/HD404389/HD404082/HD404084 Series
Rev.5.00, Sep.11.2003, page 10 of 161
Product Name
HD404389,
HD40A4389,
HD40C4389,
HD407A4389,
HD407C4389
HD404081,
HD40A4081,
HD40C4081
HD404082,
HD40A4082,
HD40C4082
HCD404082,
HCD40C4082
HD404084,
HD40A4084,
HD40C4084
HCD404084,
HCD40C4084
ROM(words)
16,384
ZTAT PROM
1,024
2,048
4,096
RAM (digit)
512
128
20 (max)
Large-current
I/O pins
4 (source, 10 mA max), 4 (sink, 15 mA max)
I/O
Analog input
multiplexed pins
4
3
Timer output
2 (PWM output possible)
Timer/
counter
Event input
1 (edge selection possible)
Serial interface
1 (8-bit synchronous)
A/D converter
10 bits
× 6
channels
External
2
Interrupt
sources
Internal
5
4
Low-power
4
Stop mode
Available
Watch mode
Available
Standby mode
Available
modes
Subactive mode Available
Module standby
Available
System clock division software
switching
Available
Ceramic
oscillation
Available
Crystal
oscillation
Available
Main oscillator
CR oscillation
Available (HD40C4372, HD40C4374, HD407C4374, HD40C4382, HD40C4384,
HD407C4384, HD40C4388, HD40C4389, HD407C4389, HD40C4081, HD40C4082,
HCD40C4082, HD40C4084, HCD40C4084)
Sub-oscillator
Crystal
oscillation


Similar Part No. - HD404374FT

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD404302RF HITACHI-HD404302RF Datasheet
2Mb / 53P
   CMOS 4-BIT SINGLE-CHIP MICROCOMPUTER
HD404302RP HITACHI-HD404302RP Datasheet
2Mb / 53P
   CMOS 4-BIT SINGLE-CHIP MICROCOMPUTER
HD404302RS HITACHI-HD404302RS Datasheet
2Mb / 53P
   CMOS 4-BIT SINGLE-CHIP MICROCOMPUTER
HD404304 HITACHI-HD404304 Datasheet
2Mb / 53P
   CMOS 4-BIT SINGLE-CHIP MICROCOMPUTER
HD404304F HITACHI-HD404304F Datasheet
2Mb / 53P
   CMOS 4-BIT SINGLE-CHIP MICROCOMPUTER
More results

Similar Description - HD404374FT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
E202075_HD404889 RENESAS-E202075_HD404889 Datasheet
670Kb / 202P
   Low-Voltage AS Microcomputers with On-Chip LCD Circuit
HD404889 RENESAS-HD404889_03 Datasheet
1Mb / 197P
   Low-Voltage AS Microcomputers with On-Chip LCD Circuit
HD404669 RENESAS-HD404669 Datasheet
680Kb / 146P
   Low-Voltage AS Microcomputers with On-Chip DTMF Generation Circuit
Sept. 1999
logo
Hitachi Semiconductor
HD404669 HITACHI-HD404669 Datasheet
455Kb / 142P
   Low-Voltage AS Microcomputers with On-Chip DTMF Generation Circuit
logo
NEC
UPD7810 NEC-UPD7810 Datasheet
1Mb / 26P
   8 BIT SINGLE CHIP NMOS MICROCOMPUTERS WITH A/D CONVERTER
logo
Sharp Corporation
SM5K3 SHARP-SM5K3 Datasheet
233Kb / 28P
   4-Bit Single-Chip Microcomputers(Controllers With 10-Bit A/D Converter)
logo
Sanyo Semicon Device
LC72344W SANYO-LC72344W Datasheet
90Kb / 13P
   Low-Voltage ETR Controller with On-Chip DC-DC Converter
LC78832M SANYO-LC78832M Datasheet
177Kb / 8P
   16-Bit D/A Converter LSI with On-Chip Digital Filters
LC78857V SANYO-LC78857V Datasheet
199Kb / 11P
   Digital Audio D/A Converter IC with On-Chip Digital Filters
logo
Cirrus Logic
CS53L32A CIRRUS-CS53L32A Datasheet
716Kb / 40P
   Low Voltage, Stereo A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com