Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD404372H Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HD404372H
Description  Low-Voltage AS Microcomputers with On-Chip A/D Converter
Download  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404372H Datasheet(HTML) 1 Page - Renesas Technology Corp

  HD404372H Datasheet HTML 1Page - Renesas Technology Corp HD404372H Datasheet HTML 2Page - Renesas Technology Corp HD404372H Datasheet HTML 3Page - Renesas Technology Corp HD404372H Datasheet HTML 4Page - Renesas Technology Corp HD404372H Datasheet HTML 5Page - Renesas Technology Corp HD404372H Datasheet HTML 6Page - Renesas Technology Corp HD404372H Datasheet HTML 7Page - Renesas Technology Corp HD404372H Datasheet HTML 8Page - Renesas Technology Corp HD404372H Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 161 page
background image
Rev.5.00, Sep.11.2003, page 1 of 161
HD404374/HD404384/HD404389/
HD404082/HD404084 Series
Low-Voltage AS Microcomputers with On-Chip A/D
Converter
REJ03B0050-0500H
Rev.5.00
Sep.11.2003
Description
The HD404374, HD404384, and HD404389 Series comprise low-voltage, 4-bit single-chip
microcomputers equipped with four 10-bit A/D converter channels, a serial interface, and large-current I/O
pins. These devices are suitable for use in applications requiring high resolution A/D converter control,
such as battery chargers.
The HD404082 and HD404084 series offer less advanced features than the HD404384 series. They are 4-
bit microcomputers that support low-voltage operation for backward software compatibility.
HD404374 Series microcomputers have a 32.768 kHz sub-resonator for realtime clock use, providing a
time counting facility, and a variety of low-power modes to reduce current drain.
The HD407A4374, HD407A4384, HD407A4389, HD407C4374, HD407C4384, and HD407C4389 are
ZTAT
TM microcomputers with on-chip PROM that drastically shortens development time and ensures a
smooth transition from debugging to mass production. (The PROM programming specifications are the
same as for the 27256 type.)
ZTAT
TM: Zero Turn-Around Time. ZTATTM is a trademark of Renesas Technology Corp.
Features
• 20 I/O pins
Large-current I/O pins (source: 10 mA max.):4
Large-current I/O pins (sink: 15 mA max.):4
Analog input multiplexed pins: 4 (HD404374, HD404384, and HD404389 Series)
• 8-bit timer: 1 channel
16-bit timer: 1 channel (Can also be used as two 8-bit timer channels)
• Two timer outputs (including PWM output)
• Event counter inputs (edge-programmable)
• Clock-synchronous 8-bit serial interface
• A/D converter
4 channels
× 10-bits (HD404374 and HD404384 Series)
6 channels
× 10-bits (HD404389 Series)
None (HD404082 and HD404084 Series)


Similar Part No. - HD404372H

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD404302RF HITACHI-HD404302RF Datasheet
2Mb / 53P
   CMOS 4-BIT SINGLE-CHIP MICROCOMPUTER
HD404302RP HITACHI-HD404302RP Datasheet
2Mb / 53P
   CMOS 4-BIT SINGLE-CHIP MICROCOMPUTER
HD404302RS HITACHI-HD404302RS Datasheet
2Mb / 53P
   CMOS 4-BIT SINGLE-CHIP MICROCOMPUTER
HD404304 HITACHI-HD404304 Datasheet
2Mb / 53P
   CMOS 4-BIT SINGLE-CHIP MICROCOMPUTER
HD404304F HITACHI-HD404304F Datasheet
2Mb / 53P
   CMOS 4-BIT SINGLE-CHIP MICROCOMPUTER
More results

Similar Description - HD404372H

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
E202075_HD404889 RENESAS-E202075_HD404889 Datasheet
670Kb / 202P
   Low-Voltage AS Microcomputers with On-Chip LCD Circuit
HD404889 RENESAS-HD404889_03 Datasheet
1Mb / 197P
   Low-Voltage AS Microcomputers with On-Chip LCD Circuit
HD404669 RENESAS-HD404669 Datasheet
680Kb / 146P
   Low-Voltage AS Microcomputers with On-Chip DTMF Generation Circuit
Sept. 1999
logo
Hitachi Semiconductor
HD404669 HITACHI-HD404669 Datasheet
455Kb / 142P
   Low-Voltage AS Microcomputers with On-Chip DTMF Generation Circuit
logo
NEC
UPD7810 NEC-UPD7810 Datasheet
1Mb / 26P
   8 BIT SINGLE CHIP NMOS MICROCOMPUTERS WITH A/D CONVERTER
logo
Sharp Corporation
SM5K3 SHARP-SM5K3 Datasheet
233Kb / 28P
   4-Bit Single-Chip Microcomputers(Controllers With 10-Bit A/D Converter)
logo
Sanyo Semicon Device
LC72344W SANYO-LC72344W Datasheet
90Kb / 13P
   Low-Voltage ETR Controller with On-Chip DC-DC Converter
LC78832M SANYO-LC78832M Datasheet
177Kb / 8P
   16-Bit D/A Converter LSI with On-Chip Digital Filters
LC78857V SANYO-LC78857V Datasheet
199Kb / 11P
   Digital Audio D/A Converter IC with On-Chip Digital Filters
logo
Cirrus Logic
CS53L32A CIRRUS-CS53L32A Datasheet
716Kb / 40P
   Low Voltage, Stereo A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com