Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD404356H Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # HD404356H
Description  microcomputer has an A/D converter,
Download  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404356H Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button HD404356H Datasheet HTML 2Page - Renesas Technology Corp HD404356H Datasheet HTML 3Page - Renesas Technology Corp HD404356H Datasheet HTML 4Page - Renesas Technology Corp HD404356H Datasheet HTML 5Page - Renesas Technology Corp HD404356H Datasheet HTML 6Page - Renesas Technology Corp HD404356H Datasheet HTML 7Page - Renesas Technology Corp HD404356H Datasheet HTML 8Page - Renesas Technology Corp HD404356H Datasheet HTML 9Page - Renesas Technology Corp HD404356H Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 102 page
background image
HD404358 Series
4
Pin Description
Pin Number
Item
Symbol
DP-42S FP-44A I/O
Function
Power
supply
V
CC
21
16
Applies power voltage
GND
10
5
Connected to ground
Test
TEST
6
1
I
Cannot be used in user applications. Connect this pin
to GND.
Reset
RESET
7
2
I
Resets the MCU
Oscillator
OSC
1
8
3
I
Input/output pin for the internal oscillator. Connect
these pins to the ceramic oscillator or crystal oscillator,
or OSC
1 to an external oscillator circuit.
OSC
2
94
O
Port
D
0–D 8
22–30
17–21,
23–26
I/O
Input/output pins addressed individually by bits; D
0–D 8
are all standard-voltage I/O pins.
RA
1
1
39
I
One-bit standard-voltage input port pin
R0
0–R1 3,
R3
0–R4 3,
R8
0–R8 3
2–5,
12–19,
31–38
40–43,
7–14
27–34
I/O
Four-bit input/output pins consisting of standard-voltage
pins
R2
0–R2 3
39–42
35–38
I/O
Four-bit input/output pins consisting of intermediate
voltage pins
Interrupt
INT
0, INT1
22, 23
17, 18
I
Input pins for external interrupts
Stop clear
STOPC
26
21
I
Input pin for transition from stop mode to active mode
Serial
Interface
SCK
2
40
I/O
Serial interface clock input/output pin
SI
3
41
I
Serial interface receive data input pin
SO
4
42
O
Serial interface transmit data output pin
Timer
TOC
5
43
O
Timer output pin
EVNB
24
19
I
Event count input pin
Alarm
BUZZ
25
20
O
Square waveform output pin
A/D
converter
AV
CC
20
15
Power supply for the A/D converter. Connect this pin
as close as possible to the V
CC pin and at the same
voltage as V
CC.
If the power supply voltage to be used
for the A/D converter is not equal to V
CC, connect a 0.1-
µF bypass capacitor between the AV
CC and AV SS pins.
(However, this is not necessary when the AV
CC pin is
directly connected to the V
CC pin.)
AV
SS
11
6
Ground for the A/D converter. Connect this pin as
close as possible to GND at the same voltage as GND.
AN
0–AN 7
12–19
7–14
I
Analog input pins for the A/D converter


Similar Part No. - HD404356H

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD404356H HITACHI-HD404356H Datasheet
398Kb / 100P
   4-bit HMCS400-Series microcomputer
More results

Similar Description - HD404356H

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD404369 RENESAS-HD404369 Datasheet
421Kb / 117P
   microcomputer has an A/D converter
HD404344R RENESAS-HD404344R Datasheet
333Kb / 102P
   4-bit microcomputer has an A/D converter
HD404449 RENESAS-HD404449 Datasheet
438Kb / 125P
   microcomputer has four timers, two serial interfaces, A/D converter,
logo
Freescale Semiconductor...
AN1775 FREESCALE-AN1775 Datasheet
789Kb / 12P
   Expanding Digital Input with an A/D Converter
logo
NEC
UPD78C10A NEC-UPD78C10A Datasheet
3Mb / 66P
   8-BIT SINGLE-CHIP MICROCOMPUTER WITH A/D CONVERTER
logo
Fujitsu Component Limit...
MB88210 FUJITSU-MB88210 Datasheet
1Mb / 24P
   CMOS SINGLE-CHIP 4-BIT MICROCOMPUTER WITH A/D CONVERTER
logo
Sharp Corporation
SM5K6 SHARP-SM5K6 Datasheet
281Kb / 9P
   4-Bit Single-Chip Microcomputer(Controller With 10-Bit A/D Converter)
SM5K4 SHARP-SM5K4 Datasheet
234Kb / 8P
   4-Bit Single-Chip Microcomputer(Controller with 10-Bit A/D Converter)
logo
Surge Components
LP SURGE-LP Datasheet
639Kb / 1P
   has an auxiliary terminal which can withstand vibration
logo
Samsung semiconductor
KDA0316 SAMSUNG-KDA0316 Datasheet
400Kb / 10P
   D/A CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com