Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD404354 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HD404354
Description  microcomputer has an A/D converter,
Download  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404354 Datasheet(HTML) 4 Page - Renesas Technology Corp

  HD404354 Datasheet HTML 1Page - Renesas Technology Corp HD404354 Datasheet HTML 2Page - Renesas Technology Corp HD404354 Datasheet HTML 3Page - Renesas Technology Corp HD404354 Datasheet HTML 4Page - Renesas Technology Corp HD404354 Datasheet HTML 5Page - Renesas Technology Corp HD404354 Datasheet HTML 6Page - Renesas Technology Corp HD404354 Datasheet HTML 7Page - Renesas Technology Corp HD404354 Datasheet HTML 8Page - Renesas Technology Corp HD404354 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 102 page
background image
HD404358 Series
2
• Built-in oscillators
 Ceramic oscillator or crystal
 External clock drive is also possible
• Seven interrupt sources
 Two by external sources
 Three by timers
 One by A/D converter
 One by serial interface
• Two low-power dissipation modes
 Standby mode
 Stop mode
• Instruction cycle time
 0.47 µs (f
OSC = 8.5 MHz, 1/4 division ratio):
HD40A4354, HD40A4356, HD40A4358,
HD407A4359
 0.8 µs (f
OSC = 5 MHz, 1/4 division ratio):
HD404354, HD404356, HD404358
Ordering Information
Type
Instruction Cycle
Time
Product Name
Model Name
ROM
(Words)
RAM
(Digit)
Package
Mask ROM Standard versions
HD404354
HD404354S
4,096
384
DP-42S
(f
OSC= 5 MHz)
HD404354H
FP-44A
HD404356
HD404356S
6,144
DP-42S
HD404356H
FP-44A
HD404358
HD404358S
8,192
DP-42S
HD404358H
FP-44A
High speed versions HD40A4354
HD40A4354S
4,096
384
DP-42S
(f
OSC= 8.5 MHz)
HD40A4354H
FP-44A
HD40A4356
HD40A4356S
6,144
DP-42S
HD40A4356H
FP-44A
HD40A4358
HD40A4358S
8,192
DP-42S
HD40A4358H
FP-44A
ZTAT
(f
OSC= 8.5 MHz)
HD407A4359
HD407A4359S
16,384
512
DP-42S
HD407A4359H
FP-44A


Similar Part No. - HD404354

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD404354 HITACHI-HD404354 Datasheet
398Kb / 100P
   4-bit HMCS400-Series microcomputer
HD404354H HITACHI-HD404354H Datasheet
398Kb / 100P
   4-bit HMCS400-Series microcomputer
HD404354S HITACHI-HD404354S Datasheet
398Kb / 100P
   4-bit HMCS400-Series microcomputer
More results

Similar Description - HD404354

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD404369 RENESAS-HD404369 Datasheet
421Kb / 117P
   microcomputer has an A/D converter
HD404344R RENESAS-HD404344R Datasheet
333Kb / 102P
   4-bit microcomputer has an A/D converter
HD404449 RENESAS-HD404449 Datasheet
438Kb / 125P
   microcomputer has four timers, two serial interfaces, A/D converter,
logo
Freescale Semiconductor...
AN1775 FREESCALE-AN1775 Datasheet
789Kb / 12P
   Expanding Digital Input with an A/D Converter
logo
NEC
UPD78C10A NEC-UPD78C10A Datasheet
3Mb / 66P
   8-BIT SINGLE-CHIP MICROCOMPUTER WITH A/D CONVERTER
logo
Fujitsu Component Limit...
MB88210 FUJITSU-MB88210 Datasheet
1Mb / 24P
   CMOS SINGLE-CHIP 4-BIT MICROCOMPUTER WITH A/D CONVERTER
logo
Sharp Corporation
SM5K6 SHARP-SM5K6 Datasheet
281Kb / 9P
   4-Bit Single-Chip Microcomputer(Controller With 10-Bit A/D Converter)
SM5K4 SHARP-SM5K4 Datasheet
234Kb / 8P
   4-Bit Single-Chip Microcomputer(Controller with 10-Bit A/D Converter)
logo
Surge Components
LP SURGE-LP Datasheet
639Kb / 1P
   has an auxiliary terminal which can withstand vibration
logo
Samsung semiconductor
KDA0316 SAMSUNG-KDA0316 Datasheet
400Kb / 10P
   D/A CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com