Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJK0348DSP Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # RJK0348DSP
Description  Silicon N Channel Power MOS FET Power Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJK0348DSP Datasheet(HTML) 3 Page - Renesas Technology Corp

  RJK0348DSP Datasheet HTML 1Page - Renesas Technology Corp RJK0348DSP Datasheet HTML 2Page - Renesas Technology Corp RJK0348DSP Datasheet HTML 3Page - Renesas Technology Corp RJK0348DSP Datasheet HTML 4Page - Renesas Technology Corp RJK0348DSP Datasheet HTML 5Page - Renesas Technology Corp RJK0348DSP Datasheet HTML 6Page - Renesas Technology Corp RJK0348DSP Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
RJK0348DSP
REJ03G1644-0201 Rev.2.01 Apr 24, 2008
Page 3 of 6
Main Characteristics
Drain to Source Voltage
VDS (V)
Typical Output Characteristics
Gate to Source Voltage
VGS (V)
Drain to Source Saturation Voltage vs.
Gate to Source Voltage
Gate to Source Voltage
VGS (V)
Typical Transfer Characteristics
Drain Current
ID
(A)
Static Drain to Source on State Resistance
vs. Drain Current
50
40
30
20
10
0
2
468
10
50
40
30
20
10
0
12
3
4
5
Tc = 75
°C
25
°C
–25
°C
VDS = 10 V
Pulse Test
VGS = 2.6 V
Pulse Test
1
0.3
0.1
30
300
1
10
100
1000
3
200
150
100
50
0
4
8
12
16
20
Pulse Test
ID = 20 A
10 A
10
3
VGS = 4.5 V
10 V
2.7 V
10 V
4.5 V
Pulse Test
5 A
2.8 V
2.9 V
Drain to Source Voltage
VDS (V)
Maximum Safe Operation Area
Note 5 :
When using the glass epoxy board
(FR4 40x40x1.6 mm)
100
10
1
0.1
0.01
0.1
0.3
1
3
10
30
100
500
Ta = 25 °C
1 shot Pulse
PW
= 10
ms
10 µs
100
µs
Operation in
this area is
limited by RDS(on)
Note
5
DC
Operation
(PW
< 10
s)
1 ms
Ambient Temperature Ta (°C)
Power vs. Temperature Derating
4.0
3.0
2.0
1.0
0
50
100
150
200
Test Condition :
When using the glass epoxy board
(FR4 40x40x1.6 mm), PW
≤ 10 s


Similar Part No. - RJK0348DSP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK0348DPA RENESAS-RJK0348DPA Datasheet
106Kb / 7P
   Silicon N Channel Power MOS FET Power Switching
RJK0348DPA RENESAS-RJK0348DPA Datasheet
100Kb / 7P
   Silicon N Channel Power MOS FET Power Switching
RJK0348DPA-00-J0 RENESAS-RJK0348DPA-00-J0 Datasheet
106Kb / 7P
   Silicon N Channel Power MOS FET Power Switching
RJK0348DPA-00-J0 RENESAS-RJK0348DPA-00-J0 Datasheet
100Kb / 7P
   Silicon N Channel Power MOS FET Power Switching
RJK0348DPA-01-J0B RENESAS-RJK0348DPA-01-J0B Datasheet
108Kb / 7P
   N Channel Power MOS FET High Speed Power Switching
More results

Similar Description - RJK0348DSP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT2299WP RENESAS-HAT2299WP Datasheet
108Kb / 7P
   Silicon N Channel Power MOS FET Power Switching
HAT2142H RENESAS-HAT2142H Datasheet
125Kb / 12P
   Silicon N Channel Power MOS FET Power Switching
HAT2171H RENESAS-HAT2171H_15 Datasheet
108Kb / 10P
   Silicon N Channel Power MOS FET Power Switching
HAT2183WP RENESAS-HAT2183WP_15 Datasheet
111Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
HAT2184WP RENESAS-HAT2184WP_15 Datasheet
130Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
HAT2169H RENESAS-HAT2169H_15 Datasheet
108Kb / 10P
   Silicon N Channel Power MOS FET Power Switching
HAT2096H RENESAS-HAT2096H_15 Datasheet
104Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
HAT2193WP RENESAS-HAT2193WP_15 Datasheet
121Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
HAT2201R RENESAS-HAT2201R_15 Datasheet
112Kb / 10P
   Silicon N Channel Power MOS FET Power Switching
HAT2201R RENESAS-HAT2201R_16 Datasheet
216Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
RJK0211DPA RENESAS-RJK0211DPA Datasheet
71Kb / 4P
   Silicon N Channel Power MOS FET Power Switching
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com