Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RD15LD74AP Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # RD15LD74AP
Description  8-bit D-type Flip-Flop Driver (with Clear)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RD15LD74AP Datasheet(HTML) 3 Page - Renesas Technology Corp

  RD15LD74AP Datasheet HTML 1Page - Renesas Technology Corp RD15LD74AP Datasheet HTML 2Page - Renesas Technology Corp RD15LD74AP Datasheet HTML 3Page - Renesas Technology Corp RD15LD74AP Datasheet HTML 4Page - Renesas Technology Corp RD15LD74AP Datasheet HTML 5Page - Renesas Technology Corp RD15LD74AP Datasheet HTML 6Page - Renesas Technology Corp RD15LD74AP Datasheet HTML 7Page - Renesas Technology Corp RD15LD74AP Datasheet HTML 8Page - Renesas Technology Corp RD15LD74AP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
RD15LD74AP, RD15LD74ANP, RD15LD74AT
REJ03D0894-0300 Rev.3.00 Feb 29, 2008
Page 3 of 9
Absolute Maximum Ratings
Item
Symbol
Ratings
Unit
Conditions
Supply voltage
VCC
6.5
V
Input voltage
VI
–0.5 to VCC
V
Output voltage
VDS
–0.5 to 15
V
Output : “Z” (off)
Output current
IDS
200
mA
Output : “on” , Current of one circuit
1.47
SDIP
1.38
DILP
Maximum power
dissipation
*1
PT
0.76
W
TSSOP
Ta = 25
°C
Base implementation
Storage temperature
Tstg
–55 to +125
°C
Note:
The absolute maximum ratings are values which must not individually be exceeded, and furthermore no two of
which may be realized at the same time.
1. The maximum package power dissipation was calculated using a junction temperature of 150
°C
Recommended Operating Conditions
Item
Symbol
Ratings
Unit
Conditions
Supply voltage
VCC
3.0
5.5
V
Input voltage
VI
0
VCC
V
Output voltage
VDS
0
15
V
Output “Z” (off)
0
200
Duty cycle
≤ 60%
0
150
mA
SDIP
Duty cycle
≤ 100%
0
200
Duty cycle
≤ 55%
0
140
mA
DILP
Duty cycle
≤ 100%
0
200
Duty cycle
≤ 25%
Output current
(Current of an one circuit,
when eight circuit
operation)
IDS
0
105
mA
TSSOP
Duty cycle
≤ 100%
Input rise / fall time
tr, tf
0
500
ns
VCC = 3.0 V, 4.5 V
Operating temperature
Ta
–20
85
°C
Note:
Unused or floating inputs must be held high or low.
Electrical Characteristics
(Ta = –20 to +85°C)
Ratings
Item
Symbol
VCC (V)
Min
Typ
Max
Unit
Conditions
3.0 to 3.6
VCC
×0.84
VIH
4.5 to 5.5
VCC
×0.76
V
3.0 to 3.6
VCC
×0.16
Input voltage
VIL
4.5 to 5.5
VCC
×0.24
V
3.0 to 3.6
0.30
0.45
4.5 to 5.5
0.25
0.38
IDS = 100 mA
3.0 to 3.6
0.60
0.90
Output voltage
VDS
4.5 to 5.5
0.51
0.77
V
IDS = 200 mA
“H” input current
IIH
3.0 to 5.5
0.005
1.0
µA
VI = VCC
“L” input current
IIL
3.0 to 5.5
0.005
–1.0
µA
VI = 0 V
5.5
0.005
5.0
All output “Z” (off)
VI = VCC or GND
Quiescent supply
current
ICC
5.5
0.005
5.0
µA
All output “on”, VI = VCC or GND
Output off state
leak current
IDS
5.0
0.002
5.0
µA
VDS = 12 V
Output on resister
RDS
4.5
2.5
3.8
IDS = 100 mA


Similar Part No. - RD15LD74AP

ManufacturerPart #DatasheetDescription
logo
NEC
RD150E NEC-RD150E Datasheet
95Kb / 12P
   500 mW DHD ZENER DIODE DO-35
RD150EB NEC-RD150EB Datasheet
95Kb / 12P
   500 mW DHD ZENER DIODE DO-35
logo
SEMTECH ELECTRONICS LTD...
RD150EB SEMTECH_ELEC-RD150EB Datasheet
477Kb / 8P
   ZENER DIODES
logo
NEC
RD150EB1 NEC-RD150EB1 Datasheet
95Kb / 12P
   500 mW DHD ZENER DIODE DO-35
RD150EB2 NEC-RD150EB2 Datasheet
95Kb / 12P
   500 mW DHD ZENER DIODE DO-35
More results

Similar Description - RD15LD74AP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M81016P MITSUBISHI-M81016P Datasheet
110Kb / 8P
   OCTAL D-TYPE FLIP-FLOP DRIVER WITH CLEAR
M81016P MITSUBISHI-M81016P_09 Datasheet
114Kb / 8P
   OCTAL D-TYPE FLIP-FLOP DRIVER WITH CLEAR
M81049P MITSUBISHI-M81049P Datasheet
116Kb / 8P
   OCTAL D-TYPE FLIP-FLOP DRIVER WITH CLEAR
logo
Toshiba Semiconductor
TC7PA175FU TOSHIBA-TC7PA175FU Datasheet
190Kb / 8P
   D-Type Flip-Flop with Clear
TC74LVX273F TOSHIBA-TC74LVX273F Datasheet
279Kb / 8P
   OCTAL D-TYPE FLIP FLOP WITH CLEAR
logo
STMicroelectronics
74VHC273 STMICROELECTRONICS-74VHC273_04 Datasheet
329Kb / 14P
   OCTAL D-TYPE FLIP FLOP WITH CLEAR
74AC174 STMICROELECTRONICS-74AC174_01 Datasheet
257Kb / 11P
   HEX D-TYPE FLIP FLOP WITH CLEAR
M54HC273 STMICROELECTRONICS-M54HC273 Datasheet
250Kb / 11P
   OCTAL D TYPE FLIP FLOP WITH CLEAR
logo
Toshiba Semiconductor
TC74VHC174F TOSHIBA-TC74VHC174F Datasheet
250Kb / 7P
   HEX D-TYPE FLIP-FLOP WITH CLEAR
TC74LVX174F TOSHIBA-TC74LVX174F_07 Datasheet
244Kb / 9P
   Hex D-Type Flip-Flop with Clear
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com