Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M62437FP Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # M62437FP
Description  Sound Controller With SRS Focus & SRS Surround
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M62437FP Datasheet(HTML) 5 Page - Renesas Technology Corp

  M62437FP Datasheet HTML 1Page - Renesas Technology Corp M62437FP Datasheet HTML 2Page - Renesas Technology Corp M62437FP Datasheet HTML 3Page - Renesas Technology Corp M62437FP Datasheet HTML 4Page - Renesas Technology Corp M62437FP Datasheet HTML 5Page - Renesas Technology Corp M62437FP Datasheet HTML 6Page - Renesas Technology Corp M62437FP Datasheet HTML 7Page - Renesas Technology Corp M62437FP Datasheet HTML 8Page - Renesas Technology Corp M62437FP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
M62437FP
REJ03F0216-0201 Rev.2.01 Mar 31, 2008
Page 5 of 11
Switch Condition and the Mode
(23) SRS 3D Stereo
SRS ON/OFF Switch
SRS ON
H
SRS OFF
L
(22) FOCUS
FOCUS ON/OFF Switch
FOCUS ON
H
FOCUS OFF
L
Note: Bypass mode can be set by both SRS ON/OFF switch and FOCUS ON/OFF switch are set to “L”.
Application Circuit Example
18
16
14
12
10
8
6
4
2
1
22
23
26
28
30
32
34
36
40
42
17
19
15
13
11
9
7
5
3
41
37
35
33
31
29
25
21
20
39
38
24
27
3 k
C9
0.01
µF
C2
0.01
µF
2.2
µF
REF
FOCUS IN
SRS OUT
Vref
SRS OUT
FOCUS IN
I/F
10
µF
Cref
2.2
µF
OUT
2.2
µF
OUT
BA
BB
BC
C6
0.1
µF
SRS
ON/OFF
FOCUS
ON/OFF
C7
470 pF
C3
0.82
µF
C1
0.018
µF
C12
0.0039
µF
IN
V
CC
C10
0.22
µF
NP
2.2
µF
R41
2.4 k
3 k
C16
390 pF
IN
C6
470 pF
C9
0.22
µF
NP
2.2
µF
C17
390 pF
C13
0.0039
µF
2.2
µF
FOCUS
position H/L
BASS Comp.
position H/L
R24
7 k
R23
3 k
R27
400
R25
200
R39
2.4 k
R26
400
R18
390
R16
390
R17
200
R13
390
R14
200
R15
390
R20
3 k
R21
7 k
+
+
+
+


Similar Part No. - M62437FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62437FP MITSUBISHI-M62437FP Datasheet
220Kb / 12P
   SOUND CONTROLLER WITH SRS FOCUS & SRS SURROUND
More results

Similar Description - M62437FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62436FP MITSUBISHI-M62436FP Datasheet
136Kb / 10P
   SOUND CONTROLLER WITH SRS FOCUS & SRS SURROUND
M62437FP MITSUBISHI-M62437FP Datasheet
220Kb / 12P
   SOUND CONTROLLER WITH SRS FOCUS & SRS SURROUND
logo
Renesas Technology Corp
M62436FP RENESAS-M62436FP Datasheet
155Kb / 12P
   SRS Sound Controller with SRS FOCUS, SRS Surround Sound On-Chip Sound Controller
logo
New Japan Radio
NJM2193 NJRC-NJM2193 Datasheet
67Kb / 8P
   FOCUS & SRS AUDIO PROCESSOR
NJM2178 NJRC-NJM2178 Datasheet
288Kb / 10P
   SRS 3D SURROUND AUDIO PROCESSOR
logo
STMicroelectronics
TDA7464 STMICROELECTRONICS-TDA7464 Datasheet
174Kb / 21P
   DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SRS SURROUND SOUND AND VOICE CANCELLER
logo
New Japan Radio
NJM2179 NJRC-NJM2179 Datasheet
219Kb / 8P
   SRS 3D SURROUND AUDIO PROCESSOR?
NJM2199 NJRC-NJM2199 Datasheet
63Kb / 10P
   SRS 3D SURROUND AUDIO PROCESSOR
logo
Mitsubishi Electric Sem...
M62455P MITSUBISHI-M62455P Datasheet
198Kb / 12P
   SRS 3D SOUND PROCESSOR
M62438FP MITSUBISHI-M62438FP Datasheet
190Kb / 12P
   SRS 3D SOUND PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com