Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M62363FP Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # M62363FP
Description  8-bit 8ch D/A Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M62363FP Datasheet(HTML) 4 Page - Renesas Technology Corp

  M62363FP Datasheet HTML 1Page - Renesas Technology Corp M62363FP Datasheet HTML 2Page - Renesas Technology Corp M62363FP Datasheet HTML 3Page - Renesas Technology Corp M62363FP Datasheet HTML 4Page - Renesas Technology Corp M62363FP Datasheet HTML 5Page - Renesas Technology Corp M62363FP Datasheet HTML 6Page - Renesas Technology Corp M62363FP Datasheet HTML 7Page - Renesas Technology Corp M62363FP Datasheet HTML 8Page - Renesas Technology Corp M62363FP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
M62363FP
REJ03D0874-0301 Rev.3.01 Apr 15, 2008
Page 4 of 9
AC Characteristics
(VDD, VIN = +5 V ± 10%, VDD ≥ VIN, GND = VDAref = 0 V, Ta = –20 to +75°C, unless otherwise noted.)
Limits
Item
Symbol
Min
Typ
Max
Unit
Conditions
Clock "L" pulse width
tCKL
200
ns
Clock "H" pulse width
tCKH
200
ns
Clock rise time
tCR
200
ns
Clock fall time
tCF
200
ns
Data setup time
tDCH
60
ns
Data hold time
tCHD
100
ns
LD setup time
tCHL
200
ns
LD hold time
tLDC
100
ns
LD "H" pulse width
tLDH
100
ns
Data output delay time
tDO
70
350
ns
Less than CL = 100 pF
D/A output setting time
tLDD
5
μs
Without load
Input/output replay time
5
μs
f = 10 kHz
Timing Chart
tCKL
tCR
tCKH
tCF
tDCH
tCHD
tLDH
CLK
DI
D/A output
DO output
LD
tDO
tCHL
tLDC
tLDD


Similar Part No. - M62363FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62363FP MITSUBISHI-M62363FP Datasheet
66Kb / 8P
   8-BIT 8CH D-A CONVERTER
logo
Renesas Technology Corp
M62363FP RENESAS-M62363FP_15 Datasheet
155Kb / 12P
   8-bit 8ch D/A Converter
More results

Similar Description - M62363FP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M62363FP RENESAS-M62363FP_15 Datasheet
155Kb / 12P
   8-bit 8ch D/A Converter
logo
Mitsubishi Electric Sem...
M62356P MITSUBISHI-M62356P Datasheet
47Kb / 6P
   8-BIT 8CH D-A CONVERTER
logo
Renesas Technology Corp
M62356P RENESAS-M62356P Datasheet
1Mb / 7P
   8-BIT 8CH D-A CONVERTER
logo
Mitsubishi Electric Sem...
M62363FP MITSUBISHI-M62363FP Datasheet
66Kb / 8P
   8-BIT 8CH D-A CONVERTER
logo
Renesas Technology Corp
M62353AGP RENESAS-M62353AGP Datasheet
113Kb / 9P
   8-bit 8ch D/A Converter with Buffer Amplifiers
M62353P RENESAS-M62353P_15 Datasheet
119Kb / 10P
   8-bit 8ch D/A Converter with Buffer Amplifiers
R2A20168NP RENESAS-R2A20168NP Datasheet
473Kb / 10P
   8-bit 8ch D/A Converter with Buffer Amplifiers
M62353P RENESAS-M62353P Datasheet
131Kb / 10P
   8-bit 8ch D/A Converter with Buffer Amplifiers
R2A20168NPSASP RENESAS-R2A20168NPSASP_15 Datasheet
364Kb / 10P
   8-bit 8ch D/A Converter with Buffer Amplifiers
M62359P RENESAS-M62359P Datasheet
2Mb / 7P
   8-BIT 8CH D-A CONVERTER WITH BUFFER AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com