Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M62354AGP Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # M62354AGP
Description  8-bit 6ch D/A Converter with Buffer Amplifiers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M62354AGP Datasheet(HTML) 5 Page - Renesas Technology Corp

  M62354AGP Datasheet HTML 1Page - Renesas Technology Corp M62354AGP Datasheet HTML 2Page - Renesas Technology Corp M62354AGP Datasheet HTML 3Page - Renesas Technology Corp M62354AGP Datasheet HTML 4Page - Renesas Technology Corp M62354AGP Datasheet HTML 5Page - Renesas Technology Corp M62354AGP Datasheet HTML 6Page - Renesas Technology Corp M62354AGP Datasheet HTML 7Page - Renesas Technology Corp M62354AGP Datasheet HTML 8Page - Renesas Technology Corp M62354AGP Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
M62354AGP
REJ03D0871-0201 Rev.2.01 Dec 27, 2007
Page 5 of 8
AC Characteristics
(VCC, VrefU = 5 V ± 10%, VCC ≥ VrefU, GND, VrefL = 0.0 V, Ta = –20 to +85°C unless otherwise specified.)
Limits
Item
Symbol
Min
Typ
Max
Unit
Conditions
Clock "L" pulse width
tCKL
200
ns
Clock "H" pulse width
tCKH
200
ns
Clock rise time
tCR
Clock fall time
tCF
200
ns
Data setup time
tDCH
30
ns
Data hold time
tCHD
60
ns
LD setup time
tCHL
200
ns
LD hold time
tLDC
100
ns
LD "H" hold time
tLDH
100
ns
Data output delay time
tDO
70
350
ns
CL ≤ 100 pF
D/A output setting time
tLDD
300
µs
CL ≤ 100 pF, VAO: 0.5 ↔ 4.5 V
The time until the output becomes
the final value of 1/2 LSB
Measurement Circuit
CL 100 pF
Input
Output
DUT
Timing Chart
tCKL
tCR
tCKH
tCF
tDCH
tCHD
tLDH
CLK
DI
AO1 to AO6
output
DO output
tCHL
LD
tDO
tCHL
tLDC
tLDD
tDO


Similar Part No. - M62354AGP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62354FP MITSUBISHI-M62354FP Datasheet
53Kb / 6P
   8-BIT 6CH D-A CONVERTER WITH BUFFER AMPLIFIERS
logo
Renesas Technology Corp
M62354FP RENESAS-M62354FP Datasheet
136Kb / 10P
   8-bit 6ch D/A Converter with Buffer Amplifiers
logo
Mitsubishi Electric Sem...
M62354GP MITSUBISHI-M62354GP Datasheet
53Kb / 6P
   8-BIT 6CH D-A CONVERTER WITH BUFFER AMPLIFIERS
logo
Renesas Technology Corp
M62354GP RENESAS-M62354GP Datasheet
136Kb / 10P
   8-bit 6ch D/A Converter with Buffer Amplifiers
logo
Mitsubishi Electric Sem...
M62354P MITSUBISHI-M62354P Datasheet
53Kb / 6P
   8-BIT 6CH D-A CONVERTER WITH BUFFER AMPLIFIERS
More results

Similar Description - M62354AGP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62354P MITSUBISHI-M62354P Datasheet
53Kb / 6P
   8-BIT 6CH D-A CONVERTER WITH BUFFER AMPLIFIERS
logo
Renesas Technology Corp
R2A20166NPSA RENESAS-R2A20166NPSA_15 Datasheet
353Kb / 9P
   8-bit 6ch D/A Converter with Buffer Amplifiers
M62354P RENESAS-M62354P_15 Datasheet
122Kb / 10P
   8-bit 6ch D/A Converter with Buffer Amplifiers
R2A20166NP RENESAS-R2A20166NP Datasheet
353Kb / 9P
   8-bit 6ch D/A Converter with Buffer Amplifiers
logo
Mitsubishi Electric Sem...
M62361FP MITSUBISHI-M62361FP Datasheet
93Kb / 8P
   8-BIT 6CH D-A CONVERTER WITH BUFFER AMPLIFIERS
logo
Renesas Technology Corp
M62354P RENESAS-M62354P Datasheet
136Kb / 10P
   8-bit 6ch D/A Converter with Buffer Amplifiers
logo
Mitsubishi Electric Sem...
M62368GP MITSUBISHI-M62368GP Datasheet
45Kb / 5P
   3V TYPE 8-BIT 6CH D-A CONVERTER WITH BUFFER AMPLIFIERS
logo
Renesas Technology Corp
M62368GP RENESAS-M62368GP Datasheet
90Kb / 8P
   3 V Type 8-bit 6ch D/A Converter with Buffer Amplifiers
logo
Mitsubishi Electric Sem...
M62342P MITSUBISHI-M62342P Datasheet
24Kb / 5P
   8-BIT 2CH D-A CONVERTER WITH BUFFER AMPLIFIERS
M62358P MITSUBISHI-M62358P Datasheet
62Kb / 6P
   8-BIT 12CH D-A CONVERTER WITH BUFFER AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com