Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M66592WG Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # M66592WG
Description  ASSP (USB2.0 Peripheral Controller)
Download  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M66592WG Datasheet(HTML) 4 Page - Renesas Technology Corp

  M66592WG Datasheet HTML 1Page - Renesas Technology Corp M66592WG Datasheet HTML 2Page - Renesas Technology Corp M66592WG Datasheet HTML 3Page - Renesas Technology Corp M66592WG Datasheet HTML 4Page - Renesas Technology Corp M66592WG Datasheet HTML 5Page - Renesas Technology Corp M66592WG Datasheet HTML 6Page - Renesas Technology Corp M66592WG Datasheet HTML 7Page - Renesas Technology Corp M66592WG Datasheet HTML 8Page - Renesas Technology Corp M66592WG Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 127 page
background image
M66592F P/W G
Rev 1.00 2004.10.01 page 4 of 125
Figure 1.2 Pin layout diagram of M66592WG
M66592WG(TOP VIEW)
8
SD6
SD4
SD2
DGND
VDD
D13
D10
D9
7
SD7
SD5
SD3
VIF
D15
D12
D8
D7
6
RD_N
SOF_N
INT_N
SD0
D14
D11
D6/AD6
D5/AD5
5
CS_N
WR1_N
WR0_N
SD1
D2/AD2
D1/AD1
D4/AD4
D3/AD3
4
DEND0_N DREQ1_N DREQ0_N DACK0_N
A5
A2
A6/ALE
D0
3
DACK1_N
/DSTB0_N
VIF
DEND1_N AFEA15V AFEA33G AFEA33V
A3
A4
2
RST_N
AFED33V
VBUS
AFEA15G
XOUT
AFED15G
TEST
A1
1
AFED33G
DM
DP
REFRIN
XIN
AFED15V
VIF
MPBUS
AB
C
D
E
F
G
H
Package
M66592WG : 64pin FBGA (0.8mm pitch)
*The “_N” in the signal name
indicates that the signal is in
the “L” active state.


Similar Part No. - M66592WG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M66592WG RENESAS-M66592WG Datasheet
1Mb / 129P
   ASSP (USB2.0 Peripheral Controller)
2004.10.01
More results

Similar Description - M66592WG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M66591GP RENESAS-M66591GP_15 Datasheet
1,006Kb / 135P
   ASSP (USB2.0 Peripheral Controller)
R8A66593 RENESAS-R8A66593 Datasheet
1Mb / 144P
   ASSP (USB2.0 Peripheral Controller)
Jun 28,2013
R8A66593FPBG RENESAS-R8A66593FPBG_15 Datasheet
1Mb / 144P
   ASSP (USB2.0 Peripheral Controller)
M66592 RENESAS-M66592 Datasheet
1Mb / 129P
   ASSP (USB2.0 Peripheral Controller)
2004.10.01
R8A66593FP RENESAS-R8A66593FP Datasheet
1Mb / 144P
   ASSP (USB2.0 Peripheral Controller)
M66591GP RENESAS-M66591GP Datasheet
950Kb / 133P
   ASSP (USB2.0 Peripheral Controller)
M66591 RENESAS-M66591 Datasheet
1,005Kb / 135P
   ASSP (USB2.0 Peripheral Controller)
Nov. 30, 2004
R8A66597FP RENESAS-R8A66597FP Datasheet
1Mb / 185P
   ASSP (USB2.0 2 Port Host/1 Port Peripheral Controller)
R8A66597 RENESAS-R8A66597 Datasheet
1Mb / 187P
   ASSP (USB2.0 2 Port Host/1 Port Peripheral Controller)
Oct 17, 2008
M66291GP RENESAS-M66291GP Datasheet
892Kb / 126P
   ASSP (USB2.0 Device Controller)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com