Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M62333P Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # M62333P
Description  8-bit 3ch I2C BUS D/A Converter with Buffer Amplifiers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M62333P Datasheet(HTML) 3 Page - Renesas Technology Corp

  M62333P Datasheet HTML 1Page - Renesas Technology Corp M62333P Datasheet HTML 2Page - Renesas Technology Corp M62333P Datasheet HTML 3Page - Renesas Technology Corp M62333P Datasheet HTML 4Page - Renesas Technology Corp M62333P Datasheet HTML 5Page - Renesas Technology Corp M62333P Datasheet HTML 6Page - Renesas Technology Corp M62333P Datasheet HTML 7Page - Renesas Technology Corp M62333P Datasheet HTML 8Page - Renesas Technology Corp M62333P Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
M62333P/FP, M62338P/FP
REJ03D0865-0400 Rev.4.00 Mar 25, 2008
Page 3 of 9
Absolute Maximum Ratings
Item
Symbol
Ratings
Unit
Supply voltage
VCC
–0.3 to 7.0
V
Input voltage
Vin
–0.3 to VCC + 0.3
V
Output voltage
VO
–0.3 to VCC + 0.3
V
Power dissipation
Pd
417 (P) / 272 (FP)
mW
Operating temperature
Topr
–20 to 85
°C
Storage temperature
Tstg
–40 to 125
°C
Electrical Characteristics
(VCC = +5 V ± 10%, GND = 0 V, Ta = –20 to 85°C unless otherwise noted)
Limits
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Supply voltage
VCC
2.7
5.0
5.5
V
0
0.9
2.7
mA
CLK = 500 kHz operation, IAO = 0 µA
Data: 6Ah (at maximum current)
Supply current
ICC
0
0.6
1.8
mA
SDA = SCL = GND, IAO = 0 µA
Output low voltage (SDA)
VOL
0.4
V
Isink = 3 mA
Input leak current
IILK
–10
10
µAV
IN = 0 to VCC
Input low voltage
VIL
0.2 VCC
V
Input high voltage
VIH
0.8 VCC
V
0.1
VCC – 0.1
V
IAO = ±100 µA
Buffer amplifier output
voltage range
VAO
0.2
VCC – 0.2
V
IAO = ±500 µA
Buffer amplifier output
drive range
IAO
–1.0
1.0
mA
Upper side saturation voltage = 0.3 V
Lower side saturation voltage = 0.2 V
Differential nonlinearity
SDL
–1.0
1.0
LSB
Nonlinearity
SL
–1.5
1.5
LSB
Zero code error
SZERO
–2.0
2.0
LSB
Full scale error
SFULL
–2.0
2.0
LSB
VCC = 5.12 V (20 mV/LSB)
without load (IAO = 0)
Output capacitate load
CO
0.1
µF
Buffer amplifier output
impedance
RO
5.0


Similar Part No. - M62333P

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62333P MITSUBISHI-M62333P Datasheet
31Kb / 6P
   8-BIT 3CH I2C BUS D-A CONVERTER WITH BUFFER AMPLIFIERS
logo
Renesas Technology Corp
M62333P RENESAS-M62333P Datasheet
128Kb / 10P
   8-bit 3ch I2C BUS D/A Converter with Buffer Amplifiers
M62333PFP RENESAS-M62333PFP_15 Datasheet
127Kb / 10P
   8-bit 3ch I2C BUS D/A Converter with Buffer Amplifiers
More results

Similar Description - M62333P

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62333P MITSUBISHI-M62333P Datasheet
31Kb / 6P
   8-BIT 3CH I2C BUS D-A CONVERTER WITH BUFFER AMPLIFIERS
logo
Renesas Technology Corp
M62333PFP RENESAS-M62333PFP_15 Datasheet
127Kb / 10P
   8-bit 3ch I2C BUS D/A Converter with Buffer Amplifiers
M62333P RENESAS-M62333P Datasheet
128Kb / 10P
   8-bit 3ch I2C BUS D/A Converter with Buffer Amplifiers
logo
Mitsubishi Electric Sem...
M62343P MITSUBISHI-M62343P Datasheet
25Kb / 5P
   8-BIT 3CH D-A CONVERTER WITH BUFFER AMPLIFIERS
M62334P MITSUBISHI-M62334P Datasheet
33Kb / 6P
   8-BIT 4CH I2C BUS D-A CONVERTER WITH BUFFER AMPLIFIERS
M62332P MITSUBISHI-M62332P Datasheet
37Kb / 6P
   8-BIT 2CH I2C BUS D-A CONVERTER WITH BUFFER AMPLIFIERS
M62393P MITSUBISHI-M62393P Datasheet
85Kb / 5P
   8-BIT 8CH I2C-BUS D-A CONVERTER WITH BUFFER AMPLIFIERS
logo
Renesas Technology Corp
M62332P RENESAS-M62332P_15 Datasheet
126Kb / 10P
   8-bit 2ch I2C BUS D/A Converter with Buffer Amplifiers
M62332P RENESAS-M62332P Datasheet
127Kb / 10P
   8-bit 2ch I2C BUS D/A Converter with Buffer Amplifiers
M62334P RENESAS-M62334P_08 Datasheet
143Kb / 10P
   8-bit 4ch I2C BUS D/A Converter with Buffer Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com