Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M66311FP Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # M66311FP
Description  16-Bit LED Driver with Shift Register and Latch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M66311FP Datasheet(HTML) 3 Page - Renesas Technology Corp

  M66311FP Datasheet HTML 1Page - Renesas Technology Corp M66311FP Datasheet HTML 2Page - Renesas Technology Corp M66311FP Datasheet HTML 3Page - Renesas Technology Corp M66311FP Datasheet HTML 4Page - Renesas Technology Corp M66311FP Datasheet HTML 5Page - Renesas Technology Corp M66311FP Datasheet HTML 6Page - Renesas Technology Corp M66311FP Datasheet HTML 7Page - Renesas Technology Corp M66311FP Datasheet HTML 8Page - Renesas Technology Corp M66311FP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
M66311P/FP
REJ03F0177-0201 Rev.2.01 Mar 31, 2008
Page 3 of 9
Functional Description
As M66311P/FP uses silicon gate CMOS process, it realizes high-speed and high-output currents sufficient for LED
drive while maintaining low power consumption and allowance for high noises.
Each bit of a shiftregister consists of two flip–flops having independent clocks for shifting and latching.
As for clock input, shift clock input CKS and latch clock input CKL are independent from each other, shift and latch
operations being made when “L” changes to “H”.
Serial data input A is the data input of the first–step shiftregister and the signal of A shifts shifting registers one by one
when a pulse is impressed to CKS. When A is “H”, the signal of “L” shifts.
When the pulse is impressed to CKL, the contents of the shifting register at that time are stored in a latching register,
and they appear in the outputs from
Q
A to QP.
Outputs from
Q
A to QP are open drain outputs.
To extend the number of bits, use the serial data output SQP which shows the output of the shifting register of the 16th
bit.
If CKS and CKL are connected, the state of the shifting register with one clock delay is outputted to QA to QP.
When reset input
R is changed to “L”, Q
A to QP and SQP are reset. In this case, shifting and latching registers are set.
If “H” is impressed to output enable input OE,
Q
A to QP reaches the high impedance state, but SQP does not reach the
high impedance state. Furthermore, change in OE does not affect shift operation.
Function Table
(Note)
Operation Mode
Reset
Shift
latch
operation
Output disable
Input
Parallel Data Output
R
L
H
H
H
H
X
CK
S
X
X
X
X
CK
L
X
X
X
X
A
X
H
X
L
X
X
OE
X
L
L
L
L
H
QA
Z
QA0
L
QA0
Z
Z
QB
Z
QB0
q
A
0
QB0
q
A
0
Z
QC
Z
QC0
q
B
0
QC0
q
B
0
Z
QD
Z
QD0
q
C
0
QD0
q
C
0
Z
QE
Z
QE0
q
D
0
QE0
q
D
0
Z
QF
Z
QF0
q
E
0
QF0
q
E
0
Z
QG
Z
QG0
q
F
0
QG0
q
F
0
Z
QH
Z
QH0
q
G
0
QH0
q
G
0
Z
QI
Z
QI0
q
H
0
QI0
q
H
0
Z
QJ
Z
QJ0
q
I
0
QJ0
q
I
0
Z
QK
Z
QK0
q
J
0
QK0
q
J
0
Z
QL
Z
QL0
q
K
0
QL0
q
K
0
Z
QM
Z
QM0
q
L
0
QM0
q
L
0
Z
QN
Z
QN0
q
M
0
QN0
q
M
0
Z
QO
Z
QO0
q
N
0
QO0
q
N
0
Z
QP
Z
QP0
q
O
0
QP0
q
O
0
Z
Shift t1
Latch t2
Shift t1
Latch t2
Output
lighting
"H"
Remarks
Serial
Data
Output
SQ
P
L
q
O
0
q
O
0
q
O
0
q
O
0
q
P
Output
lights-out
"L"
Note
↑: Change from low-level to high-level
Q0: Output state Q before CK
L changed
X: Irrelevant
q
0: Contents of shift register before CK
S changed
q: Contents of shift register
t1, t2: t2 is set after t1 is set
Z: High impedance


Similar Part No. - M66311FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M66311FP MITSUBISHI-M66311FP Datasheet
213Kb / 5P
   16-BIT LED DRIVER WITH SHIFT REGISTER AND LATCH?
More results

Similar Description - M66311FP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M66310P RENESAS-M66310P Datasheet
169Kb / 10P
   16-Bit LED Driver with Shift Register and Latch
R8A66160DD RENESAS-R8A66160DD Datasheet
586Kb / 8P
   16-BIT LED DRIVER WITH SHIFT REGISTER AND LATCH
R8A66161DD RENESAS-R8A66161DD Datasheet
682Kb / 8P
   16-BIT LED DRIVER WITH SHIFT REGISTER AND LATCH
logo
Mitsubishi Electric Sem...
M66310P MITSUBISHI-M66310P Datasheet
221Kb / 5P
   16-BIT LED DRIVER WITH SHIFT REGISTER AND LATCH
M66311P MITSUBISHI-M66311P Datasheet
213Kb / 5P
   16-BIT LED DRIVER WITH SHIFT REGISTER AND LATCH?
M66503ASP MITSUBISHI-M66503ASP Datasheet
114Kb / 8P
   16-BIT CONSTANT CURRENT LED DRIVER with SHIFT REGISTER AND LATCH
logo
Renesas Technology Corp
R8A66162SP RENESAS-R8A66162SP Datasheet
476Kb / 8P
   32-BIT LED DRIVER WITH SHIFT REGISTER AND LATCH
M66313FP RENESAS-M66313FP Datasheet
157Kb / 10P
   32-Bit LED Driver with Shift Register and Latch
logo
Mitsubishi Electric Sem...
M66313FP MITSUBISHI-M66313FP Datasheet
215Kb / 6P
   32-BIT LED DRIVER WITH SHIFT REGISTER AND LATCH?
logo
Marktech Corporate
TB62708N MARKTECH-TB62708N Datasheet
305Kb / 9P
   16 Bit Constant Current LED Source Driver with Shift Register and Latch Functions
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com