Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M66310FP Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # M66310FP
Description  16-Bit LED Driver with Shift Register and Latch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M66310FP Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button M66310FP Datasheet HTML 2Page - Renesas Technology Corp M66310FP Datasheet HTML 3Page - Renesas Technology Corp M66310FP Datasheet HTML 4Page - Renesas Technology Corp M66310FP Datasheet HTML 5Page - Renesas Technology Corp M66310FP Datasheet HTML 6Page - Renesas Technology Corp M66310FP Datasheet HTML 7Page - Renesas Technology Corp M66310FP Datasheet HTML 8Page - Renesas Technology Corp M66310FP Datasheet HTML 9Page - Renesas Technology Corp M66310FP Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
M66310P/FP
REJ03F0176-0201 Rev.2.01 Mar 31, 2008
Page 9 of 9
Package Dimensions
3.3
A2
1.3
1.0
0.9
b2
7.92
7.32
7.62
e1
0.6
0.5
0.4
bp
Previous Code
JEITA Package Code
RENESAS Code
PRDP0024AA-A
24P4D
MASS[Typ.]
1.6g
P-DIP24-6.3x29.2-2.54
0.34
0.27
0.22
Max
Nom
Min
Dimension in Millimeters
Symbol
Reference
29.4
29.2
29.0
D
6.45
6.3
6.15
E
A
1.8
1.5
1.4
0.51
3.0
L
c
2.54
e
15°
b3
A1
4.5
2.29
2.79
INCLUDE TRIM OFFSET.
DIMENSION "*3" DOES NOT
NOTE)
DO NOT INCLUDE MOLD FLASH.
DIMENSIONS "*1" AND "*2"
1.
2.
*3
*3
*2
SEATING PLANE
24
13
12
1
b2
bp
b3
e
D
SOP24-P-300-1.27
JEDEC Code
24P2N-B
Plastic 24pin 300mil SOP
Symbol
Min
Nom
Max
A
A2
b
c
D
E
L
L1
y
Dimension in Millimeters
HE
A1
I2
.35
0
0
.18
0
.92
14
.2
5
.82
7
.3
0
.1
0
.8
1
.4
0
.2
0
.02
15
.3
5
.27
1
.12
8
.5
0
.41
1
.62
7
.27
1
.2
0
.1
2
.5
0
.25
0
.12
15
.4
5
.42
8
.7
0
.1
0
b2
0.76
10°
e
e1
24
13
12
1
D
e
F
A
A2
A1
c
e
b2
Detail F
Detail G
z
Z1
x
Z1
0.525
0.675
0.25
z
G
y
b
x
M
——
——
——
——
——
——
Lead Material
Cu Alloy
Weight(g)
EIAJ Package Code
Recommended Mount Pad


Similar Part No. - M66310FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M66310FP MITSUBISHI-M66310FP Datasheet
221Kb / 5P
   16-BIT LED DRIVER WITH SHIFT REGISTER AND LATCH
More results

Similar Description - M66310FP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R8A66160DD RENESAS-R8A66160DD Datasheet
586Kb / 8P
   16-BIT LED DRIVER WITH SHIFT REGISTER AND LATCH
R8A66161DD RENESAS-R8A66161DD Datasheet
682Kb / 8P
   16-BIT LED DRIVER WITH SHIFT REGISTER AND LATCH
logo
Mitsubishi Electric Sem...
M66310P MITSUBISHI-M66310P Datasheet
221Kb / 5P
   16-BIT LED DRIVER WITH SHIFT REGISTER AND LATCH
M66311P MITSUBISHI-M66311P Datasheet
213Kb / 5P
   16-BIT LED DRIVER WITH SHIFT REGISTER AND LATCH?
logo
Renesas Technology Corp
M66311P RENESAS-M66311P Datasheet
168Kb / 10P
   16-Bit LED Driver with Shift Register and Latch
logo
Mitsubishi Electric Sem...
M66503ASP MITSUBISHI-M66503ASP Datasheet
114Kb / 8P
   16-BIT CONSTANT CURRENT LED DRIVER with SHIFT REGISTER AND LATCH
logo
Renesas Technology Corp
R8A66162SP RENESAS-R8A66162SP Datasheet
476Kb / 8P
   32-BIT LED DRIVER WITH SHIFT REGISTER AND LATCH
M66313FP RENESAS-M66313FP Datasheet
157Kb / 10P
   32-Bit LED Driver with Shift Register and Latch
logo
Mitsubishi Electric Sem...
M66313FP MITSUBISHI-M66313FP Datasheet
215Kb / 6P
   32-BIT LED DRIVER WITH SHIFT REGISTER AND LATCH?
logo
Marktech Corporate
TB62708N MARKTECH-TB62708N Datasheet
305Kb / 9P
   16 Bit Constant Current LED Source Driver with Shift Register and Latch Functions
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com