Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M66288FP Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # M66288FP
Description  262144-word x 8-bit x 3-FIFO MEMORY
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M66288FP Datasheet(HTML) 4 Page - Renesas Technology Corp

  M66288FP Datasheet HTML 1Page - Renesas Technology Corp M66288FP Datasheet HTML 2Page - Renesas Technology Corp M66288FP Datasheet HTML 3Page - Renesas Technology Corp M66288FP Datasheet HTML 4Page - Renesas Technology Corp M66288FP Datasheet HTML 5Page - Renesas Technology Corp M66288FP Datasheet HTML 6Page - Renesas Technology Corp M66288FP Datasheet HTML 7Page - Renesas Technology Corp M66288FP Datasheet HTML 8Page - Renesas Technology Corp M66288FP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
M66288FP
REJ03F0156-0310 Rev.3.10 Apr.04.2008
Page 4 of 23
Pin Function Descriptions
Pin name
Name
Input /
Output
Number
of pins
Function
WCK x
Write clock input
Input
3
They are write clock inputs.
WE x
Write enable input
Input
3
They are write enable control inputs.
When they are "L", a write enable status is provided.
WRES x
Write reset input
Input
3
They are write reset inputs to initialize a write address
counter of internal FIFO.
When they are "L", a write reset status is provided.
RCK x
Read clock input
Input
3
They are read clock inputs.
RE x
Read enable input
Input
3
They are read enable control inputs.
When they are "L", a read enable status is provided.
RRES x
Read reset input
Input
3
They are read reset inputs to initialize a read address
counter of internal FIFO.
When they are "L", a read reset status is provided.
Dx <7:0>
Data input
Input
24
They are 8-bit input data bus.
Qx <7:0>
Data output
Output
24
They are 8-bit output data bus.
MODE<3:1>
Mode setting input
Input
3
They are operation mode setting inputs.
For setting, refer to Mode setting table of Page5.
TEST<3:1>
Test setting input
Input
3
They are test setting inputs.
Setting of TEST1 depends on the rising time of the 1.8 V
system power supply. For further details, refer to page 12.
TEST2 and TEST3 should be fixed at "L".
VccIO
Power supply pin for
I/O
-
9
This is a 3.3 V power supply pin for I/O.
Vcc18
Power supply pin for
internal circuit
-
5
This is a 1.8 V power supply pin for internal circuit.
GND
Ground pin
-
14
This is a ground pin.
Note: X of the pin name shows A, B and C.
A = A-system, B = B-system, C = C-system.


Similar Part No. - M66288FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M66280FP MITSUBISHI-M66280FP Datasheet
111Kb / 12P
   5120 x 8-BIT LINE MEMORY
logo
Renesas Technology Corp
M66280FP RENESAS-M66280FP Datasheet
159Kb / 14P
   5120 횞 8-Bit Line Memory
logo
Mitsubishi Electric Sem...
M66281FP MITSUBISHI-M66281FP Datasheet
125Kb / 13P
   5120 x 8-BIT x 2 LINE MEMORY
logo
Renesas Technology Corp
M66281FP RENESAS-M66281FP Datasheet
175Kb / 16P
   5120 횞 8-Bit 횞 2 Line Memory
logo
Mitsubishi Electric Sem...
M66282FP MITSUBISHI-M66282FP Datasheet
83Kb / 12P
   8192 x 8-BIT LINE MEMORY
More results

Similar Description - M66288FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M66287FP MITSUBISHI-M66287FP Datasheet
196Kb / 21P
   262144-word x 8-bit x 3-FIELD MEMORY
logo
OKI electronic componet...
MS81V10160 OKI-MS81V10160 Datasheet
266Kb / 18P
   (664,320-word x 16-bit) FIFO memory
logo
Mitsubishi Electric Sem...
M66257FP MITSUBISHI-M66257FP Datasheet
122Kb / 10P
   5120 x 8-BIT x 2 LINE MEMORY (FIFO)
logo
List of Unclassifed Man...
AL440B-12 ETC-AL440B-12 Datasheet
672Kb / 33P
   4Mbits (512k x 8-bit) FIFO memory
logo
Mitsubishi Electric Sem...
M66252P MITSUBISHI-M66252P Datasheet
145Kb / 11P
   1152 x 8-BIT LINE MEMORY FIFO
logo
Zarlink Semiconductor I...
MJ2812 ZARLINK-MJ2812 Datasheet
681Kb / 6P
   32 WORDS X 8 BIT FIFO MEMORY
logo
Mitsubishi Electric Sem...
M66256FP MITSUBISHI-M66256FP Datasheet
148Kb / 11P
   5120 x 8-BIT LINE MEMORY (FIFO)
logo
OKI electronic componet...
MSM518222 OKI-MSM518222 Datasheet
182Kb / 16P
   262,214-Word x 8-Bit Field Memory
logo
Hitachi Semiconductor
HM530281R HITACHI-HM530281R Datasheet
311Kb / 47P
   331,776-word x 8-bit Frame Memory
logo
OKI electronic componet...
MSM518221 OKI-MSM518221 Datasheet
182Kb / 16P
   262,214-Word x 8-Bit Field Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com