Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RKP400KS Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # RKP400KS
Description  Composite Pin Diode for Antenna Switching
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RKP400KS Datasheet(HTML) 3 Page - Renesas Technology Corp

  RKP400KS Datasheet HTML 1Page - Renesas Technology Corp RKP400KS Datasheet HTML 2Page - Renesas Technology Corp RKP400KS Datasheet HTML 3Page - Renesas Technology Corp RKP400KS Datasheet HTML 4Page - Renesas Technology Corp RKP400KS Datasheet HTML 5Page - Renesas Technology Corp RKP400KS Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
RKP400KS
Rev.2.00 Jul 03, 2006 page 3 of 5
Main Characteristic (HVL142AM Series)
040
10
30
20
50
10
10
1.0
0.1
1.0
f = 1MHz
0
0.2
0.4
0.6
0.8
1.0
10
4
10
3
10
2
10
1
0.1
f = 100MHz
10
11
10
10
10
9
10
8
10
7
10
13
10
12
10
10
10
8
10
6
10
4
10
2
10
12
10
1
10
1
10
0
10
2
10
3
Fig.4 Forward resistance vs. Forward current
Forward current IF
(A)
Fig.3 Capacitance vs. Reverse voltage
Reverse voltage VR (V)
Fig.2 Reverse current vs. Reverse voltage
Reverse voltage VR (V)
Fig.1 Forward current vs. Forward voltage
Forward voltage VF (V)


Similar Part No. - RKP400KS

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RKP401KS RENESAS-RKP401KS Datasheet
78Kb / 6P
   Composite Pin Diode for Antenna Switching
RKP402KS RENESAS-RKP402KS Datasheet
55Kb / 5P
   Silicon Epitaxial Planar Pin Diode for Antenna Switching
RKP403KS RENESAS-RKP403KS Datasheet
78Kb / 6P
   Composite Pin Diode for Antenna Switching
RKP404KS RENESAS-RKP404KS Datasheet
78Kb / 6P
   Composite Pin Diode for Antenna Switching
RKP405KS RENESAS-RKP405KS Datasheet
69Kb / 5P
   Composite Pin Diode for Antenna Switching
More results

Similar Description - RKP400KS

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RKP405KS RENESAS-RKP405KS Datasheet
69Kb / 5P
   Composite Pin Diode for Antenna Switching
RKP404KS RENESAS-RKP404KS Datasheet
78Kb / 6P
   Composite Pin Diode for Antenna Switching
RKP401KS RENESAS-RKP401KS Datasheet
78Kb / 6P
   Composite Pin Diode for Antenna Switching
RKP407KS RENESAS-RKP407KS Datasheet
74Kb / 6P
   Composite Pin Diode for Antenna Switching
RKP412KS RENESAS-RKP412KS Datasheet
48Kb / 5P
   Composite Pin Diode for Antenna Switching
RKP415KS RENESAS-RKP415KS Datasheet
114Kb / 7P
   Composite Pin Diode for Antenna Switching
Nov 27, 2008
RKP406KS RENESAS-RKP406KS Datasheet
74Kb / 6P
   Composite Pin Diode for Antenna Switching
RKP410KS RENESAS-RKP410KS Datasheet
76Kb / 6P
   Composite Pin Diode for Antenna Switching
RKP408KS RENESAS-RKP408KS Datasheet
70Kb / 5P
   Composite Pin Diode for Antenna Switching
RKP409KS RENESAS-RKP409KS Datasheet
76Kb / 6P
   Composite Pin Diode for Antenna Switching
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com