Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RQK0302GGDQA Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # RQK0302GGDQA
Description  Silicon N Channel MOS FET Power Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RQK0302GGDQA Datasheet(HTML) 5 Page - Renesas Technology Corp

  RQK0302GGDQA Datasheet HTML 1Page - Renesas Technology Corp RQK0302GGDQA Datasheet HTML 2Page - Renesas Technology Corp RQK0302GGDQA Datasheet HTML 3Page - Renesas Technology Corp RQK0302GGDQA Datasheet HTML 4Page - Renesas Technology Corp RQK0302GGDQA Datasheet HTML 5Page - Renesas Technology Corp RQK0302GGDQA Datasheet HTML 6Page - Renesas Technology Corp RQK0302GGDQA Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
RQK0302GGDQA
Rev.4.00 Jun 15, 2006 page 5 of 6
Dynamic Input Characteristics
Gate Charge Qg (nC)
Switching Characteristics
Typical Capacitance vs.
Drain to Source Voltage
Drain to Source Voltage VDS (V)
Input Capacitance vs.
Gate to Source Voltage
Gate to Source Voltage VGS (V)
Reverse Drain Current vs.
Source to Drain Voltage
Source to Drain Voltage VSD (V)
Body-Drain Diode Forward Voltage vs.
Case Temperature
Case Temperature Tc (
°C)
Drain Current ID (A)
0
0.8
1.6
2.4
3.2
4.0
100
80
60
20
40
20
16
12
8
4
1
10
100
1000
0.01
0.1
1
10
0
5
10
15
20
25
1
100
1000
190
210
220
230
250
–10
–5
0
5
10
0
0.8
0.4
1.2
1.6
2.0
3
5
4
2
1
0
0.9
0.3
0.4
0.7
0.5
0.6
0.8
–25
0
25
50
75
100 125 150
ID = 2.7 A
Tc = 25°C
VDD =10 V
VDD = 25 V
VDS
VGS
10 V
25 V
0 V, –5V, –10V
Pulse Test
Tc = 25°C
VGS = 10 V
5V
1 mA
VGS = 0
Coss
Crss
0
30
10
VGS = 0 V
f = 1 MHz
240
200
1.0
ID = 10 mA
VDS = 0 V
f = 1 MHz
0
Ciss
td(off)
VDD = 10 V
VGS = 10 V
Rg = 4.7
PW = 5 µs
Tc = 25°C
td(on)
tr
tf


Similar Part No. - RQK0302GGDQA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RQK0302GGDQA RENESAS-RQK0302GGDQA Datasheet
89Kb / 7P
   Silicon N Channel MOS FET Power Switching
logo
VBsemi Electronics Co.,...
RQK0302GGDQATL-E VBSEMI-RQK0302GGDQATL-E Datasheet
476Kb / 9P
   N-Channel 30-V (D-S) MOSFET
logo
Renesas Technology Corp
RQK0302GGDQATL-H RENESAS-RQK0302GGDQATL-H Datasheet
89Kb / 7P
   Silicon N Channel MOS FET Power Switching
RQK0302GGDQA RENESAS-RQK0302GGDQA_11 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET Power Switching
RQK0302GGDQA RENESAS-RQK0302GGDQA_15 Datasheet
168Kb / 8P
   Silicon N Channel MOS FET Power Switching
More results

Similar Description - RQK0302GGDQA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RQM2201DNS RENESAS-RQM2201DNS Datasheet
120Kb / 8P
   Silicon N Channel MOS FET Power Switching
HITK0203MP RENESAS-HITK0203MP_12 Datasheet
104Kb / 7P
   Silicon N Channel MOS FET Power Switching
HITK0303MP RENESAS-HITK0303MP_13 Datasheet
103Kb / 7P
   Silicon N Channel MOS FET Power Switching
RQK0605JGDQA RENESAS-RQK0605JGDQA_11 Datasheet
90Kb / 7P
   Silicon N Channel MOS FET Power Switching
RQK0202RGDQA RENESAS-RQK0202RGDQA_11 Datasheet
91Kb / 7P
   Silicon N Channel MOS FET Power Switching
HAT2196C RENESAS-HAT2196C Datasheet
89Kb / 7P
   Silicon N Channel MOS FET Power Switching
RQK0302GGDQS RENESAS-RQK0302GGDQS Datasheet
89Kb / 7P
   Silicon N Channel MOS FET Power Switching
RQK0601AGDQS RENESAS-RQK0601AGDQS Datasheet
89Kb / 7P
   Silicon N Channel MOS FET Power Switching
RQK0605JGDQA RENESAS-RQK0605JGDQA Datasheet
92Kb / 7P
   Silicon N Channel MOS FET Power Switching
RQK0607AQDQS RENESAS-RQK0607AQDQS Datasheet
116Kb / 8P
   Silicon N Channel MOS FET Power Switching
RQK2001HQDQA RENESAS-RQK2001HQDQA Datasheet
124Kb / 8P
   Silicon N Channel MOS FET Power Switching
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com