Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M38587GF-XXXFP Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # M38587GF-XXXFP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38587GF-XXXFP Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button M38587GF-XXXFP Datasheet HTML 6Page - Renesas Technology Corp M38587GF-XXXFP Datasheet HTML 7Page - Renesas Technology Corp M38587GF-XXXFP Datasheet HTML 8Page - Renesas Technology Corp M38587GF-XXXFP Datasheet HTML 9Page - Renesas Technology Corp M38587GF-XXXFP Datasheet HTML 10Page - Renesas Technology Corp M38587GF-XXXFP Datasheet HTML 11Page - Renesas Technology Corp M38587GF-XXXFP Datasheet HTML 12Page - Renesas Technology Corp M38587GF-XXXFP Datasheet HTML 13Page - Renesas Technology Corp M38587GF-XXXFP Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 77 page
background image
Rev.1.10
Apr 3, 2006
page 10 of 75
REJ03B0139-0110
3858 Group
MEMORY
Special Function Register (SFR) Area
The Special Function Register area in the zero page contains
control registers such as I/O ports and timers.
RAM
RAM is used for data storage and for stack area of subroutine
calls and interrupts.
ROM
The first 128 bytes and the last 2 bytes of ROM are reserved for
device testing and the rest is user area for storing programs.
Interrupt Vector Area
The interrupt vector area contains reset and interrupt vectors.
Zero Page
Access to this area with only 2 bytes is possible in the zero page
addressing mode.
Special Page
Access to this area with only 2 bytes is possible in the special
page addressing mode.
Fig. 8 Memory map diagram
SFR area
Interrupt vector area
Reserved ROM area
010016
000016
004016
FF0016
FFDC16
192
256
384
512
640
768
896
1024
1536
2048
XXXX16
00FF16
013F16
01BF16
023F16
02BF16
033F16
03BF16
043F16
063F16
083F16
4096
8192
12288
16384
20480
24576
28672
32768
36864
40960
45056
49152
53248
57344
61440
F00016
E00016
D00016
C00016
B00016
A00016
900016
800016
700016
600016
500016
400016
300016
200016
100016
F08016
E08016
D08016
C08016
B08016
A08016
908016
808016
708016
608016
508016
408016
308016
208016
108016
YYYY16
ZZZZ16
RAM
ROM
ROM area
Reserved ROM area
(128 bytes)
Zero page
Special page
RAM area
RAM size
(bytes)
Address
XXXX16
ROM size
(bytes)
Address
YYYY16
Address
ZZZZ16
Not used
FFDB16
Reserved ROM area
(ROM code protect address)
FFFE16
FFFF16
ROM Code Protect Address (address FFDB16)
Address FFDB16, which is the reserved ROM area of QzROM, is
the ROM code protect address. "0016" is written into this address
when selecting the protect bit write by using a serial programmer
or selecting protect enabled for writing shipment by Renesas
Technology corp.. When "0016" is set to the ROM code protect ad-
dress, the protect function is enabled, so that reading or writing
from/to QzROM is disabled by a serial programmer.
As for the QzROM product in blank, the ROM code is protected by
selecting the protect bit write at ROM writing with a serial pro-
grammer.
As for the QzROM product shipped after writing, "0016" (protect
enabled) or "FF16" (protect disabled) is written into the ROM code
protect address when Renesas Technology corp. performs writing.
The writing of “0016” or “FF16” can be selected as ROM option
setup (“MASK option” written in the mask file converter) when or-
dering.
s Notes
Because the contents of RAM are indefinite at reset, set initial val-
ues before using.


Similar Part No. - M38587GF-XXXFP

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
M385 UTC-M385 Datasheet
155Kb / 6P
   MICROPOWER VOLTAGE REFERENCE
M385 UTC-M385 Datasheet
175Kb / 6P
   MICROPOWER VOLTAGE REFERENCE
M385 UTC-M385 Datasheet
154Kb / 6P
   MICROPOWER VOLTAGE REFERENCE
logo
Renesas Technology Corp
M3850 RENESAS-M3850 Datasheet
837Kb / 88P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
logo
Heyco.
M3850 HEYCO-M3850 Datasheet
230Kb / 1P
   Tite Snap-In-2® Liquid Tight Cordgrips
More results

Similar Description - M38587GF-XXXFP

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com