Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJK0304DPB-00-J0 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # RJK0304DPB-00-J0
Description  Silicon N Channel Power MOS FET Power Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJK0304DPB-00-J0 Datasheet(HTML) 1 Page - Renesas Technology Corp

  RJK0304DPB-00-J0 Datasheet HTML 1Page - Renesas Technology Corp RJK0304DPB-00-J0 Datasheet HTML 2Page - Renesas Technology Corp RJK0304DPB-00-J0 Datasheet HTML 3Page - Renesas Technology Corp RJK0304DPB-00-J0 Datasheet HTML 4Page - Renesas Technology Corp RJK0304DPB-00-J0 Datasheet HTML 5Page - Renesas Technology Corp RJK0304DPB-00-J0 Datasheet HTML 6Page - Renesas Technology Corp RJK0304DPB-00-J0 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Rev.6.00 Apr 19, 2006 page 1 of 6
RJK0304DPB
Silicon N Channel Power MOS FET
Power Switching
REJ03G1352-0600
Rev.6.00
Apr 19, 2006
Features
• High speed switching
• Capable of 4.5 V gate drive
• Low drive current
• High density mounting
• Low on-resistance
RDS(on) = 4.0 mtyp. (at VGS = 10 V)
Outline
RENESAS Package code: PTZZ0005DA-A
(Package name: LFPAK)
G
D
SSS
4
1 23
5
1, 2, 3
Source
4
Gate
5
Drain
1 2
3 4
5
Absolute Maximum Ratings
(Ta = 25°C)
Item
Symbol
Ratings
Unit
Drain to source voltage
VDSS
30
V
Gate to source voltage
VGSS
+16/-12
V
Drain current
ID
35
A
Drain peak current
ID(pulse)
Note1
140
A
Body-drain diode reverse drain current
IDR
35
A
Avalanche current
IAP
Note 2
14
A
Avalanche energy
EAR
Note 2
19
mJ
Channel dissipation
Pch
Note3
50
W
Channel to Case Thermal Resistance
θch-C
2.5
°C/W
Channel temperature
Tch
150
°C
Storage temperature
Tstg
–55 to +150
°C
Notes: 1. PW
≤ 10 µs, duty cycle ≤ 1%
2. Value at Tch = 25
°C, Rg ≥ 50 Ω
3. Tc = 25
°C


Similar Part No. - RJK0304DPB-00-J0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK0301DPB RENESAS-RJK0301DPB Datasheet
83Kb / 7P
   Silicon N Channel Power MOS FET Power Switching
RJK0301DPB-00-J0 RENESAS-RJK0301DPB-00-J0 Datasheet
83Kb / 7P
   Silicon N Channel Power MOS FET Power Switching
RJK0301DPB-02 RENESAS-RJK0301DPB-02 Datasheet
135Kb / 7P
   30V, 60A, 2.8mΩ max. Silicon N Channel Power MOS FET Power Switching
Jan 07, 2015
RJK0301DPB-02 RENESAS-RJK0301DPB-02_15 Datasheet
136Kb / 7P
   30V, 60A, 2.8m廓 max. Silicon N Channel Power MOS FET Power Switching
RJK0302DPB RENESAS-RJK0302DPB Datasheet
117Kb / 7P
   Silicon N Channel Power MOS FET Power Switching
More results

Similar Description - RJK0304DPB-00-J0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT2299WP RENESAS-HAT2299WP Datasheet
108Kb / 7P
   Silicon N Channel Power MOS FET Power Switching
HAT2142H RENESAS-HAT2142H Datasheet
125Kb / 12P
   Silicon N Channel Power MOS FET Power Switching
HAT2171H RENESAS-HAT2171H_15 Datasheet
108Kb / 10P
   Silicon N Channel Power MOS FET Power Switching
HAT2183WP RENESAS-HAT2183WP_15 Datasheet
111Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
HAT2184WP RENESAS-HAT2184WP_15 Datasheet
130Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
HAT2169H RENESAS-HAT2169H_15 Datasheet
108Kb / 10P
   Silicon N Channel Power MOS FET Power Switching
HAT2096H RENESAS-HAT2096H_15 Datasheet
104Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
HAT2193WP RENESAS-HAT2193WP_15 Datasheet
121Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
HAT2201R RENESAS-HAT2201R_15 Datasheet
112Kb / 10P
   Silicon N Channel Power MOS FET Power Switching
HAT2201R RENESAS-HAT2201R_16 Datasheet
216Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
RJK0211DPA RENESAS-RJK0211DPA Datasheet
71Kb / 4P
   Silicon N Channel Power MOS FET Power Switching
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com