Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJJ0601JPE-00-J3 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # RJJ0601JPE-00-J3
Description  Silicon P Channel MOS FET High Speed Power Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJJ0601JPE-00-J3 Datasheet(HTML) 1 Page - Renesas Technology Corp

  RJJ0601JPE-00-J3 Datasheet HTML 1Page - Renesas Technology Corp RJJ0601JPE-00-J3 Datasheet HTML 2Page - Renesas Technology Corp RJJ0601JPE-00-J3 Datasheet HTML 3Page - Renesas Technology Corp RJJ0601JPE-00-J3 Datasheet HTML 4Page - Renesas Technology Corp RJJ0601JPE-00-J3 Datasheet HTML 5Page - Renesas Technology Corp RJJ0601JPE-00-J3 Datasheet HTML 6Page - Renesas Technology Corp RJJ0601JPE-00-J3 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
REJ03G1603-0100
Rev.1.00
Nov 21, 2007
Page 1 of 6
RJJ0601JPE
Silicon P Channel MOS FET
High Speed Power Switching
REJ03G1603-0100
Rev.1.00
Nov 21, 2007
Features
• Low on-resistance
RDS(on) = 8.2 m
Ω typ.
• Capable of 4.5 V gate drive
• High speed switching
Outline
1
2
3
4
RENESAS Package code: PRSS0004AE-B
(Package name: LDPAK(S)-(1) )
1. Gate
2. Drain
3. Source
4. Drain
1
2, 4
3
D
G
S
Absolute Maximum Ratings
(Ta = 25
°C)
Item
Symbol
Value
Unit
Drain to source voltage
VDSS
–60
V
Gate to source voltage
VGSS
±20
V
Drain current
ID
–90
A
Drain peak current
ID (pulse)
Note1
–360
A
Body-drain diode reverse drain current
IDR
–90
A
Avalanche current
IAP
Note3
–40
A
Avalanche energy
EAR
Note3
137
mJ
Channel dissipation
Pch
Note2
90
W
Channel temperature
Tch
150
°C
Storage temperature
Tstg
–55 to +150
°C
Notes: 1. PW
≤ 10 µs, duty cycle ≤ 1%
2. Value at Tc = 25
°C
3. Value at Tch = 25
°C, Rg ≥ 50 Ω
Thermal Impedance Characteristics
• Channel to case thermal impedance θch-c: 1.39°C/W


Similar Part No. - RJJ0601JPE-00-J3

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJJ0601JPN RENESAS-RJJ0601JPN Datasheet
206Kb / 7P
   Silicon P Channel MOS FET High Speed Power Switching
RJJ0601JPN-00-02 RENESAS-RJJ0601JPN-00-02 Datasheet
206Kb / 7P
   Silicon P Channel MOS FET High Speed Power Switching
More results

Similar Description - RJJ0601JPE-00-J3

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SJ484 HITACHI-2SJ484 Datasheet
43Kb / 9P
   Silicon P-Channel MOS FET High Speed Power Switching
2SJ517 HITACHI-2SJ517 Datasheet
43Kb / 8P
   Silicon P Channel MOS FET High Speed Power Switching
2SJ534 HITACHI-2SJ534 Datasheet
52Kb / 9P
   Silicon P Channel MOS FET High Speed Power Switching
2SJ544 HITACHI-2SJ544 Datasheet
54Kb / 9P
   Silicon P Channel MOS FET High Speed Power Switching
2SJ174 HITACHI-2SJ174 Datasheet
571Kb / 4P
   SILICON P-CHANNEL MOS FET HIGH SPEED POWER SWITCHING
2SJ177 HITACHI-2SJ177 Datasheet
268Kb / 2P
   SILICON P-CHANNEL MOS FET HIGH SPEED POWER SWITCHING
2SJ220L HITACHI-2SJ220L Datasheet
171Kb / 1P
   SILICON P-CHANNEL MOS FET HIGH SPEED POWER SWITCHING
2SJ505 HITACHI-2SJ505 Datasheet
54Kb / 10P
   Silicon P Channel MOS FET High Speed Power Switching
2SJ506 HITACHI-2SJ506 Datasheet
50Kb / 10P
   Silicon P Channel MOS FET High Speed Power Switching
2SJ526 HITACHI-2SJ526 Datasheet
51Kb / 9P
   Silicon P Channel MOS FET High Speed Power Switching
2SJ527 HITACHI-2SJ527 Datasheet
54Kb / 9P
   Silicon P Channel MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com