Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RD151TS3325ARPH0 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # RD151TS3325ARPH0
Description  Spread Spectrum Clock for EMI Solution
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RD151TS3325ARPH0 Datasheet(HTML) 4 Page - Renesas Technology Corp

  RD151TS3325ARPH0 Datasheet HTML 1Page - Renesas Technology Corp RD151TS3325ARPH0 Datasheet HTML 2Page - Renesas Technology Corp RD151TS3325ARPH0 Datasheet HTML 3Page - Renesas Technology Corp RD151TS3325ARPH0 Datasheet HTML 4Page - Renesas Technology Corp RD151TS3325ARPH0 Datasheet HTML 5Page - Renesas Technology Corp RD151TS3325ARPH0 Datasheet HTML 6Page - Renesas Technology Corp RD151TS3325ARPH0 Datasheet HTML 7Page - Renesas Technology Corp RD151TS3325ARPH0 Datasheet HTML 8Page - Renesas Technology Corp RD151TS3325ARPH0 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
RD151TS3315ARP, RD151TS3325ARP
Rev.1.00 May 11, 2006 page 4 of 8
AC Electrical Characteristics / SSC Clock Output
Ta = 25°C, VDD = 3.3 V, CL = 15 pF
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Notes
Operating current
IDD
24
30
mA
VDD = 3.3 V, CL = 15 pF,
XIN = 40 MHz
Cycle to cycle jitter *
1
tCCS
|100|
ps
SEL = 0, CL = 0 pF
SSC =
±1.5% (TS3315ARP)
SSC = –3.0% (TS3325ARP)
Figure 1
Slew rate
tSL
2.0
5.0
V/ns
VDD = 3.3 V,
0.2
× VDD to 0.8 × VDD
Clock duty cycle
45
50
55
%
Stabilization time
*2
2
ms
Notes: Parameters are target of design. Not 100% tested in production.
1. Cycle to cycle jitter is included spread spectrum modulation.
2. Stabilization time is the time required for the integrated circuit to obtain phase lock of its input signal after
power up.
SSCOUT
tcycle n
tCCS = (tcycle n) (tcycle n+1)
tcycle n+1
Figure 1 Cycle to cycle jitter


Similar Part No. - RD151TS3325ARPH0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RD151TS3322ARP RENESAS-RD151TS3322ARP Datasheet
93Kb / 9P
   Spread Spectrum Clock for EMI Solution
RD151TS3322ARPH0 RENESAS-RD151TS3322ARPH0 Datasheet
93Kb / 9P
   Spread Spectrum Clock for EMI Solution
RD151TS3323ARPH0 RENESAS-RD151TS3323ARPH0 Datasheet
93Kb / 9P
   Spread Spectrum Clock for EMI Solution
RD151TS3324ARP RENESAS-RD151TS3324ARP Datasheet
93Kb / 9P
   Spread Spectrum Clock for EMI Solution
RD151TS3324ARPH0 RENESAS-RD151TS3324ARPH0 Datasheet
93Kb / 9P
   Spread Spectrum Clock for EMI Solution
More results

Similar Description - RD151TS3325ARPH0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RD151TS3313ARP RENESAS-RD151TS3313ARP Datasheet
93Kb / 9P
   Spread Spectrum Clock for EMI Solution
HD151TS303RP RENESAS-HD151TS303RP Datasheet
183Kb / 9P
   Spread Spectrum Clock for EMI Solution
RD151TS3314ARP RENESAS-RD151TS3314ARP_15 Datasheet
109Kb / 11P
   Spread Spectrum Clock for EMI Solution
RD151TS3314ARP RENESAS-RD151TS3314ARP Datasheet
93Kb / 9P
   Spread Spectrum Clock for EMI Solution
RD151TS3316ARP RENESAS-RD151TS3316ARP Datasheet
93Kb / 9P
   Spread Spectrum Clock for EMI Solution
HD151TS305RP RENESAS-HD151TS305RP Datasheet
82Kb / 10P
   Spread Spectrum Clock for EMI Solution
HD151TS304ARP RENESAS-HD151TS304ARP Datasheet
75Kb / 12P
   Spread Spectrum Clock for EMI Solution
RD151TS3313ARP RENESAS-RD151TS3313ARP_15 Datasheet
109Kb / 11P
   Spread Spectrum Clock for EMI Solution
RD151TS3316ARP RENESAS-RD151TS3316ARP_15 Datasheet
109Kb / 11P
   Spread Spectrum Clock for EMI Solution
HD151TS307ARP RENESAS-HD151TS307ARP Datasheet
69Kb / 9P
   Spread Spectrum Clock for EMI Solution
logo
Hitachi Semiconductor
HD151TS302RP HITACHI-HD151TS302RP Datasheet
64Kb / 9P
   Spread Spectrum Clock for EMI Solution
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com