Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RD151TS3312ARP Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # RD151TS3312ARP
Description  Spread Spectrum Clock for EMI Solution
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RD151TS3312ARP Datasheet(HTML) 2 Page - Renesas Technology Corp

  RD151TS3312ARP Datasheet HTML 1Page - Renesas Technology Corp RD151TS3312ARP Datasheet HTML 2Page - Renesas Technology Corp RD151TS3312ARP Datasheet HTML 3Page - Renesas Technology Corp RD151TS3312ARP Datasheet HTML 4Page - Renesas Technology Corp RD151TS3312ARP Datasheet HTML 5Page - Renesas Technology Corp RD151TS3312ARP Datasheet HTML 6Page - Renesas Technology Corp RD151TS3312ARP Datasheet HTML 7Page - Renesas Technology Corp RD151TS3312ARP Datasheet HTML 8Page - Renesas Technology Corp RD151TS3312ARP Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
RD151TS3312ARP, RD151TS3322ARP
Rev.1.00 May 11, 2006 page 2 of 8
Pin Arrangement
(Top view)
8
VDD
1
7
SEL
6
SSCOUT
5
GND
XIN
2
XOUT
3
4
SSN
NC
Pin Descriptions
Pin name
No.
Type
Description
GND
5
Ground
GND pin
VDD
8
Power
Power supply pin.
NC
3
NC
Don’t connect any VDD or GND.
SSCOUT
6
Output
Spread spectrum modulated clock output.
XIN
1
Input
Oscillator input.
XOUT
2
Output
Oscillator output.
SEL
7
Input
SSC% mode select pin. LVCMOS level input.
Pull-down by internal resistor (350 k
Ω).
SSN
4
Input
SSC ON/OFF select pin. LVCMOS level input.
Pull–down by internal resistor (350 k
Ω).
SSC Function Table
STB
SEL
RD151TS3312ARP(Central spread)
RD151TS3322ARP(Down spread)
0
0
±1.5%*1
–3.0%*
1
0
1
±0.5%
–1.0%
1
0
1
1
OFF
OFF
Note:
1.
±1.5%(TS3312ARP) / -3.0%(TS3322ARP) SSC is selected for default by internal pull-down resistors.
Clock Frequency Table
PRODUCT
XIN(MHz)
SSCOUT(MHz)
Multiply rate (XIN: SSCOUT)
RD151TS3312ARP
10 to 20
10 to 20
1:1
RD151TS3322ARP
10 to 20
10 to 20
1:1


Similar Part No. - RD151TS3312ARP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RD151TS3312ARP RENESAS-RD151TS3312ARP_15 Datasheet
109Kb / 11P
   Spread Spectrum Clock for EMI Solution
More results

Similar Description - RD151TS3312ARP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RD151TS3313ARP RENESAS-RD151TS3313ARP Datasheet
93Kb / 9P
   Spread Spectrum Clock for EMI Solution
HD151TS303RP RENESAS-HD151TS303RP Datasheet
183Kb / 9P
   Spread Spectrum Clock for EMI Solution
RD151TS3314ARP RENESAS-RD151TS3314ARP_15 Datasheet
109Kb / 11P
   Spread Spectrum Clock for EMI Solution
RD151TS3314ARP RENESAS-RD151TS3314ARP Datasheet
93Kb / 9P
   Spread Spectrum Clock for EMI Solution
RD151TS3316ARP RENESAS-RD151TS3316ARP Datasheet
93Kb / 9P
   Spread Spectrum Clock for EMI Solution
HD151TS305RP RENESAS-HD151TS305RP Datasheet
82Kb / 10P
   Spread Spectrum Clock for EMI Solution
HD151TS304ARP RENESAS-HD151TS304ARP Datasheet
75Kb / 12P
   Spread Spectrum Clock for EMI Solution
RD151TS3313ARP RENESAS-RD151TS3313ARP_15 Datasheet
109Kb / 11P
   Spread Spectrum Clock for EMI Solution
RD151TS3316ARP RENESAS-RD151TS3316ARP_15 Datasheet
109Kb / 11P
   Spread Spectrum Clock for EMI Solution
HD151TS307ARP RENESAS-HD151TS307ARP Datasheet
69Kb / 9P
   Spread Spectrum Clock for EMI Solution
logo
Hitachi Semiconductor
HD151TS302RP HITACHI-HD151TS302RP Datasheet
64Kb / 9P
   Spread Spectrum Clock for EMI Solution
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com