Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STTA112U Datasheet(PDF) 1 Page - STMicroelectronics

Part # STTA112U
Description  TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTA112U Datasheet(HTML) 1 Page - STMicroelectronics

  STTA112U Datasheet HTML 1Page - STMicroelectronics STTA112U Datasheet HTML 2Page - STMicroelectronics STTA112U Datasheet HTML 3Page - STMicroelectronics STTA112U Datasheet HTML 4Page - STMicroelectronics STTA112U Datasheet HTML 5Page - STMicroelectronics STTA112U Datasheet HTML 6Page - STMicroelectronics STTA112U Datasheet HTML 7Page - STMicroelectronics STTA112U Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TURBOSWITCH is a trademark of STMicroelectronics
November 1999 - Ed: 5A
SPECIFIC TO THE FOLLOWING OPERATIONS:
SNUBBING OR CLAMPING, DEMAGNETIZATION
AND RECTIFICATION
ULTRA-FAST AND SOFT RECOVERY
VERY LOW OVERALL POWER LOSSES IN
BOTH THE DIODE AND THE COMPANION
TRANSISTOR
HIGH FREQUENCY OPERATION
HIGH REVERSE VOLTAGE CAPABILITY
FEATURES AND BENEFITS
TURBOSWITCH 1200V drastically cuts losses in
all high voltage operationswhich require extremely
fast, soft and noise-free power diodes.
Due to their optimized switching performances
they also highly decrease power losses in any
associated switching IGBT or MOSFET in all
freewheel mode operations.
They are particularly suitable in motor control
circuitries, or in primary of SMPS as snubber,
clamping or demagnetizing diodes. They are also
suitablefor the secondaryof SMPSas high voltage
rectifier diodes.
DESCRIPTION
IF(AV)
1A
VRRM
1200V
trr (typ)
65ns
VF (max)
1.5V
MAIN PRODUCT CHARACTERISTICS
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
1200
V
IF(RMS)
RMS forward current
6
A
IFRM
Repetitive peak forward current
tp = 5
µs F = 5kHz square
10
A
IFSM
Surge non repetitive forward current
tp = 10ms sinusoidal
20
A
Tstg
Storage temperature range
- 65 to + 150
°C
Tj
Maximum operating junction temperature
125
°C
ABSOLUTE RATINGS (limiting values)
STTA112U
®
TURBOSWITCH
™ ULTRA-FAST HIGH VOLTAGE DIODE
SMB
1/8


Similar Part No. - STTA112U

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTA106 STMICROELECTRONICS-STTA106 Datasheet
97Kb / 8P
   TURBOSWITCH a ULTRA-FAST HIGH VOLTAGE DIODE
STTA106RL STMICROELECTRONICS-STTA106RL Datasheet
97Kb / 8P
   TURBOSWITCH a ULTRA-FAST HIGH VOLTAGE DIODE
STTA106U STMICROELECTRONICS-STTA106U Datasheet
97Kb / 8P
   TURBOSWITCH a ULTRA-FAST HIGH VOLTAGE DIODE
STTA12006TV1 STMICROELECTRONICS-STTA12006TV1 Datasheet
73Kb / 8P
   TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
STTA12006TV2 STMICROELECTRONICS-STTA12006TV2 Datasheet
73Kb / 8P
   TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
More results

Similar Description - STTA112U

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTA812D STMICROELECTRONICS-STTA812D Datasheet
91Kb / 10P
   TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
STTA806D STMICROELECTRONICS-STTA806D Datasheet
88Kb / 9P
   TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
STTA406 STMICROELECTRONICS-STTA406 Datasheet
53Kb / 5P
   TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
STTA6006P STMICROELECTRONICS-STTA6006P Datasheet
73Kb / 8P
   TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
STTA2006P STMICROELECTRONICS-STTA2006P Datasheet
71Kb / 8P
   TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
STTA212S STMICROELECTRONICS-STTA212S Datasheet
72Kb / 8P
   TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
STTA3006P STMICROELECTRONICS-STTA3006P Datasheet
82Kb / 9P
   TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
STTA806 STMICROELECTRONICS-STTA806 Datasheet
264Kb / 9P
   TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
STTA1212D STMICROELECTRONICS-STTA1212D Datasheet
67Kb / 8P
   TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
STTA2512P STMICROELECTRONICS-STTA2512P Datasheet
83Kb / 9P
   TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com