Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJL6013DPP Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # RJL6013DPP
Description  Silicon N Channel MOSFET High Speed Power Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJL6013DPP Datasheet(HTML) 6 Page - Renesas Technology Corp

  RJL6013DPP Datasheet HTML 1Page - Renesas Technology Corp RJL6013DPP Datasheet HTML 2Page - Renesas Technology Corp RJL6013DPP Datasheet HTML 3Page - Renesas Technology Corp RJL6013DPP Datasheet HTML 4Page - Renesas Technology Corp RJL6013DPP Datasheet HTML 5Page - Renesas Technology Corp RJL6013DPP Datasheet HTML 6Page - Renesas Technology Corp RJL6013DPP Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
RJL6013DPP
REJ03G1691-0200 Rev.2.00 Jun 13, 2008
Page 6 of 6
Package Dimensions
2.0g
MASS[Typ.]
PRSS0003AB-A
RENESAS Code
JEITA Package Code
Previous Code
Unit: mm
φ3.2 ± 0.2
2.8 ± 0.2
0.75 ± 0.15
0.75 ± 0.15
2.54 ± 0.25
2.54 ± 0.25
10 ± 0.3
1.1 ± 0.2
1.1 ± 0.2
Package Name
TO-220FN
Ordering Information
Part No.
Quantity
Shipping Container
RJL6013DPP-00-T2
1050 pcs
Box (Tube)


Similar Part No. - RJL6013DPP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJL6013DPE RENESAS-RJL6013DPE Datasheet
87Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
logo
VBsemi Electronics Co.,...
RJL6013DPE-00-J3 VBSEMI-RJL6013DPE-00-J3 Datasheet
1Mb / 10P
   N-Channel 650V (D-S)Power MOSFET
logo
Renesas Technology Corp
RJL6013DPE RENESAS-RJL6013DPE_15 Datasheet
87Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
More results

Similar Description - RJL6013DPP

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SK294 HITACHI-2SK294 Datasheet
47Kb / 1P
   SILICON N CHANNEL MOSFET HIGH SPEED POWER SWITCHING
logo
Renesas Technology Corp
RJK6022DJE RENESAS-RJK6022DJE Datasheet
102Kb / 7P
   Silicon N Channel MOSFET High Speed Power Switching
H7N1004DL RENESAS-H7N1004DL Datasheet
121Kb / 9P
   Silicon N-Channel MOSFET High-Speed Power Switching
RJK6026DPP RENESAS-RJK6026DPP Datasheet
105Kb / 7P
   Silicon N Channel MOSFET High Speed Power Switching
H7N1004LD RENESAS-H7N1004LD_15 Datasheet
126Kb / 14P
   Silicon N-Channel MOSFET High-Speed Power Switching
H7N1004DL RENESAS-H7N1004DL_15 Datasheet
137Kb / 11P
   Silicon N-Channel MOSFET High-Speed Power Switching
H7N1004FM RENESAS-H7N1004FM_12 Datasheet
94Kb / 8P
   Silicon N-Channel MOSFET High-Speed Power Switching
H7N1004LM RENESAS-H7N1004LM Datasheet
98Kb / 12P
   Silicon N-Channel MOSFET High-Speed Power Switching
HS54097 RENESAS-HS54097 Datasheet
71Kb / 4P
   Silicon N Channel MOSFET High Speed Power Switching
H5N2305PF RENESAS-H5N2305PF Datasheet
87Kb / 10P
   Silicon N Channel MOSFET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com