Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STT818B Datasheet(PDF) 2 Page - STMicroelectronics

Part # STT818B
Description  HIGH GAIN LOW VOLTAGE PNP POWER TRANSISTOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STT818B Datasheet(HTML) 2 Page - STMicroelectronics

  STT818B Datasheet HTML 1Page - STMicroelectronics STT818B Datasheet HTML 2Page - STMicroelectronics STT818B Datasheet HTML 3Page - STMicroelectronics STT818B Datasheet HTML 4Page - STMicroelectronics STT818B Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
THERMAL DATA
Rthj-amb
(1)
Thermal Resistance Junction-ambient
Max
104.2
oC/W
(1) Package mounted on FR4 pcb 25mm x 25mm.
ELECTRICAL CHARACTERISTICS (Tcase = 25
oC unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ICBO
Collector Cut-off
Current (IE = 0)
VCB = -30 V
VCB = -30 V
TC = 125
oC
-0.1
-20
µA
µA
IEBO
Emitter Cut-off Current
(IC = 0)
VEB = -5 V
-0.1
µA
V(BR)CEO
∗ Collector-Emitter
Breakdown Voltage
(IB = 0)
IC = -10 mA
-30
V
VCE(sat)
∗ Collector-Emitter
Saturation Voltage
IC = -0.5 A
IB = -5 mA
IC = -2 A
IB = -20 mA
IC = -1.2 A
IB = -20 mA
-0.075
-0.21
-0.15
-0.5
-0.25
V
V
V
VBE(sat)
∗ Base-Emitter
Saturation Voltage
IC = -0.5 A
IB = -5 mA
IC = -1.2 A
IB = -20 mA
IC = -2 A
IB = -20 mA
-0.74
-1.1
-1.1
-1.2
V
V
V
VBE(ON)
∗ Base-Emitter Voltage
IC = -0.5 A
VCE = -2 V
-0.71
-1.1
V
hFE
DC Current Gain
IC = -0.5 A
VCE = -1 V
IC = -2.5 A
VCE = -3 V
100
100
* Pulsed: Pulse duration = 300
µs, duty cycle 1.5 %.
Safe Operating Area
Derating Curve
STT818B
2/5


Similar Part No. - STT818B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STT818B STMICROELECTRONICS-STT818B Datasheet
147Kb / 10P
   High gain low voltage PNP power transistor
STT818B STMICROELECTRONICS-STT818B_07 Datasheet
147Kb / 10P
   High gain low voltage PNP power transistor
More results

Similar Description - STT818B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STT818B STMICROELECTRONICS-STT818B_07 Datasheet
147Kb / 10P
   High gain low voltage PNP power transistor
2STF2220 STMICROELECTRONICS-2STF2220_07 Datasheet
242Kb / 11P
   High gain Low Voltage PNP power transistor
2STF2220 STMICROELECTRONICS-2STF2220 Datasheet
230Kb / 11P
   High Gain Low Voltage PNP Power Transistor
STT818A STMICROELECTRONICS-STT818A Datasheet
87Kb / 6P
   HIGH GAIN LOW VOLTAGE PNP POWER TRANSISTOR
2STX2220 STMICROELECTRONICS-2STX2220 Datasheet
235Kb / 11P
   High Gain Low Voltage PNP Power Transistor
logo
Diodes Incorporated
ZXTP2009Z DIODES-ZXTP2009Z Datasheet
132Kb / 6P
   40V PNP HIGH GAIN LOW SATURATION MEDIUM POWER TRANSISTOR
logo
STMicroelectronics
3STL2540 STMICROELECTRONICS-3STL2540 Datasheet
235Kb / 11P
   Low voltage high performance PNP power transistor
logo
Diodes Incorporated
FZT1149A DIODES-FZT1149A_16 Datasheet
566Kb / 7P
   25V PNP MEDIUM POWER HIGH GAIN TRANSISTOR
FZT796A DIODES-FZT796A_16 Datasheet
801Kb / 7P
   200V PNP MEDIUM POWER HIGH GAIN TRANSISTOR
FZT788B DIODES-FZT788B_16 Datasheet
950Kb / 7P
   15V PNP MEDIUM POWER HIGH GAIN TRANSISTOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com