Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1Q4A3618RBG-40RT0 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # R1Q4A3618RBG-40RT0
Description  36-Mbit QDR?줚I SRAM 2-word Burst
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R1Q4A3618RBG-40RT0 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button R1Q4A3618RBG-40RT0 Datasheet HTML 2Page - Renesas Technology Corp R1Q4A3618RBG-40RT0 Datasheet HTML 3Page - Renesas Technology Corp R1Q4A3618RBG-40RT0 Datasheet HTML 4Page - Renesas Technology Corp R1Q4A3618RBG-40RT0 Datasheet HTML 5Page - Renesas Technology Corp R1Q4A3618RBG-40RT0 Datasheet HTML 6Page - Renesas Technology Corp R1Q4A3618RBG-40RT0 Datasheet HTML 7Page - Renesas Technology Corp R1Q4A3618RBG-40RT0 Datasheet HTML 8Page - Renesas Technology Corp R1Q4A3618RBG-40RT0 Datasheet HTML 9Page - Renesas Technology Corp R1Q4A3618RBG-40RT0 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
R1Q2A3636B/R1Q2A3618B/R1Q2A3609B
REJ03C0341-0003 Rev.0.03 Apr. 11, 2008
Page 6 of 24
Name
I/O type
Descriptions
Notes
VDD
Supply
Power supply: 1.8 V nominal. See DC Characteristics and Operating VDD Supply
Conditions for range.
VDDQ
Supply
Power supply: Isolated output buffer supply. Nominally 1.5 V. 1.8 V is also permissible.
See DC Characteristics and Operating Conditions for range.
VSS
Supply
Power supply: Ground.
VREF
HSTL input reference voltage: Nominally VDDQ/2, but may be adjusted to improve
system noise margin. Provides a reference voltage for the HSTL input buffers.
NC
No connect: These signals are not internally connected. These signals can be left
floating or connected to ground to improve package heat dissipation.
Notes: 1. All power supply and ground balls must be connected for proper operation of the device.
Block Diagram
(R1Q2A3636B / R1Q2A3618B / R1Q2A3609B series)
Address
Registry
and
Logic
Data
Registry
and
Logic
Memory
Array
Address
/R
/W
K
/K
/W
/BWx
D
(Data in)
/R
K
/K
72
/36
/18
72
/36
/18
19/20/21
36/18/9
36/18/9
Q
(Data out)
19/20/21
K
CC, /C
or
K, /K
ZQ
2
CQ
/CQ
72
/36
/18
4/2/1


Similar Part No. - R1Q4A3618RBG-40RT0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1Q4A3618B RENESAS-R1Q4A3618B Datasheet
222Kb / 26P
   36-Mbit DDRII SRAM 2-word Burst
R1Q4A3618BBG-33R RENESAS-R1Q4A3618BBG-33R Datasheet
222Kb / 26P
   36-Mbit DDRII SRAM 2-word Burst
R1Q4A3618BBG-40R RENESAS-R1Q4A3618BBG-40R Datasheet
222Kb / 26P
   36-Mbit DDRII SRAM 2-word Burst
R1Q4A3618BBG-50R RENESAS-R1Q4A3618BBG-50R Datasheet
222Kb / 26P
   36-Mbit DDRII SRAM 2-word Burst
R1Q4A3618BBG-60R RENESAS-R1Q4A3618BBG-60R Datasheet
222Kb / 26P
   36-Mbit DDRII SRAM 2-word Burst
More results

Similar Description - R1Q4A3618RBG-40RT0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1Q3A3636B RENESAS-R1Q3A3636B Datasheet
231Kb / 27P
   36-Mbit QDR?줚I SRAM 4-word Burst
R1QGA3636CBB RENESAS-R1QGA3636CBB_15 Datasheet
307Kb / 38P
   36-Mbit QDR?줚I SRAM 4-word Burst
R1QAA3636CBB RENESAS-R1QAA3636CBB_15 Datasheet
307Kb / 38P
   36-Mbit QDR?줚I SRAM 4-word Burst
R1Q2A7236ABB RENESAS-R1Q2A7236ABB_15 Datasheet
823Kb / 36P
   72-Mbit QDR?줚I SRAM 2-word Burst
R1Q2A7236ABG RENESAS-R1Q2A7236ABG_15 Datasheet
825Kb / 36P
   72-Mbit QDR?줚I SRAM 2-word Burst
R1QGA7236ABB RENESAS-R1QGA7236ABB_15 Datasheet
881Kb / 39P
   72-Mbit QDR?줚I SRAM 4-word Burst
R1Q3A7236ABB RENESAS-R1Q3A7236ABB_15 Datasheet
831Kb / 36P
   72-Mbit QDR?줚I SRAM 4-word Burst
RMQS2A3636DGBA RENESAS-RMQS2A3636DGBA_15 Datasheet
888Kb / 30P
   36-Mbit QDR??II SRAM 2-word Burst
R1QAA7236ABG RENESAS-R1QAA7236ABG_15 Datasheet
883Kb / 39P
   72-Mbit QDR?줚I SRAM 4-word Burst
R1QGA7236ABG RENESAS-R1QGA7236ABG_15 Datasheet
883Kb / 39P
   72-Mbit QDR?줚I SRAM 4-word Burst
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com