Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1Q4A7236RBG-40RT0 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # R1Q4A7236RBG-40RT0
Description  36-Mbit QDR?줚I SRAM 2-word Burst
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R1Q4A7236RBG-40RT0 Datasheet(HTML) 1 Page - Renesas Technology Corp

  R1Q4A7236RBG-40RT0 Datasheet HTML 1Page - Renesas Technology Corp R1Q4A7236RBG-40RT0 Datasheet HTML 2Page - Renesas Technology Corp R1Q4A7236RBG-40RT0 Datasheet HTML 3Page - Renesas Technology Corp R1Q4A7236RBG-40RT0 Datasheet HTML 4Page - Renesas Technology Corp R1Q4A7236RBG-40RT0 Datasheet HTML 5Page - Renesas Technology Corp R1Q4A7236RBG-40RT0 Datasheet HTML 6Page - Renesas Technology Corp R1Q4A7236RBG-40RT0 Datasheet HTML 7Page - Renesas Technology Corp R1Q4A7236RBG-40RT0 Datasheet HTML 8Page - Renesas Technology Corp R1Q4A7236RBG-40RT0 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
REJ03C0341-0003 Rev.0.03 Apr. 11, 2008
Page 1 of
24
R1Q2A3636B/R1Q2A3618B/R1Q2A3609B
36-Mbit QDR™II SRAM
2-word Burst
REJ03C0341-0003
Preliminary
Rev. 0.03
Apr. 11, 2008
Description
The R1Q2A3636B is a 1,048,576-word by 36-bit, the R1Q2A3618B is a 2,097,152-word by 18-bit, and the
R1Q2A3609B is a 4,194,304-word by 9-bit synchronous quad data rate static RAM fabricated with advanced CMOS
technology using full CMOS six-transistor memory cell. It integrates unique synchronous peripheral circuitry and a
burst counter. All input registers controlled by an input clock pair (K and /K) and are latched on the positive edge of K
and /K. These products are suitable for applications which require synchronous operation, high speed, low voltage, high
density and wide bit configuration. These products are packaged in 165-pin plastic FBGA package.
Features
• 1.8 V ± 0.1 V power supply for core (VDD)
• 1.4 V to VDD power supply for I/O (VDDQ)
• DLL circuitry for wide output data valid window and future frequency scaling
• Separate independent read and write data ports with concurrent transactions
• 100% bus utilization DDR read and write operation
• Two-tick burst for low DDR transaction size
• Two input clocks (K and /K) for precise DDR timing at clock rising edges only
• Two output clocks (C and /C) for precise flight time and clock skew matching-clock and data delivered together to
receiving device
• Internally self-timed write control
• Clock-stop capability with µs restart
• User programmable impedance output
• Fast clock cycle time: 4.0 ns (250 MHz)/5.0 ns (200 MHz)/6.0 ns (167 MHz)
• Simple control logic for easy depth expansion
• JTAG boundary scan
Notes: QDR RAMs and Quad Data Rate RAMs comprise a new family of products developed by Cypress
Semiconductor, IDT, NEC, Samsung, and Renesas Technology Corp.
Preliminary:
The specifications of this device are subject to change without notice. Please contact your nearest
Renesas Technology's Sales Dept. regarding specifications.


Similar Part No. - R1Q4A7236RBG-40RT0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1Q4A7236AB RENESAS-R1Q4A7236AB Datasheet
827Kb / 36P
   72-Mbit QDR SRAM 2-word Burst
R1Q4A7236AB RENESAS-R1Q4A7236AB Datasheet
828Kb / 36P
   72-Mbit QDR II SRAM 4-word Burst
R1Q4A7236AB RENESAS-R1Q4A7236AB Datasheet
844Kb / 36P
   72-Mbit DDRII SRAM 2-word Burst
R1Q4A7236AB RENESAS-R1Q4A7236AB Datasheet
841Kb / 36P
   72-Mbit DDRII SRAM 2-word Burst
R1Q4A7236AB RENESAS-R1Q4A7236AB Datasheet
881Kb / 39P
   72-Mbit QDR II SRAM 4-word Burst
More results

Similar Description - R1Q4A7236RBG-40RT0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1Q3A3636B RENESAS-R1Q3A3636B Datasheet
231Kb / 27P
   36-Mbit QDR?줚I SRAM 4-word Burst
R1QGA3636CBB RENESAS-R1QGA3636CBB_15 Datasheet
307Kb / 38P
   36-Mbit QDR?줚I SRAM 4-word Burst
R1QAA3636CBB RENESAS-R1QAA3636CBB_15 Datasheet
307Kb / 38P
   36-Mbit QDR?줚I SRAM 4-word Burst
R1Q2A7236ABB RENESAS-R1Q2A7236ABB_15 Datasheet
823Kb / 36P
   72-Mbit QDR?줚I SRAM 2-word Burst
R1Q2A7236ABG RENESAS-R1Q2A7236ABG_15 Datasheet
825Kb / 36P
   72-Mbit QDR?줚I SRAM 2-word Burst
R1QGA7236ABB RENESAS-R1QGA7236ABB_15 Datasheet
881Kb / 39P
   72-Mbit QDR?줚I SRAM 4-word Burst
R1Q3A7236ABB RENESAS-R1Q3A7236ABB_15 Datasheet
831Kb / 36P
   72-Mbit QDR?줚I SRAM 4-word Burst
RMQS2A3636DGBA RENESAS-RMQS2A3636DGBA_15 Datasheet
888Kb / 30P
   36-Mbit QDR??II SRAM 2-word Burst
R1QAA7236ABG RENESAS-R1QAA7236ABG_15 Datasheet
883Kb / 39P
   72-Mbit QDR?줚I SRAM 4-word Burst
R1QGA7236ABG RENESAS-R1QGA7236ABG_15 Datasheet
883Kb / 39P
   72-Mbit QDR?줚I SRAM 4-word Burst
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com