Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD74LS48P Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HD74LS48P
Description  BCD-to-Seven-Segment Decoder / Driver (Internal Pull-up outputs)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LS48P Datasheet(HTML) 4 Page - Renesas Technology Corp

  HD74LS48P Datasheet HTML 1Page - Renesas Technology Corp HD74LS48P Datasheet HTML 2Page - Renesas Technology Corp HD74LS48P Datasheet HTML 3Page - Renesas Technology Corp HD74LS48P Datasheet HTML 4Page - Renesas Technology Corp HD74LS48P Datasheet HTML 5Page - Renesas Technology Corp HD74LS48P Datasheet HTML 6Page - Renesas Technology Corp HD74LS48P Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
HD74LS48
Rev.3.00, Jul.22.2005, page 4 of 6
Electrical Characteristics
(Ta = –20 to +75 °C)
Item
Symbol
min.
typ.*
max.
Unit
Condition
VIH
2.0
V
Input voltage
VIL
0.8
V
a to g
2.4
V
IOH = –100
µA
BI / RBO
VOH
2.4
V
IOH = –50
µA
VCC = 4.75 V,
VIH = 2 V, VIL = 0.8 V
0.4
IOL = 2 mA
a to g
0.5
V
IOL = 6 mA
0.4
IOL = 1.6 mA
Output voltage
BI / RBO
VOL
0.5
V
IOL = 3.2 mA
VCC = 4.75 V,
VIH = 2 V, VIL = 0.8 V
Output current**
a to g
IO
–1.3
mA
VCC = 4.75 V, VO = 0.85 V,
IIH
20
µA
VCC = 5.25 V, VI = 2.7 V
except BI
/ RBO
–0.4
mA
VCC = 5.25 V, VI = 0.4 V
BI / RBO
IIL
–1.2
mA
VCC = 5.25 V, VI = 0.4 V
Input current
except BI
/ RBO
II
0.1
mA
VCC = 5.25 V, VI = 7 V
Short-circuit
output current
BI / RBO
IOS
–0.3
–2
mA
VCC = 5.25 V
Supply current***
ICC
25
38
mA
VCC = 5.25 V
Input clamp voltage
VIK
–1.5
V
VCC = 4.75 V, IIN = –18 mA
Notes: * VCC = 5 V, Ta = 25°C
** Input condition as for VOH
*** ICC is measured with all outputs open and inputs at 4.5 V.
Switching Characteristics
(VCC = 5 V, Ta = 25°C)
Item
Symbol
Input
min.
typ.
max.
Unit
Condition
tPHL
100
Turn-on time
tPLH
A
100
ns
CL = 15 pF, RL = 4 k
tPHL
100
Turn-off time
tPLH
RBI
100
ns
CL = 15 pF, RL = 6 k


Similar Part No. - HD74LS48P

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74LS48 HITACHI-HD74LS48 Datasheet
83Kb / 6P
   BCD-to-Seven-Segment Decoder Driver(Internal Pull-up outputs)
HD74LS48 HITACHI-HD74LS48 Datasheet
6Mb / 273P
   Ouadruple 2-input Positive NAND Gates
More results

Similar Description - HD74LS48P

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74LS48 HITACHI-HD74LS48 Datasheet
83Kb / 6P
   BCD-to-Seven-Segment Decoder Driver(Internal Pull-up outputs)
logo
Renesas Technology Corp
HD74LS248 RENESAS-HD74LS248 Datasheet
95Kb / 7P
   BCD-to-Seven-Segment Decoder / Driver (internal pull-up outputs)
logo
Hitachi Semiconductor
HD74LS248 HITACHI-HD74LS248 Datasheet
92Kb / 7P
   BCD-to-Seven-Segment Decoders/Drivers(internal pull-up outputs)
logo
Intersil Corporation
CA3161 INTERSIL-CA3161 Datasheet
17Kb / 4P
   BCD to Seven Segment Decoder/Driver
August 1997
logo
Renesas Technology Corp
CA3161 RENESAS-CA3161 Datasheet
264Kb / 3P
   BCD to Seven Segment Decoder/Driver
Aug 1997
logo
List of Unclassifed Man...
74248 ETC1-74248 Datasheet
75Kb / 1P
   BCD- to-Seven- Segment Decoder /Driver
logo
Hitachi Semiconductor
HD74LS47 HITACHI-HD74LS47 Datasheet
98Kb / 7P
   BCD-to-Seven Segment Decoder Driver(with 15V outputs)
HD14511B HITACHI-HD14511B Datasheet
98Kb / 6P
   BCD-to-Seven Segment Latch/Decoder/Driver
logo
Renesas Technology Corp
HD74HC4543P RENESAS-HD74HC4543P Datasheet
118Kb / 9P
   BCD-to-Seven Segment Latch/Decoder/Driver
logo
Unisonic Technologies
MC14511 UTC-MC14511_18 Datasheet
236Kb / 8P
   BCD-TO-SEVEN SEGMENT LATCH/DECODER/DRIVER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com