Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD74HCT533RPEL Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HD74HCT533RPEL
Description  Octal D-type Transparent Latches (with inverted 3-state outputs)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74HCT533RPEL Datasheet(HTML) 5 Page - Renesas Technology Corp

  HD74HCT533RPEL Datasheet HTML 1Page - Renesas Technology Corp HD74HCT533RPEL Datasheet HTML 2Page - Renesas Technology Corp HD74HCT533RPEL Datasheet HTML 3Page - Renesas Technology Corp HD74HCT533RPEL Datasheet HTML 4Page - Renesas Technology Corp HD74HCT533RPEL Datasheet HTML 5Page - Renesas Technology Corp HD74HCT533RPEL Datasheet HTML 6Page - Renesas Technology Corp HD74HCT533RPEL Datasheet HTML 7Page - Renesas Technology Corp HD74HCT533RPEL Datasheet HTML 8Page - Renesas Technology Corp HD74HCT533RPEL Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
HD74HCT373, HD74HCT533
Rev.2.00 Mar 30, 2006 page 5 of 8
Waveforms
Input G
0 V
tPLH
10 %
90 %
tr
tf
10 %
10 %
tr
90 %
10 %
tf
0 V
tPHL
VOH
VCC
VCC
VCC
VCC
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
VOL
tPLH
tPHL
0 V
0 V
VOH
VOL
tr
90 %
10 %
Input D
Output
Q
Input G
Input D
Output Q
tr
90 %
10 %
tf
90 %
10 %
90 %
90 %
Waveform – 1
Waveform – 2
Output
Q
Output Q


Similar Part No. - HD74HCT533RPEL

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HCT533 HITACHI-HD74HCT533 Datasheet
62Kb / 10P
   Octal D-type Transparent Latches(with inverted 3-state outputs)
More results

Similar Description - HD74HCT533RPEL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC373 RENESAS-HD74HC373 Datasheet
119Kb / 10P
   Octal D-type Transparent Latches (with 3-state outputs)/Octal D-type Transparent Latches (with inverted 3-state outputs)
logo
Hitachi Semiconductor
HD74HC373 HITACHI-HD74HC373 Datasheet
66Kb / 11P
   Octal D-type Transparent Latches (with 3-state outputs),Octal D-type Transparent Latches (with inverted 3-state outputs)
HD74HCT373 HITACHI-HD74HCT373 Datasheet
62Kb / 10P
   Octal D-type Transparent Latches(with inverted 3-state outputs)
logo
Texas Instruments
SN54BCT573 TI-SN54BCT573 Datasheet
73Kb / 5P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54F373 TI-SN54F373 Datasheet
54Kb / 4P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
CD54HCT373 TI-CD54HCT373 Datasheet
319Kb / 5P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54ALS563A TI-SN54ALS563A Datasheet
54Kb / 4P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
SN54ALS573C TI-SN54ALS573C Datasheet
109Kb / 9P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
SN54ACT573 TI-SN54ACT573 Datasheet
520Kb / 16P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
SN54ABT533 TI-SN54ABT533 Datasheet
483Kb / 14P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com