Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD74HCT374FPEL Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HD74HCT374FPEL
Description  Octal D-type Flip-Flops (with inverted 3-state outputs)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74HCT374FPEL Datasheet(HTML) 4 Page - Renesas Technology Corp

  HD74HCT374FPEL Datasheet HTML 1Page - Renesas Technology Corp HD74HCT374FPEL Datasheet HTML 2Page - Renesas Technology Corp HD74HCT374FPEL Datasheet HTML 3Page - Renesas Technology Corp HD74HCT374FPEL Datasheet HTML 4Page - Renesas Technology Corp HD74HCT374FPEL Datasheet HTML 5Page - Renesas Technology Corp HD74HCT374FPEL Datasheet HTML 6Page - Renesas Technology Corp HD74HCT374FPEL Datasheet HTML 7Page - Renesas Technology Corp HD74HCT374FPEL Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
HD74HCT374, HD74HCT534
Rev.2.00 Mar 30, 2006 page 4 of 7
Electrical Characteristics
Ta = 25°C
Ta = –40 to+85°C
Item
Symbol
VCC (V)
Min
Typ
Max
Min
Max
Unit
Test Conditions
VIH
4.5 to 5.5
2.0
2.0
V
Input voltage
VIL
4.5 to 5.5
0.8
0.8
V
4.5
4.4
4.4
V
IOH = –20
µA
VOH
4.5
4.18
4.13
Vin = VIH or VIL
IOH = –6 mA
4.5
0.1
0.1
V
IOL = 20
µA
Output voltage
VOL
4.5
0.26
0.33
Vin = VIH or VIL
IOL = 6 mA
Off-state output
current
IOZ
5.5
±0.5
±5.0
µA
Vin = VIH or VIL,
Vout = VCC or GND
Input current
Iin
5.5
±0.1
±1.0
µA
Vin = VCC or GND
Quiescent current
ICC
5.5
4.0
40
µA
Vin = VCC or GND, Iout = 0
µA
Switching Characteristics
(CL = 50 pF, Input tr = tf = 6 ns)
Ta = 25°C
Ta = –40 to +85°C
Item
Symbol VCC (V)
Min
Typ
Max
Min
Max
Unit
Test Conditions
Maximum clock
frequency
fmax
4.5
30
24
MHz
tPLH
4.5
12
28
35
Propagation delay time
tPHL
4.5
15
28
35
ns
tZL
4.5
16
30
38
Output enable time
tZH
4.5
15
30
38
ns
tLZ
4.5
13
30
38
Output disable time
tHZ
4.5
16
30
38
ns
Setup time
tsu
4.5
20
2
25
ns
Data to clock
Hold time
th
4.5
5
0
6
ns
Clock to data
Pulse width
tw
4.5
16
5
20
ns
Clock, output control
Output rise/fall time
tTLH
tTHL
4.5
4
12
15
ns
Input capacitance
Cin
5
10
10
pF
Test Circuit
VCC
OPEN
GND
CL =
50 pF
OC
Zout = 50
1 k
VCC
VCC
VCC
S1
Pulse Generator
TEST
S1
tPLH / tPHL
OPEN
GND
tZH / tHZ
tZL / tLZ
1D to 8D
1Q to 8Q
or
1
Q to 8Q
Clock
Zout = 50
Pulse Generator
Note : 1. CL includes probe and jig capacitance.
Input
Output
Input


Similar Part No. - HD74HCT374FPEL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HCT374FPEL RENESAS-HD74HCT374FPEL Datasheet
136Kb / 10P
   Octal D-type Flip-Flops (with 3-state outputs) Octal D-type Flip-Flops (with inverted 3-state outputs)
More results

Similar Description - HD74HCT374FPEL

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC374 HITACHI-HD74HC374 Datasheet
67Kb / 11P
   Octal D-type Flip-Flops (with 3-state outputs),Octal D-type Flip-flops (with inverted 3-state outputs)
logo
Renesas Technology Corp
HD74HCT534 RENESAS-HD74HCT534_15 Datasheet
136Kb / 10P
   Octal D-type Flip-Flops (with 3-state outputs) Octal D-type Flip-Flops (with inverted 3-state outputs)
HD74HC374 RENESAS-HD74HC374 Datasheet
117Kb / 9P
   Octal D-type Flip-Flops (with 3-state outputs)/Octal D-type Flip-Flops (with inverted 3-state outputs)
logo
Hitachi Semiconductor
HD74HCT374 HITACHI-HD74HCT374 Datasheet
63Kb / 10P
   Octal D-type Flip-Flops(with inverted 3-state outputs)
HD74BC574A HITACHI-HD74BC574A Datasheet
39Kb / 10P
   Octal D Type Flip Flops With 3 State Outputs
HD74LVC374A HITACHI-HD74LVC374A Datasheet
48Kb / 9P
   Octal D-type Flip Flops with 3-state Outputs
logo
Renesas Technology Corp
HD74LVC534 RENESAS-HD74LVC534 Datasheet
206Kb / 8P
   Octal D-type Flip Flops with 3-state Outputs
RD74LVC374B RENESAS-RD74LVC374B Datasheet
109Kb / 9P
   Octal D-type Flip Flops with 3-state Outputs
logo
Hitachi Semiconductor
HD74HCT564 HITACHI-HD74HCT564 Datasheet
68Kb / 11P
   Octal D-type Flip-Flops (with 3-state outputs)
HD74BC564A HITACHI-HD74BC564A Datasheet
42Kb / 10P
   Octal D Type Flip Flops With 3 State Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com