Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD74HCT241 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HD74HCT241
Description  Octal Buffers/Line Drivers/Line Receivers (with inverted 3-state outputs)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74HCT241 Datasheet(HTML) 2 Page - Renesas Technology Corp

  HD74HCT241 Datasheet HTML 1Page - Renesas Technology Corp HD74HCT241 Datasheet HTML 2Page - Renesas Technology Corp HD74HCT241 Datasheet HTML 3Page - Renesas Technology Corp HD74HCT241 Datasheet HTML 4Page - Renesas Technology Corp HD74HCT241 Datasheet HTML 5Page - Renesas Technology Corp HD74HCT241 Datasheet HTML 6Page - Renesas Technology Corp HD74HCT241 Datasheet HTML 7Page - Renesas Technology Corp HD74HCT241 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
HD74HCT241
Rev.2.00 Mar 30, 2006 page 2 of 7
Pin Arrangement
1
2
3
4
5
6
7
8
9
10
1
G
1A1
2Y4
1A2
2Y3
1A3
2Y2
1A4
2Y1
GND
VCC
2G
1Y1
2A4
1Y2
2A3
1Y3
2A2
1Y4
2A1
20
19
18
17
16
15
14
13
12
11
(Top view)
Logic Diagram
Input
1A
Two of 8
Buffers
To three other
2A Buffers
To three other
1A Buffers
VCC
YA
Input
2A
VCC
YB
2G
1
G


Similar Part No. - HD74HCT241

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HCT241 HITACHI-HD74HCT241 Datasheet
58Kb / 9P
   Octal Buffers/Line Drivers/Line Receivers(with noninverted 3-state outputs)
More results

Similar Description - HD74HCT241

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HCT240 HITACHI-HD74HCT240 Datasheet
59Kb / 9P
   Octal Buffers/Line Drivers/Line Receivers(with inverted 3-state outputs)
logo
Renesas Technology Corp
HD74HCT240 RENESAS-HD74HCT240 Datasheet
106Kb / 7P
   Octal Buffers/Line Drivers/Line Receivers (with inverted 3-state outputs)
logo
Hitachi Semiconductor
HD74HC240 HITACHI-HD74HC240 Datasheet
61Kb / 10P
   Octal Buffers/Line Drivers/Line Receivers(with inverted 3-state outputs)
logo
Renesas Technology Corp
HD74HC240 RENESAS-HD74HC240_15 Datasheet
131Kb / 10P
   Octal Buffers/Line Drivers/Line Receivers (with inverted 3-state outputs)
HD74HC244 RENESAS-HD74HC244_15 Datasheet
129Kb / 10P
   Octal Buffers/Line Drivers/Line Receivers (with inverted 3-state outputs)
HD74HCT244 RENESAS-HD74HCT244_15 Datasheet
122Kb / 9P
   Octal Buffers/Line Drivers/Line Receivers (with inverted 3-state outputs)
HD74HC240 RENESAS-HD74HC240 Datasheet
110Kb / 8P
   Octal Buffers/Line Drivers/Line Receivers (with inverted 3-state outputs)
HD74HCT244 RENESAS-HD74HCT244 Datasheet
105Kb / 7P
   Octal Buffers/Line Drivers/Line Receivers (with inverted 3-state outputs)
HD74LS240 RENESAS-HD74LS240 Datasheet
74Kb / 6P
   Octal Buffers / Line Drivers / Line Receivers (inverted three-state outputs)
logo
Hitachi Semiconductor
HD74LS240 HITACHI-HD74LS240 Datasheet
53Kb / 5P
   Octal Buffers/Line Drivers/Line Receivers(inverted three-state outputs)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com