Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD74HCT125FPEL Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HD74HCT125FPEL
Description  Quad. Bus Buffer Gates (with 3-state outputs)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74HCT125FPEL Datasheet(HTML) 3 Page - Renesas Technology Corp

  HD74HCT125FPEL Datasheet HTML 1Page - Renesas Technology Corp HD74HCT125FPEL Datasheet HTML 2Page - Renesas Technology Corp HD74HCT125FPEL Datasheet HTML 3Page - Renesas Technology Corp HD74HCT125FPEL Datasheet HTML 4Page - Renesas Technology Corp HD74HCT125FPEL Datasheet HTML 5Page - Renesas Technology Corp HD74HCT125FPEL Datasheet HTML 6Page - Renesas Technology Corp HD74HCT125FPEL Datasheet HTML 7Page - Renesas Technology Corp HD74HCT125FPEL Datasheet HTML 8Page - Renesas Technology Corp HD74HCT125FPEL Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
HD74HCT125, HD74HCT126
Rev.2.00 Mar 30, 2006 page 3 of 8
Absolute Maximum Ratings
Item
Symbol
Rating
Unit
Supply voltage range
VCC
–0.5 to +7.0
V
Input voltage
VIN
–0.5 to VCC + 0.5
V
Output voltage
VOUT
–0.5 to VCC + 0.5
V
Output current
IOUT
±35
mA
DC current drain per VCC, GND
ICC, IGND
±75
mA
DC input diode current
IIK
±20
mA
DC output diode current
IOK
±20
mA
Power dissipation per package
PT
500
mW
Storage temperature
Tstg
–65 to +150
°C
Note:
The absolute maximum ratings are values, which must not individually be exceeded, and furthermore, no two of
which may be realized at the same time.
Recommended Operating Conditions
Item
Symbol
Ratings
Unit
Conditions
Supply voltage
VCC
4.5 to 5.5
V
Input / Output voltage
VIN, VOUT
0 to VCC
V
Operating temperature
Ta
–40 to 85
°C
Input rise / fall time
*1
tr, tf
0 to 500
ns
VCC = 4.5 V
Notes: 1. This item guarantees maximum limit when one input switches.
Waveform: Refer to test circuit of switching characteristics.
Electrical Characteristics
Ta = 25°C
Ta = –40 to+85°C
Item
Symbol
VCC (V)
Min
Typ
Max
Min
Max
Unit
Test Conditions
VIH
4.5 to 5.5
2.0
2.0
V
Input voltage
VIL
4.5 to 5.5
0.8
0.8
V
4.5
4.4
4.4
IOH = –20
µA
VOH
4.5
4.18
4.13
V
Vin = VIH or VIL
IOH = –6 mA
4.5
0.1
0.1
IOL = 20
µA
Output voltage
VOL
4.5
0.26
0.33
V
Vin = VIH or VIL
IOL = 6 mA
Off-state output
current
IOZ
5.5
±0.5
±5.0
µA
Vin = VIH or VIL,
Vout = VCC or GND
Input current
Iin
5.5
±0.1
±1.0
µA
Vin = VCC or GND
Quiescent supply
current
ICC
5.5
4.0
40
µA
Vin = VCC or GND, Iout = 0
µA


Similar Part No. - HD74HCT125FPEL

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HCT125 HITACHI-HD74HCT125 Datasheet
47Kb / 9P
   Quad. Bus Buffer Gates (with 3-state outputs)
More results

Similar Description - HD74HCT125FPEL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV126A RENESAS-HD74LV126A Datasheet
75Kb / 10P
   Quad. Bus Buffer Gates with 3-state Outputs
HD74HC125 RENESAS-HD74HC125 Datasheet
104Kb / 9P
   Quad. Bus Buffer Gates (with 3-state outputs)
HD74LVC125A RENESAS-HD74LVC125A Datasheet
183Kb / 7P
   Quad. Bus Buffer Gates with 3-state Outputs
RD74LVC126B RENESAS-RD74LVC126B Datasheet
99Kb / 9P
   Quad. Bus Buffer Gates with 3-state Outputs
HD74LV126A RENESAS-HD74LV126A_15 Datasheet
100Kb / 12P
   Quad. Bus Buffer Gates with 3-state Outputs
logo
Hitachi Semiconductor
HD74LV126A HITACHI-HD74LV126A Datasheet
58Kb / 14P
   Quad. Bus Buffer Gates with 3-state Outputs
HD74HC125 HITACHI-HD74HC125 Datasheet
49Kb / 10P
   Quad. Bus Buffer Gates (with 3-state outputs)
HD74LVC125A HITACHI-HD74LVC125A Datasheet
40Kb / 9P
   Quad. Bus Buffer Gates with 3-state Outputs
logo
Renesas Technology Corp
HD74LV125A RENESAS-HD74LV125A Datasheet
80Kb / 10P
   Quad. Bus Buffer Gates with 3-state Outputs
logo
Hitachi Semiconductor
HD74LV125A HITACHI-HD74LV125A Datasheet
65Kb / 15P
   Quad. Bus Buffer Gates with 3-state Outputs
logo
Renesas Technology Corp
HD74LV125A RENESAS-HD74LV125A_15 Datasheet
105Kb / 12P
   Quad. Bus Buffer Gates with 3-state Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com