Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD74HCT125FPEL Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HD74HCT125FPEL
Description  Quad. Bus Buffer Gates (with 3-state outputs)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74HCT125FPEL Datasheet(HTML) 5 Page - Renesas Technology Corp

  HD74HCT125FPEL Datasheet HTML 1Page - Renesas Technology Corp HD74HCT125FPEL Datasheet HTML 2Page - Renesas Technology Corp HD74HCT125FPEL Datasheet HTML 3Page - Renesas Technology Corp HD74HCT125FPEL Datasheet HTML 4Page - Renesas Technology Corp HD74HCT125FPEL Datasheet HTML 5Page - Renesas Technology Corp HD74HCT125FPEL Datasheet HTML 6Page - Renesas Technology Corp HD74HCT125FPEL Datasheet HTML 7Page - Renesas Technology Corp HD74HCT125FPEL Datasheet HTML 8Page - Renesas Technology Corp HD74HCT125FPEL Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
HD74HCT125, HD74HCT126
Rev.2.00 Mar 30, 2006 page 5 of 8
Waveforms
HD74HCT125
tPLH
tPHL
VOH
VOL
0 V
VCC
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
Input A
Output Y
10 %
90 %
tr
tf
10 %
90 %
90 %
10 %
tZL
tLZ
tZH
tHZ
VOH
VOL
Waveform - A
Input C
Waveform - B
0 V
VCC
VOL
VOH
Notes : 1. tr ≤ 6 ns, tf ≤ 6 ns
2. Input waveform : PRR
≤ 1 MHz, duty cycle 50%
3. Waveform– A is for an output with internal conditions such that the
output is low except when disabled by the output control.
4. Waveform– B is for an output with internal conditions such that the
output is high except when disabled by the output control.
1.3 V
tf
10 %
90 %
1.3 V
tr
10 %
90 %
Waveform – 1
Waveform – 2


Similar Part No. - HD74HCT125FPEL

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HCT125 HITACHI-HD74HCT125 Datasheet
47Kb / 9P
   Quad. Bus Buffer Gates (with 3-state outputs)
More results

Similar Description - HD74HCT125FPEL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV126A RENESAS-HD74LV126A Datasheet
75Kb / 10P
   Quad. Bus Buffer Gates with 3-state Outputs
HD74HC125 RENESAS-HD74HC125 Datasheet
104Kb / 9P
   Quad. Bus Buffer Gates (with 3-state outputs)
HD74LVC125A RENESAS-HD74LVC125A Datasheet
183Kb / 7P
   Quad. Bus Buffer Gates with 3-state Outputs
RD74LVC126B RENESAS-RD74LVC126B Datasheet
99Kb / 9P
   Quad. Bus Buffer Gates with 3-state Outputs
HD74LV126A RENESAS-HD74LV126A_15 Datasheet
100Kb / 12P
   Quad. Bus Buffer Gates with 3-state Outputs
logo
Hitachi Semiconductor
HD74LV126A HITACHI-HD74LV126A Datasheet
58Kb / 14P
   Quad. Bus Buffer Gates with 3-state Outputs
HD74HC125 HITACHI-HD74HC125 Datasheet
49Kb / 10P
   Quad. Bus Buffer Gates (with 3-state outputs)
HD74LVC125A HITACHI-HD74LVC125A Datasheet
40Kb / 9P
   Quad. Bus Buffer Gates with 3-state Outputs
logo
Renesas Technology Corp
HD74LV125A RENESAS-HD74LV125A Datasheet
80Kb / 10P
   Quad. Bus Buffer Gates with 3-state Outputs
logo
Hitachi Semiconductor
HD74LV125A HITACHI-HD74LV125A Datasheet
65Kb / 15P
   Quad. Bus Buffer Gates with 3-state Outputs
logo
Renesas Technology Corp
HD74LV125A RENESAS-HD74LV125A_15 Datasheet
105Kb / 12P
   Quad. Bus Buffer Gates with 3-state Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com