Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M38824F8-XXXHP Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # M38824F8-XXXHP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38824F8-XXXHP Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button M38824F8-XXXHP Datasheet HTML 7Page - Renesas Technology Corp M38824F8-XXXHP Datasheet HTML 8Page - Renesas Technology Corp M38824F8-XXXHP Datasheet HTML 9Page - Renesas Technology Corp M38824F8-XXXHP Datasheet HTML 10Page - Renesas Technology Corp M38824F8-XXXHP Datasheet HTML 11Page - Renesas Technology Corp M38824F8-XXXHP Datasheet HTML 12Page - Renesas Technology Corp M38824F8-XXXHP Datasheet HTML 13Page - Renesas Technology Corp M38824F8-XXXHP Datasheet HTML 14Page - Renesas Technology Corp M38824F8-XXXHP Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 62 page
background image
Rev.1.01
Nov 14, 2005
page 11 of 60
REJ03B0089-0101
3882 Group
MEMORY
RAM
RAM is used for data storage and for stack area of subroutine
calls and interrupts.
ROM
ROM is used for program code and data table storage.
The first 128 bytes and the last 2 bytes of ROM are reserved for
device testing code and the rest is user area.
Zero Page
Access to this area with only 2 bytes is possible in the zero page
addressing mode.
Special Page
Access to this area with only 2 bytes is possible in the special
page addressing mode.
Interrupt Vector Area
The interrupt vector area contains reset and interrupt vectors.
Special Function Register (SFR) Area
The special function register area contains the control registers
such as I/O ports, timers, serial I/O, etc.
ROM Code Protect Address
“0016 ” is written into ROM code protect address (other than the
user ROM area) when selecting the protect bit write by using a se-
rial programmer or selecting protect enabled for writing shipment
by Renesas Technology corp..When “0016 ” is set to the ROM
code protect address,the protect function is enabled,so that read-
ing or writing from/to QzROM is disabled by a serial programmer.
As for the QzROM product in blank, the ROM code is protected by
selecting the protect bit write at ROM writing with a serial pro-
grammer.
As for the QzROM product shipped after writing,“0016 ” (protect
enabled) or “FF16 ” (protect disabled) is written into the ROM code
protect address when Renesas Technology corp. performs writing.
The writing of “0016" or “FF16 ” can be selected as ROM option
setup (“MASK option ” written in the mask file converter) when or-
dering.
Fig. 8 Memory map diagram
010016
000016
004016
FF0016
FFDC16
FFFE16
FFFF16
XXXX16
20480
B00016
B08016
YYYY16
ZZZZ16
RAM
ROM
1024
043F16
0FF016
0FFF16
SFR area
Not used
Interrupt vector area
Reserved ROM area
(Note) (128 bytes)
Zero page
Special page
RAM area
RAM size
(bytes)
Address
XXXX16
Reserved ROM area
(Note)
ROM area
ROM size
(bytes)
Address
YYYY16
Address
ZZZZ16
SFR area
Notes: This area is reserved in the QzROM version.


Similar Part No. - M38824F8-XXXHP

ManufacturerPart #DatasheetDescription
logo
Heyco.
M3880 HEYCO-M3880 Datasheet
192Kb / 1P
   Tite Snap-In-2® Liquid Tight Cordgrips
logo
Renesas Technology Corp
M3885 RENESAS-M3885 Datasheet
1Mb / 103P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
logo
Mitsubishi Electric Sem...
M388504E6FP MITSUBISHI-M388504E6FP Datasheet
736Kb / 51P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M388504E6SP MITSUBISHI-M388504E6SP Datasheet
736Kb / 51P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M388504E6SS MITSUBISHI-M388504E6SS Datasheet
736Kb / 51P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results

Similar Description - M38824F8-XXXHP

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com