Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RD74VT1G126 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # RD74VT1G126
Description  Bus Buffer Gate with 3-state Output / Dual Supply Voltage Translator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RD74VT1G126 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button RD74VT1G126 Datasheet HTML 2Page - Renesas Technology Corp RD74VT1G126 Datasheet HTML 3Page - Renesas Technology Corp RD74VT1G126 Datasheet HTML 4Page - Renesas Technology Corp RD74VT1G126 Datasheet HTML 5Page - Renesas Technology Corp RD74VT1G126 Datasheet HTML 6Page - Renesas Technology Corp RD74VT1G126 Datasheet HTML 7Page - Renesas Technology Corp RD74VT1G126 Datasheet HTML 8Page - Renesas Technology Corp RD74VT1G126 Datasheet HTML 9Page - Renesas Technology Corp RD74VT1G126 Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
RD74VT1G126
Rev.1.00 Jun. 01, 2005 page 8 of 9
Waveforms–2
Input OE
90%
10%
10%
VIH
GND
t r
Vref
Vref
tf
90%
tZL
tLZ
tZH
tHZ
Output Y
Waveform–1
Waveform–2
VOH
VOL
Vref
VOH
VOL
Vref
VL
VH
Vref
V / V
HL
VIH
t / t
rf
VH = VOH-0.15 V
VL = VOL+0.15 V
VH = VOH-0.1 V
VL = VOL+0.1 V
VH = VOH-0.15 V
VL = VOL+0.15 V
VH = VOH-0.3 V
VL = VOL+0.3 V
V
CC
V
CC
1/2V
CC
1/2V
CC
1/2V
CC
1/2V
CC
V
CC
V
CC
2.0 ns
2.0 ns
2.0 ns
2.0 ns
V
= 2.5
±0.2 V
CC
V
= 3.3
±0.3 V
CC
V
= 1.8
±0.15 V
CC
V
= 1.2 V,
1.5
±0.1 V
CC
Symbol
Notes: 1. Input waveform : PRR
≤ 10 MHz, ZO = 50 Ω, duty cycle 50%
2. Waveform – 1 is for an output with internal conditions such that the output is low
except when disabled by the output control.
3. Waveform – 2 is for an output with internal conditions such that the output is high
except when disabled by the output control.
4. The output are measured one at a time with one transition per measurement.


Similar Part No. - RD74VT1G126

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RD74VT1G125 RENESAS-RD74VT1G125 Datasheet
2Mb / 10P
   Bus Buffer Gate with 3-state output / Dual Supply Voltage Translator
RD74VT1G125CLE RENESAS-RD74VT1G125CLE Datasheet
2Mb / 10P
   Bus Buffer Gate with 3-state output / Dual Supply Voltage Translator
More results

Similar Description - RD74VT1G126

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RD74VT1G125 RENESAS-RD74VT1G125 Datasheet
2Mb / 10P
   Bus Buffer Gate with 3-state output / Dual Supply Voltage Translator
RD74VT1G240 RENESAS-RD74VT1G240 Datasheet
2Mb / 10P
   Bus Buffer Inverted with 3-state Output / Dual Supply Voltage Translator
RD74VT1G245 RENESAS-RD74VT1G245 Datasheet
3Mb / 14P
   Bus Transceiver with 3-state Output / Dual Supply Voltage Translator
HD74ALVC1G125 RENESAS-HD74ALVC1G125_15 Datasheet
122Kb / 15P
   Bus Buffer Gate with 3-state Output
logo
Hitachi Semiconductor
HD74LV1G125A HITACHI-HD74LV1G125A Datasheet
59Kb / 11P
   Bus Buffer Gate with 3-state Output
logo
Renesas Technology Corp
HD74ALVC1G125 RENESAS-HD74ALVC1G125 Datasheet
97Kb / 13P
   Bus Buffer Gate with 3-state Output
HD74LV1G126A RENESAS-HD74LV1G126A Datasheet
95Kb / 12P
   Bus Buffer Gate with 3-state Output
HD74LV1G126A RENESAS-HD74LV1G126A_08 Datasheet
115Kb / 8P
   Bus Buffer Gate with 3-state Output
HD74ALVC1G126 RENESAS-HD74ALVC1G126 Datasheet
92Kb / 13P
   Bus Buffer Gate with 3-state Output
logo
Hitachi Semiconductor
HD74ALVC1G125 HITACHI-HD74ALVC1G125 Datasheet
110Kb / 13P
   Bus Buffer Gate with 3-state Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com