Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RD74VT1G08 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # RD74VT1G08
Description  2-input AND Gate / Dual Supply Voltage Translator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RD74VT1G08 Datasheet(HTML) 4 Page - Renesas Technology Corp

  RD74VT1G08 Datasheet HTML 1Page - Renesas Technology Corp RD74VT1G08 Datasheet HTML 2Page - Renesas Technology Corp RD74VT1G08 Datasheet HTML 3Page - Renesas Technology Corp RD74VT1G08 Datasheet HTML 4Page - Renesas Technology Corp RD74VT1G08 Datasheet HTML 5Page - Renesas Technology Corp RD74VT1G08 Datasheet HTML 6Page - Renesas Technology Corp RD74VT1G08 Datasheet HTML 7Page - Renesas Technology Corp RD74VT1G08 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
RD74VT1G08
Rev.2.00 Apr. 01, 2005 page 4 of 7
Electrical Characteristics
(Ta =
−40 to 85°C)
Item
Symbol
VCCIN (V)
*
VCCOUT (V)
*
Min
Typ
Max
Unit
Test conditions
1.2
VCCIN
×0.75
1.5±0.1
VCCIN
×0.70
1.8±0.15
VCCIN
×0.65
2.5±0.2
1.6
VIH
3.3±0.3
1.2 to 3.6
2.0
V
1.2
VCCIN
×0.25
1.5±0.1
VCCIN
×0.30
1.8±0.15
VCCIN
×0.35
2.5±0.2
0.7
Input voltage
VIL
3.3±0.3
1.2 to 3.6
0.8
V
1.2 to 3.6
VCCOUT
−0.2
IOH = –100
µA
1.2
0.9
IOH = –2 mA
1.5±0.1
1.1
IOH = –4 mA
1.8±0.15
1.25
IOH = –6 mA
2.5±0.2
1.7
IOH = –18 mA
VOH
1.2 to 3.6
3.3±0.3
2.2
V
IOH = –24 mA
1.2 to 3.6
0.2
IOL = 100
µA
1.2
0.3
IOL = 2 mA
1.5±0.1
0.3
IOL = 4 mA
1.8±0.15
0.3
IOL = 6 mA
2.5±0.2
0.6
IOL = 18 mA
Output voltage
VOL
1.2 to 3.6
3.3±0.3
0.55
V
IOL = 24 mA
Input current
IIN
3.6
3.6
–1.0
1.0
µA
VIN = GND or VCCIN
Output leakage
current
IOFF
0
0
1.5
µA
VIN, VOUT =
0 to 3.6 V
ICCIN
1.2 to 3.6
1.2 to 3.6
–3.0
3.0
IO(Y port) = 0
VIN = VCCIN or GND
Quiescent
supply current
ICCOUT
1.2 to 3.6
1.2 to 3.6
–3.0
3.0
µA
IO(Y port) = 0
VIN = VCCIN or GND
Increase in ICC
per input
∆ICC
3.6
3.6
250
µA
A or B port
VCCIN–0.6 (1 input)
Input
capacitance
CIN
3.3
3.3
3.5
pF
VIN = VCC or GND
Note:
For conditions shown as Min or Max, use the appropriate values under recommended operating conditions.
Switching Characteristics
VCCIN = 3.3±0.3 V
Ta = –40 to 85°C
VCCOUT=
1.2 V
VCCOUT=
1.5±0.1 V
VCCOUT=
1.8±0.15 V
VCCOUT=
2.5±0.2 V
VCCOUT=
3.3±0.3 V
Item
Symbol
From
(input)
To
(output)
Typ
Min
Max
Min
Max
Min
Max
Min
Max
Unit
Test
conditions
tPLH
8.4
2.0
7.8
1.5
5.2
1.0
4.1
1.0
3.5
Propagation
delay time
tPHL
A or B
Y
8.4
2.0
7.8
1.5
5.2
1.0
4.1
1.0
3.5
ns
CL = 15pF
RL = 2.0k


Similar Part No. - RD74VT1G08

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RD74VT1G00 RENESAS-RD74VT1G00 Datasheet
2Mb / 8P
   2-input NAND Gate / Dual Supply Voltage Translator
RD74VT1G00CLE RENESAS-RD74VT1G00CLE Datasheet
2Mb / 8P
   2-input NAND Gate / Dual Supply Voltage Translator
RD74VT1G02 RENESAS-RD74VT1G02 Datasheet
2Mb / 8P
   2-input NOR Gate / Dual Supply Voltage Translator
RD74VT1G02CLE RENESAS-RD74VT1G02CLE Datasheet
2Mb / 8P
   2-input NOR Gate / Dual Supply Voltage Translator
RD74VT1G04 RENESAS-RD74VT1G04 Datasheet
2Mb / 8P
   Single Inverter Buffer / Dual Supply Voltage Translator
More results

Similar Description - RD74VT1G08

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RD74VT1G32 RENESAS-RD74VT1G32 Datasheet
2Mb / 8P
   2-input OR Gate / Dual Supply Voltage Translator
RD74VT1G00 RENESAS-RD74VT1G00 Datasheet
2Mb / 8P
   2-input NAND Gate / Dual Supply Voltage Translator
RD74VT1G02 RENESAS-RD74VT1G02 Datasheet
2Mb / 8P
   2-input NOR Gate / Dual Supply Voltage Translator
RD74VT1G86 RENESAS-RD74VT1G86 Datasheet
2Mb / 9P
   2-input Exclusive-OR Gate / Dual Supply Voltage Translator
logo
Nexperia B.V. All right...
74AXP2T08 NEXPERIA-74AXP2T08 Datasheet
234Kb / 16P
   Dual supply, dual 2-input AND gate
74AXP2T08-Q100 NEXPERIA-74AXP2T08-Q100 Datasheet
226Kb / 15P
   Dual supply, dual 2-input AND gate
74AUP1T08 NEXPERIA-74AUP1T08 Datasheet
202Kb / 15P
   Low-power 2-input AND gate with voltage-level translator
74AUP1T08-Q100 NEXPERIA-74AUP1T08-Q100 Datasheet
220Kb / 13P
   Low-power 2-input AND gate with voltage-level translator
Rev. 2 - 25 January 2022
74AXP1T32 NEXPERIA-74AXP1T32 Datasheet
225Kb / 14P
   Dual supply 2-input OR gate
logo
ON Semiconductor
FXLA102 ONSEMI-FXLA102 Datasheet
623Kb / 17P
   Low-Voltage Dual-Supply 2-Bit Voltage Translator
October-2017, Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com