Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RD74VT1G00 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # RD74VT1G00
Description  2-input NAND Gate / Dual Supply Voltage Translator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RD74VT1G00 Datasheet(HTML) 7 Page - Renesas Technology Corp

  RD74VT1G00 Datasheet HTML 1Page - Renesas Technology Corp RD74VT1G00 Datasheet HTML 2Page - Renesas Technology Corp RD74VT1G00 Datasheet HTML 3Page - Renesas Technology Corp RD74VT1G00 Datasheet HTML 4Page - Renesas Technology Corp RD74VT1G00 Datasheet HTML 5Page - Renesas Technology Corp RD74VT1G00 Datasheet HTML 6Page - Renesas Technology Corp RD74VT1G00 Datasheet HTML 7Page - Renesas Technology Corp RD74VT1G00 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
RD74VT1G00
Rev.1.00 Jun. 01, 2005 page 7 of 7
Package Dimensions
A
12
B
C
Pin#1 index area
B
A
1
y C
C
yC
Seating plane
TBS-6AV
RENESAS Code
JEITA Package Code
Previous Code
0.001g
MASS[Typ.]
S-XFBGA6-0.9x1.4-0.50
SXBG0006KB-A
*
1.40
0.20
0.185
0.155
y 1
b
Z
e
E
A
A
D
x
y
Z
1
0.20
0.05
(0.315)
0.20
0.25
Reference
Symbol
Dimension in Millimeters
Min
Nom
Max
0.50
2
A
0.90
0.50
0.05
0.20
E
D
* Reference value.
CA B
C
b6
× φ
φ × M
φ × M
D
D
e
Z


Similar Part No. - RD74VT1G00

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RD74VT1G02 RENESAS-RD74VT1G02 Datasheet
2Mb / 8P
   2-input NOR Gate / Dual Supply Voltage Translator
RD74VT1G02CLE RENESAS-RD74VT1G02CLE Datasheet
2Mb / 8P
   2-input NOR Gate / Dual Supply Voltage Translator
RD74VT1G04 RENESAS-RD74VT1G04 Datasheet
2Mb / 8P
   Single Inverter Buffer / Dual Supply Voltage Translator
RD74VT1G04CLE RENESAS-RD74VT1G04CLE Datasheet
2Mb / 8P
   Single Inverter Buffer / Dual Supply Voltage Translator
RD74VT1G08 RENESAS-RD74VT1G08 Datasheet
2Mb / 8P
   2-input AND Gate / Dual Supply Voltage Translator
More results

Similar Description - RD74VT1G00

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RD74VT1G32 RENESAS-RD74VT1G32 Datasheet
2Mb / 8P
   2-input OR Gate / Dual Supply Voltage Translator
RD74VT1G08 RENESAS-RD74VT1G08 Datasheet
2Mb / 8P
   2-input AND Gate / Dual Supply Voltage Translator
RD74VT1G02 RENESAS-RD74VT1G02 Datasheet
2Mb / 8P
   2-input NOR Gate / Dual Supply Voltage Translator
RD74VT1G86 RENESAS-RD74VT1G86 Datasheet
2Mb / 9P
   2-input Exclusive-OR Gate / Dual Supply Voltage Translator
logo
Nexperia B.V. All right...
74AUP1T00 NEXPERIA-74AUP1T00 Datasheet
202Kb / 15P
   Low-power 2-input NAND gate with voltage-level translator
logo
Toshiba Semiconductor
TC7WH00FU TOSHIBA-TC7WH00FU Datasheet
195Kb / 6P
   DUAL 2-INPUT NAND GATE
logo
Panasonic Semiconductor
74LVC2G00 PANASONIC-74LVC2G00 Datasheet
91Kb / 16P
   Dual 2-input NAND gate
logo
Unisonic Technologies
U74LVC2G132 UTC-U74LVC2G132_15 Datasheet
181Kb / 5P
   DUAL 2-INPUT NAND GATE
logo
ON Semiconductor
NL27WZ00 ONSEMI-NL27WZ00 Datasheet
83Kb / 8P
   Dual 2-Input NAND Gate
September, 2001 ??Rev. 1
NL27WZ00 ONSEMI-NL27WZ00_13 Datasheet
125Kb / 6P
   Dual 2-Input NAND Gate
July, 2013 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com