Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD74HC4518P Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # HD74HC4518P
Description  Dual BCD Up Counters
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74HC4518P Datasheet(HTML) 7 Page - Renesas Technology Corp

  HD74HC4518P Datasheet HTML 1Page - Renesas Technology Corp HD74HC4518P Datasheet HTML 2Page - Renesas Technology Corp HD74HC4518P Datasheet HTML 3Page - Renesas Technology Corp HD74HC4518P Datasheet HTML 4Page - Renesas Technology Corp HD74HC4518P Datasheet HTML 5Page - Renesas Technology Corp HD74HC4518P Datasheet HTML 6Page - Renesas Technology Corp HD74HC4518P Datasheet HTML 7Page - Renesas Technology Corp HD74HC4518P Datasheet HTML 8Page - Renesas Technology Corp HD74HC4518P Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
HD74HC4518, HD74HC4520
Rev.2.00, Mar 30, 2006 page 7 of 8
Package Dimensions
7.62
Max
Nom
Min
Dimension in Millimeters
Symbol
Reference
19.2
6.3
5.06
A1
Z
b3
D
E
A
bp
c
θ
e
L
e1
0.51
0.56
1.30
0.19
0.25
0.31
2.29 2.54
2.79
15°
20.32
7.4
0.40
0.48
1.12
2.54
1
p
3
1
8
16
9
e
b
Z
e
c
D
b
0.89
θ
( Ni/Pd/Au plating )
P-DIP16-6.3x19.2-2.54
1.05g
MASS[Typ.]
DP-16FV
PRDP0016AE-B
RENESAS Code
JEITA Package Code
Previous Code
0.635
0.15
1.27
5.80
6.20
0.40
0.34
A1
10.30
Max
Nom
Min
Dimension in Millimeters
Symbol
Reference
1.75
1.27
0.60
0.40
3.95
0.25
0.14
0.10
0.46
0.25
0.20
0.15
6.10
0.25
1.08
9.90
L1
Z
HE
y
x
θ
c
bp
A2
E
D
b1
c1
e
e
L
A
Index mark
1
y
xM
p
*3
*1
F
8
9
16
D
Zb
Terminal cross section
( Ni/Pd/Au plating )
p
b
Detail F
1
L
L
θ
NOTE)
1. DIMENSIONS"*1 (Nom)"AND"*2"
DO NOT INCLUDE MOLD FLASH.
2. DIMENSION"*3"DOES NOT
INCLUDE TRIM OFFSET.
P-SOP16-3.95x9.9-1.27
0.15g
MASS[Typ.]
FP-16DNV
PRSP0016DG-A
RENESAS Code
JEITA Package Code
Previous Code


Similar Part No. - HD74HC4518P

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC4518 HITACHI-HD74HC4518 Datasheet
59Kb / 10P
   Dual BCD Use Converters/Dual Binary Up Converters
More results

Similar Description - HD74HC4518P

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
UT54ACS190 AEROFLEX-UT54ACS190 Datasheet
266Kb / 10P
   Synchronous 4-Bit Up-Down BCD Counters
logo
Motorola, Inc
SN54LS190 MOTOROLA-SN54LS190 Datasheet
310Kb / 10P
   PRESETTABLE BCD/DECADE UP/DOWN COUNTERS PRESETTABLE 4-BIT BINARY UP/DOWN COUNTERS
logo
Micro Electronics
MMC4518 MICRO-ELECTRONICS-MMC4518 Datasheet
204Kb / 6P
   DUAL UP-COUNTERS
logo
Motorola, Inc
MC14518-520B MOTOROLA-MC14518-520B Datasheet
203Kb / 7P
   DUAL UP COUNTERS
logo
ON Semiconductor
MC14518B ONSEMI-MC14518B Datasheet
174Kb / 8P
   Dual Up Counters
March, 2000 ??Rev. 3
MC14518B ONSEMI-MC14518B_06 Datasheet
112Kb / 9P
   Dual Up Counters
January, 2006 ??Rev. 5
logo
STMicroelectronics
HCC4518B STMICROELECTRONICS-HCC4518B Datasheet
315Kb / 14P
   DUAL UP-COUNTERS
logo
ON Semiconductor
MC14518B ONSEMI-MC14518B_14 Datasheet
107Kb / 7P
   Dual Up Counters
July, 2014 ??Rev. 8
logo
Texas Instruments
CD54HC160 TI-CD54HC160 Datasheet
248Kb / 14P
[Old version datasheet]   BCD SYNCHRONOUS DECADE COUNTERS
logo
Motorola, Inc
SN74LS160A MOTOROLA-SN74LS160A Datasheet
83Kb / 6P
   BCD DECADE COUNTERS/ 4-BIT BINARY COUNTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com