Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M38D58GFXXXFP Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # M38D58GFXXXFP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38D58GFXXXFP Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button M38D58GFXXXFP Datasheet HTML 7Page - Renesas Technology Corp M38D58GFXXXFP Datasheet HTML 8Page - Renesas Technology Corp M38D58GFXXXFP Datasheet HTML 9Page - Renesas Technology Corp M38D58GFXXXFP Datasheet HTML 10Page - Renesas Technology Corp M38D58GFXXXFP Datasheet HTML 11Page - Renesas Technology Corp M38D58GFXXXFP Datasheet HTML 12Page - Renesas Technology Corp M38D58GFXXXFP Datasheet HTML 13Page - Renesas Technology Corp M38D58GFXXXFP Datasheet HTML 14Page - Renesas Technology Corp M38D58GFXXXFP Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 142 page
background image
Rev.3.04
May 20, 2008
Page 11 of 134
REJ03B0158-0304
38D5 Group
NOTE:
1. For detailed specifications, confirm the descriptions in the Datasheet.
Notes on Differences between QzROM and Flash Mem-
ory Versions
(1) The memory map, the writing modes and programming
circuits vary because of the differences in their internal
memories.
(2) The oscillation parameters of XIN-XOUT and XCIN-XCOUT
may vary.
(3) The QzROM version and the flash memory version MCUs
differ in their manufacturing processes, built-in ROM, and
layout patterns. Because of these differences, characteristic
values, operation margins, A/D conversion accuracy, noise
immunity, and noise radiation may vary within the specified
range of electrical characteristics.
(4) When switching from the flash memory version to the
QzROM version, implement system evaluations equivalent
to those implemented in the flash memory version.
(5) The both operations except the electrical characteristics are
same at the emulator (emulator MCU board: M38D59T-
RLFS).
Table 6
Differences between QzROM and flash memory versions
QzROM version
Flash memory version
Oscillation circuit at reset and at returning from stop mode
Main clock XIN or on-chip oscillator selectable
by OSCSEL pin
On-chip oscillator
Termination of OSCEL/CNVSS pin
OSCSEL = “H”
OSCSEL = “L”
CNVSS = “L”
Main clock oscillation at reset and at returning from
stop mode
Oscillation on
Stop
Stop
On-chip oscillator oscillation at reset and at returning
from stop mode
Stop
Oscillation on
Oscillation on
System clock
φ oscillation at reset and at returning
from stop mode
f(XIN)/8
f(OCO)/32
f(OCO)/32
Mounting of main clock oscillation circuit
Required
Optional
Optional
On-chip oscillator oscillation in low speed-mode
Stop
Stop by setting the on-chip
oscillator stop bit because it
is not stopped.
Writing “1” to on-chip oscillator stop bit in on-chip
oscillator mode
On-chip oscillator is stopped
On-chip oscillator is not
stopped
Reset input “L” pulse width
2
µs or more
2 ms or more
Absolute maximum rating: OSCSEL/CNVSS pin
−0.3 to 8.0
−0.3 to VCC + 0.3
Minimum operating power source voltage
1.8 V
2.7 V
A/D converter minimum operating power source voltage
2.0 V
2.7 V


Similar Part No. - M38D58GFXXXFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M38D58GF-XXXFP RENESAS-M38D58GF-XXXFP Datasheet
2Mb / 141P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M38D58GF-XXXHP RENESAS-M38D58GF-XXXHP Datasheet
2Mb / 141P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results

Similar Description - M38D58GFXXXFP

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com