Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RD74LVC374BTELL Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # RD74LVC374BTELL
Description  Octal D-type Flip Flops with 3-state Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RD74LVC374BTELL Datasheet(HTML) 2 Page - Renesas Technology Corp

  RD74LVC374BTELL Datasheet HTML 1Page - Renesas Technology Corp RD74LVC374BTELL Datasheet HTML 2Page - Renesas Technology Corp RD74LVC374BTELL Datasheet HTML 3Page - Renesas Technology Corp RD74LVC374BTELL Datasheet HTML 4Page - Renesas Technology Corp RD74LVC374BTELL Datasheet HTML 5Page - Renesas Technology Corp RD74LVC374BTELL Datasheet HTML 6Page - Renesas Technology Corp RD74LVC374BTELL Datasheet HTML 7Page - Renesas Technology Corp RD74LVC374BTELL Datasheet HTML 8Page - Renesas Technology Corp RD74LVC374BTELL Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
RD74LVC374B
Rev.1.00 Nov. 26, 2004 page 2 of 8
Pin Arrangement
(Top view)
11
12
13
14
15
16
17
18
19
20 VCC
1
2
3
4
5
6
7
8
9
10
G
1Q
GND
CK D
G Q
G Q
CK D
CK D
G Q
G Q
CK D
1D
2D
2Q
3Q
3D
4D
4Q
8Q
8D
7D
7Q
6Q
6D
5D
5Q
CK
CK D
G Q
G Q
CK D
CK D
G Q
G Q
CK D
Absolute Maximum Ratings
Item
Symbol
Ratings
Unit
Conditions
Supply voltage
VCC
–0.5 to 7.0
V
Input diode current
IIK
–50
mA
VI = –0.5 V
Input voltage
VI
–0.5 to 7.0
V
–50
VO = –0.5 V
Output diode current
IOK
50
mA
VO = VCC+0.5 V
–0.5 to VCC +0.5
Output "H" or "L"
Output voltage
VO
–0.5 to 7.0
V
Output "Z" or VCC:OFF
Output current
IO
±50
mA
VCC, GND current / pin
ICC or IGND
100
mA
Storage temperature
Tstg
–65 to +150
°C
Note:
The absolute maximum ratings are values, which must not individually be exceeded, and furthermore, no two of
which may be realized at the same time.


Similar Part No. - RD74LVC374BTELL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RD74LVC374BTELL RENESAS-RD74LVC374BTELL Datasheet
135Kb / 11P
   Octal D-type Flip Flops with 3-state Outputs
More results

Similar Description - RD74LVC374BTELL

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC374 HITACHI-HD74HC374 Datasheet
67Kb / 11P
   Octal D-type Flip-Flops (with 3-state outputs),Octal D-type Flip-flops (with inverted 3-state outputs)
logo
Renesas Technology Corp
HD74HCT534 RENESAS-HD74HCT534_15 Datasheet
136Kb / 10P
   Octal D-type Flip-Flops (with 3-state outputs) Octal D-type Flip-Flops (with inverted 3-state outputs)
HD74HC374 RENESAS-HD74HC374 Datasheet
117Kb / 9P
   Octal D-type Flip-Flops (with 3-state outputs)/Octal D-type Flip-Flops (with inverted 3-state outputs)
logo
Hitachi Semiconductor
HD74BC574A HITACHI-HD74BC574A Datasheet
39Kb / 10P
   Octal D Type Flip Flops With 3 State Outputs
HD74LVC374A HITACHI-HD74LVC374A Datasheet
48Kb / 9P
   Octal D-type Flip Flops with 3-state Outputs
logo
Renesas Technology Corp
HD74LVC534 RENESAS-HD74LVC534 Datasheet
206Kb / 8P
   Octal D-type Flip Flops with 3-state Outputs
logo
Hitachi Semiconductor
HD74HCT564 HITACHI-HD74HCT564 Datasheet
68Kb / 11P
   Octal D-type Flip-Flops (with 3-state outputs)
HD74BC564A HITACHI-HD74BC564A Datasheet
42Kb / 10P
   Octal D Type Flip Flops With 3 State Outputs
HD74HC564 HITACHI-HD74HC564 Datasheet
65Kb / 11P
   Octal D-type Flip-Flops (with 3-state outputs)
HD74LVC534 HITACHI-HD74LVC534 Datasheet
48Kb / 9P
   Octal D-type Flip Flops with 3-state Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com