Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RD74LVC374BTELL Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # RD74LVC374BTELL
Description  Octal D-type Flip Flops with 3-state Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RD74LVC374BTELL Datasheet(HTML) 6 Page - Renesas Technology Corp

  RD74LVC374BTELL Datasheet HTML 1Page - Renesas Technology Corp RD74LVC374BTELL Datasheet HTML 2Page - Renesas Technology Corp RD74LVC374BTELL Datasheet HTML 3Page - Renesas Technology Corp RD74LVC374BTELL Datasheet HTML 4Page - Renesas Technology Corp RD74LVC374BTELL Datasheet HTML 5Page - Renesas Technology Corp RD74LVC374BTELL Datasheet HTML 6Page - Renesas Technology Corp RD74LVC374BTELL Datasheet HTML 7Page - Renesas Technology Corp RD74LVC374BTELL Datasheet HTML 8Page - Renesas Technology Corp RD74LVC374BTELL Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
RD74LVC374B
Rev.1.00 Nov. 26, 2004 page 6 of 8
Operating Characteristics
Ta = 25°C
Item
Symbol
VCC (V)
Min
Typ
Max
Unit
Test Conditions
1.8
25
2.5
26
3.3
28
Power dissipation
capacitance
CPD
5.0
32
pF
f = 10 MHz
Test Circuit
VCC
VCC
G
CK
Input
Pulse generator
Z
= 50
out
CL
RL
RL
VTT
OPEN
GND
S1
1D to 8D
1Q to 8Q
Input
Output
Pulse generator
Z
= 50
out
Symbol
S1
t
/ t
PLH
PHL
t
/ t
ZH
HZ
t
/ t
ZL
LZ
t
/ t / t
su
h
w
OPEN
GND
VTT
Note:
1.
CL includes probe and jig capacitance.
Waveforms – 1
Input CK
GND
tPLH
10 %
90 %
tr
tf
10 %
10 %
tr
90 %
10 %
tf
GND
tPHL
VOH
VOL
Input D
Output Q
90 %
90 %
VIH
VIH
Vref
Vref
Vref
Vref
Note:
Input waveform: PRR = 10 MHz, duty cycle 50%.


Similar Part No. - RD74LVC374BTELL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RD74LVC374BTELL RENESAS-RD74LVC374BTELL Datasheet
135Kb / 11P
   Octal D-type Flip Flops with 3-state Outputs
More results

Similar Description - RD74LVC374BTELL

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC374 HITACHI-HD74HC374 Datasheet
67Kb / 11P
   Octal D-type Flip-Flops (with 3-state outputs),Octal D-type Flip-flops (with inverted 3-state outputs)
logo
Renesas Technology Corp
HD74HCT534 RENESAS-HD74HCT534_15 Datasheet
136Kb / 10P
   Octal D-type Flip-Flops (with 3-state outputs) Octal D-type Flip-Flops (with inverted 3-state outputs)
HD74HC374 RENESAS-HD74HC374 Datasheet
117Kb / 9P
   Octal D-type Flip-Flops (with 3-state outputs)/Octal D-type Flip-Flops (with inverted 3-state outputs)
logo
Hitachi Semiconductor
HD74BC574A HITACHI-HD74BC574A Datasheet
39Kb / 10P
   Octal D Type Flip Flops With 3 State Outputs
HD74LVC374A HITACHI-HD74LVC374A Datasheet
48Kb / 9P
   Octal D-type Flip Flops with 3-state Outputs
logo
Renesas Technology Corp
HD74LVC534 RENESAS-HD74LVC534 Datasheet
206Kb / 8P
   Octal D-type Flip Flops with 3-state Outputs
logo
Hitachi Semiconductor
HD74HCT564 HITACHI-HD74HCT564 Datasheet
68Kb / 11P
   Octal D-type Flip-Flops (with 3-state outputs)
HD74BC564A HITACHI-HD74BC564A Datasheet
42Kb / 10P
   Octal D Type Flip Flops With 3 State Outputs
HD74HC564 HITACHI-HD74HC564 Datasheet
65Kb / 11P
   Octal D-type Flip-Flops (with 3-state outputs)
HD74LVC534 HITACHI-HD74LVC534 Datasheet
48Kb / 9P
   Octal D-type Flip Flops with 3-state Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com