Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STSJ3NM50 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STSJ3NM50
Description  N-CHANNEL 500V - 2.5ohm - 3A PowerSO-8 Zener-Protected MDmesh??POWER MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSJ3NM50 Datasheet(HTML) 7 Page - STMicroelectronics

  STSJ3NM50 Datasheet HTML 1Page - STMicroelectronics STSJ3NM50 Datasheet HTML 2Page - STMicroelectronics STSJ3NM50 Datasheet HTML 3Page - STMicroelectronics STSJ3NM50 Datasheet HTML 4Page - STMicroelectronics STSJ3NM50 Datasheet HTML 5Page - STMicroelectronics STSJ3NM50 Datasheet HTML 6Page - STMicroelectronics STSJ3NM50 Datasheet HTML 7Page - STMicroelectronics STSJ3NM50 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7/8
STSJ3NM50
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
1.75
0.068
a1
0.1
0.25
0.003
0.009
a2
1.65
0.064
a3
0.65
0.85
0.025
0.033
b
0.35
0.48
0.013
0.018
b1
0.19
0.25
0.007
0.010
C
0.25
0.5
0.010
0.019
c1
45° (typ.)
D
4.8
5.0
0.188
0.196
E
5.8
6.2
0.228
0.244
e
1.27
0.050
e3
3.81
0.150
e4
2.79
0.110
F
3.8
4.0
0.14
0.157
L
0.4
1.27
0.015
0.050
M
0.6
0.023
S
8° (max.)
PowerSO-8™ MECHANICAL DATA


Similar Part No. - STSJ3NM50

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
STSJ3NM50 VBSEMI-STSJ3NM50 Datasheet
562Kb / 10P
   Power MOSFET
More results

Similar Description - STSJ3NM50

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD3NM50 STMICROELECTRONICS-STD3NM50 Datasheet
471Kb / 10P
   N-CHANNEL 500V - 2.5ohm - 3A DPAK/IPAK Zener-Protected MDmesh?줡ower MOSFET
STSJ2NM60 STMICROELECTRONICS-STSJ2NM60 Datasheet
223Kb / 8P
   N-CHANNEL 600V - 2.8ohm - 2A PowerSO-8 Zener-Protected MDmesh??POWER MOSFET
STD3NB50 STMICROELECTRONICS-STD3NB50 Datasheet
75Kb / 6P
   N - CHANNEL 500V - 2.5ohm - 3A - IPAK/DPAK PowerMESH MOSFET
STY60NM50 STMICROELECTRONICS-STY60NM50 Datasheet
263Kb / 8P
   N-CHANNEL 500V - 0.045ohm - 60A Max247 Zener-Protected MDmesh?줡ower MOSFET
STE70NM50 STMICROELECTRONICS-STE70NM50 Datasheet
288Kb / 8P
   N-CHANNEL 500V - 0.045ohm - 70A ISOTOP Zener-Protected MDmesh?줡ower MOSFET
STW26NM50 STMICROELECTRONICS-STW26NM50 Datasheet
234Kb / 9P
   N-CHANNEL 500V - 0.10ohm - 26A TO-247 Zener-Protected MDmesh TM Power MOSFET
logo
Unisonic Technologies
3N50Z UTC-3N50Z Datasheet
178Kb / 6P
   3A, 500V N-CHANNEL POWER MOSFET
3N50_1109 UTC-3N50_1109 Datasheet
181Kb / 6P
   3A, 500V N-CHANNEL POWER MOSFET
logo
STMicroelectronics
STE70NM60 STMICROELECTRONICS-STE70NM60 Datasheet
311Kb / 8P
   N-CHANNEL 600V - 0.050W - 70A ISOTOP Zener-Protected MDmesh Power MOSFET
STP4NM60 STMICROELECTRONICS-STP4NM60 Datasheet
548Kb / 12P
   N-CHANNEL 600V - 1.3ohm - 3A TO-220/DPAK/IPAK Zener-Protected MDmesh?줡ower MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com