Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M38580G1-XXXFP Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # M38580G1-XXXFP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38580G1-XXXFP Datasheet(HTML) 5 Page - Renesas Technology Corp

  M38580G1-XXXFP Datasheet HTML 1Page - Renesas Technology Corp M38580G1-XXXFP Datasheet HTML 2Page - Renesas Technology Corp M38580G1-XXXFP Datasheet HTML 3Page - Renesas Technology Corp M38580G1-XXXFP Datasheet HTML 4Page - Renesas Technology Corp M38580G1-XXXFP Datasheet HTML 5Page - Renesas Technology Corp M38580G1-XXXFP Datasheet HTML 6Page - Renesas Technology Corp M38580G1-XXXFP Datasheet HTML 7Page - Renesas Technology Corp M38580G1-XXXFP Datasheet HTML 8Page - Renesas Technology Corp M38580G1-XXXFP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 77 page
background image
Rev.1.10
Apr 3, 2006
page 5 of 75
REJ03B0139-0110
3858 Group
GROUP EXPANSION
Renesas Technology plans to expand the 3858 group as follows.
Memory Type
Support for QzROM version.
Memory Size
QzROM size ................................................................... 48 K bytes
RAM size ....................................................................... 1.5 K bytes
Packages
PRDP0042BA-A ......................... 42-pin shrink plastic-molded DIP
PRSP0042GA-B ................................ 42-pin plastic-molded SSOP
Fig. 4 Memory expansion plan
Memory Expansion Plan
48K
32K
60K
ROM size (bytes)
768
1024
1280
1536
3072
RAM size (bytes)
M38588GC
Remarks
Package
Part number
RAM size (bytes)
49152
(49021)
49152
(49021)
ROM size (bytes)
ROM size for User in (
)
Table 2 List of products
M38588GC-XXXSP
M38588GC-XXXFP
M38588GCSP
M38588GCFP
1536
1536
PRDP0042BA-A
PRSP0042GA-B
PRDP0042BA-A
PRSP0042GA-B
Blank


Similar Part No. - M38580G1-XXXFP

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
M385 UTC-M385 Datasheet
155Kb / 6P
   MICROPOWER VOLTAGE REFERENCE
M385 UTC-M385 Datasheet
175Kb / 6P
   MICROPOWER VOLTAGE REFERENCE
M385 UTC-M385 Datasheet
154Kb / 6P
   MICROPOWER VOLTAGE REFERENCE
logo
Renesas Technology Corp
M3850 RENESAS-M3850 Datasheet
837Kb / 88P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
logo
Heyco.
M3850 HEYCO-M3850 Datasheet
230Kb / 1P
   Tite Snap-In-2® Liquid Tight Cordgrips
More results

Similar Description - M38580G1-XXXFP

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com