Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STSJ2NM60 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STSJ2NM60
Description  N-CHANNEL 600V - 2.8ohm - 2A PowerSO-8 Zener-Protected MDmesh??POWER MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSJ2NM60 Datasheet(HTML) 4 Page - STMicroelectronics

  STSJ2NM60 Datasheet HTML 1Page - STMicroelectronics STSJ2NM60 Datasheet HTML 2Page - STMicroelectronics STSJ2NM60 Datasheet HTML 3Page - STMicroelectronics STSJ2NM60 Datasheet HTML 4Page - STMicroelectronics STSJ2NM60 Datasheet HTML 5Page - STMicroelectronics STSJ2NM60 Datasheet HTML 6Page - STMicroelectronics STSJ2NM60 Datasheet HTML 7Page - STMicroelectronics STSJ2NM60 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
STSJ2NM60
4/8
Output Characteristics
Transfer Characteristics
Transconductance
Static Drain-source On Resistance
Capacitance Variations
Gate Charge vs Gate-source Voltage


Similar Part No. - STSJ2NM60

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
STSJ2NM60 VBSEMI-STSJ2NM60 Datasheet
562Kb / 10P
   Power MOSFET
More results

Similar Description - STSJ2NM60

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD2NM60 STMICROELECTRONICS-STD2NM60 Datasheet
474Kb / 10P
   N-CHANNEL 600V - 2.8ohm - 2A DPAK/IPAK Zener-Protected MDmesh?줡ower MOSFET
STSJ3NM50 STMICROELECTRONICS-STSJ3NM50 Datasheet
220Kb / 8P
   N-CHANNEL 500V - 2.5ohm - 3A PowerSO-8 Zener-Protected MDmesh??POWER MOSFET
STE70NM60 STMICROELECTRONICS-STE70NM60 Datasheet
311Kb / 8P
   N-CHANNEL 600V - 0.050W - 70A ISOTOP Zener-Protected MDmesh Power MOSFET
STY60NM60 STMICROELECTRONICS-STY60NM60 Datasheet
288Kb / 8P
   N-CHANNEL 600V - 0.050ohm - 60A Max247 Zener-Protected MDmesh?줡ower MOSFET
STW26NM60 STMICROELECTRONICS-STW26NM60 Datasheet
233Kb / 9P
   N-CHANNEL 600V - 0.125ohm - 26A TO-247 Zener-Protected MDmesh TM Power MOSFET
STS1NK60Z STMICROELECTRONICS-STS1NK60Z Datasheet
314Kb / 8P
   N-CHANNEL 600V - 13W - 0.25A - SO-8 Zener-Protected SuperMESH??Power MOSFET
STP4NM60 STMICROELECTRONICS-STP4NM60 Datasheet
548Kb / 12P
   N-CHANNEL 600V - 1.3ohm - 3A TO-220/DPAK/IPAK Zener-Protected MDmesh?줡ower MOSFET
STD3NK50Z STMICROELECTRONICS-STD3NK50Z Datasheet
481Kb / 14P
   N-CHANNEL 500V - 2.8ohm - 2.3A TO-92/DPAK/IPAK Zener-Protected SuperMESH MOSFET
logo
Advanced Monolithic Sys...
AMS2N60 AMS-AMS2N60 Datasheet
325Kb / 6P
   2A, 600V N-CHANNEL POWER MOSFET
logo
Unisonic Technologies
2N60 UTC-2N60_14 Datasheet
280Kb / 7P
   2A, 600V N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com