Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD74HC4024RPEL Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HD74HC4024RPEL
Description  7-stage Binary Counter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74HC4024RPEL Datasheet(HTML) 4 Page - Renesas Technology Corp

  HD74HC4024RPEL Datasheet HTML 1Page - Renesas Technology Corp HD74HC4024RPEL Datasheet HTML 2Page - Renesas Technology Corp HD74HC4024RPEL Datasheet HTML 3Page - Renesas Technology Corp HD74HC4024RPEL Datasheet HTML 4Page - Renesas Technology Corp HD74HC4024RPEL Datasheet HTML 5Page - Renesas Technology Corp HD74HC4024RPEL Datasheet HTML 6Page - Renesas Technology Corp HD74HC4024RPEL Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
HD74HC4024
Rev.3.00 Mar 30, 2006 page 4 of 6
AC Characteristics
(CL = 50 pF, Input tr = tf = 6 ns)
Ta = 25°C
Ta = –40 to
+85°C
Item
Symbol VCC (V)
Min
Typ
Max
Min
Max
Unit
Test Conditions
2.0
5
4
4.5
25
20
Maximum clock frequency
fmax
6.0
29
24
MHz
2.0
185
230
4.5
14
37
46
tPLH
6.0
31
39
ns
Clock to Q1
2.0
185
230
4.5
14
37
46
tPHL
6.0
31
39
ns
Clock to Q1
2.0
185
230
4.5
13
37
46
Propagation delay time
tPHL
6.0
31
39
ns
Reset to output
2.0
100
125
4.5
20
0
25
Removal time
trem
6.0
17
21
ns
2.0
80
100
4.5
16
4
20
Pulse width
tw
6.0
14
17
ns
2.0
75
95
4.5
5
15
19
Output rise/fall time
tTLH
tTHL
6.0
13
16
ns
Input capacitance
Cin
5
10
10
pF
Test Circuit
VCC
VCC
Zout = 50
Reset
Clock
CL = 50 pF
Q1 to Q7
Zout = 50
Input
Output
Note : 1. CL includes probe and jig capacitance.
Pulse Generator
Input
Pulse Generator


Similar Part No. - HD74HC4024RPEL

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC4024 HITACHI-HD74HC4024 Datasheet
47Kb / 8P
   7-stage Binary Counter
More results

Similar Description - HD74HC4024RPEL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC4024 STMICROELECTRONICS-M74HC4024 Datasheet
322Kb / 10P
   7 STAGE BINARY COUNTER
logo
Toshiba Semiconductor
TC74HC4024AP TOSHIBA-TC74HC4024AP Datasheet
218Kb / 5P
   7-STAGE BINARY COUNTER
logo
STMicroelectronics
M54HC4024 STMICROELECTRONICS-M54HC4024 Datasheet
246Kb / 11P
   7 STAGE BINARY COUNTER
logo
Hitachi Semiconductor
HD74HC4024 HITACHI-HD74HC4024 Datasheet
47Kb / 8P
   7-stage Binary Counter
logo
NXP Semiconductors
HEF4024B PHILIPS-HEF4024B Datasheet
42Kb / 5P
   7-stage binary counter
January 1995
74HC4024N PHILIPS-74HC4024N Datasheet
99Kb / 18P
   7-stage binary ripple counter
Rev. 03-12 November 2004
74HC4024 PHILIPS-74HC4024 Datasheet
42Kb / 7P
   7-stage binary ripple counter
December 1990
logo
Nexperia B.V. All right...
74HC4024-Q100 NEXPERIA-74HC4024-Q100 Datasheet
219Kb / 13P
   7-stage binary ripple counter
74HC4024 NEXPERIA-74HC4024 Datasheet
218Kb / 13P
   7-stage binary ripple counter
Rev. 10 - 23 November 2018
logo
National Semiconductor ...
CD4024BC NSC-CD4024BC Datasheet
114Kb / 6P
   7-Stage Ripple Carry Binary Counter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com