Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RD74LVC2G02WPE Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # RD74LVC2G02WPE
Description  Dual 2-Input NOR Gate
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RD74LVC2G02WPE Datasheet(HTML) 3 Page - Renesas Technology Corp

  RD74LVC2G02WPE Datasheet HTML 1Page - Renesas Technology Corp RD74LVC2G02WPE Datasheet HTML 2Page - Renesas Technology Corp RD74LVC2G02WPE Datasheet HTML 3Page - Renesas Technology Corp RD74LVC2G02WPE Datasheet HTML 4Page - Renesas Technology Corp RD74LVC2G02WPE Datasheet HTML 5Page - Renesas Technology Corp RD74LVC2G02WPE Datasheet HTML 6Page - Renesas Technology Corp RD74LVC2G02WPE Datasheet HTML 7Page - Renesas Technology Corp RD74LVC2G02WPE Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
RD74LVC2G02
Rev.1.00 Jul 26, 2006 page 3 of 7
Absolute Maximum Ratings
Item
Symbol
Ratings
Unit
Test Conditions
Supply voltage range
VCC
–0.5 to 6.5
V
Input voltage range
*1
VI
–0.5 to 6.5
V
–0.5 to VCC +0.5
Output : H or L
Output voltage range
*1, 2
VO
–0.5 to 6.5
V
VCC : OFF
Input clamp current
IIK
–50
mA
VI < 0
Output clamp current
IOK
–50
mA
VO < 0
Continuous output current
IO
±50
mA
VO = 0 to VCC
Continuous current through
VCC or GND
ICC or IGND
±100
mA
Package Thermal impedance
θja
140
°C/W
WP
Storage temperature
Tstg
–65 to 150
°C
Notes:
The absolute maximum ratings are values, which must not individually be exceeded, and furthermore no two
of which may be realized at the same time.
1. The input and output voltage ratings may be exceeded if the input and output clamp-current ratings are
observed.
2. This value is limited to 5.5 V maximum.
Recommended Operating Conditions
Item
Symbol
Min
Max
Unit
Conditions
Supply voltage range
VCC
1.65
5.5
V
Input voltage range
VI
0
5.5
V
Output voltage range
VO
0
VCC
V
4
VCC = 1.65 V
8
VCC = 2.3 V
16
24
VCC = 3.0 V
IOL
32
VCC = 4.5 V
–4
VCC = 1.65 V
–8
VCC = 2.3 V
–16
–24
VCC = 3.0 V
Output current
IOH
–32
mA
VCC = 4.5 V
0
20
VCC = 1.65 to 1.95 V,
2.3 to 2.7 V
0
10
VCC = 3.0 to 3.6 V
Input transition rise or fall rate
∆t / ∆v
0
5
ns / V
VCC = 4.5 to 5.5 V
Operating free-air temperature
Ta
–40
85
°C
Note:
Unused or floating inputs must be held high or low.


Similar Part No. - RD74LVC2G02WPE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RD74LVC2G07 RENESAS-RD74LVC2G07 Datasheet
2Mb / 7P
   Dual Buffers / Drivers with Open Drain
RD74LVC2G07WPE RENESAS-RD74LVC2G07WPE Datasheet
2Mb / 7P
   Dual Buffers / Drivers with Open Drain
RD74LVC2G08 RENESAS-RD74LVC2G08 Datasheet
2Mb / 8P
   Dual 2-Input AND Gate
RD74LVC2G08WPE RENESAS-RD74LVC2G08WPE Datasheet
2Mb / 8P
   Dual 2-Input AND Gate
More results

Similar Description - RD74LVC2G02WPE

ManufacturerPart #DatasheetDescription
logo
Minilogic Device Corpor...
ML74WL02 MINILOGIC-ML74WL02 Datasheet
126Kb / 3P
   Dual 2-input NOR Gate
logo
ON Semiconductor
NL27WZ02 ONSEMI-NL27WZ02_19 Datasheet
186Kb / 11P
   Dual 2-Input NOR Gate
January, 2019 ??Rev. 13
logo
Unisonic Technologies
U74AHC2G02 UTC-U74AHC2G02_15 Datasheet
207Kb / 5P
   DUAL 2-INPUT NOR GATE
logo
Panasonic Semiconductor
74LVC2G02 PANASONIC-74LVC2G02 Datasheet
91Kb / 16P
   Dual 2-input NOR gate
logo
STMicroelectronics
74V2G02 STMICROELECTRONICS-74V2G02 Datasheet
86Kb / 7P
   DUAL 2-INPUT NOR GATE
logo
Unisonic Technologies
U74AHC2G02 UTC-U74AHC2G02 Datasheet
198Kb / 5P
   DUAL 2-INPUT NOR GATE
logo
ON Semiconductor
NL27WZ02 ONSEMI-NL27WZ02_13 Datasheet
109Kb / 5P
   Dual 2-Input NOR Gate
March, 2013 ??Rev. 12
logo
Nexperia B.V. All right...
74LVC2G02-Q100 NEXPERIA-74LVC2G02-Q100 Datasheet
784Kb / 13P
   Dual 2-input NOR gate
logo
ON Semiconductor
NL27WZ02 ONSEMI-NL27WZ02 Datasheet
55Kb / 6P
   Dual 2-Input NOR Gate
March, 2004 ??Rev. 6
logo
Diodes Incorporated
74LVC2G02 DIODES-74LVC2G02 Datasheet
509Kb / 11P
   DUAL 2-INPUT NOR GATE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com