Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RD74LVC02BFPEL Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # RD74LVC02BFPEL
Description  Quad. 2-input NOR Gates
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RD74LVC02BFPEL Datasheet(HTML) 5 Page - Renesas Technology Corp

  RD74LVC02BFPEL Datasheet HTML 1Page - Renesas Technology Corp RD74LVC02BFPEL Datasheet HTML 2Page - Renesas Technology Corp RD74LVC02BFPEL Datasheet HTML 3Page - Renesas Technology Corp RD74LVC02BFPEL Datasheet HTML 4Page - Renesas Technology Corp RD74LVC02BFPEL Datasheet HTML 5Page - Renesas Technology Corp RD74LVC02BFPEL Datasheet HTML 6Page - Renesas Technology Corp RD74LVC02BFPEL Datasheet HTML 7Page - Renesas Technology Corp RD74LVC02BFPEL Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
RD74LVC02B
Rev.1.00, May 11, 2004, page 5 of 7
Switching Characteristics
Ta = –40 to 85°C
Item
Symbol
VCC (V)
Min
Typ
Max
Unit
From
(Input)
To
(Output)
1.8±0.15
1.0
8.9
2.5±0.2
1.0
7.4
2.7
1.0
5.4
3.3±0.3
1.0
4.4
Propagation delay time
tPLH
tPHL
5.0±0.5
1.0
3.9
ns
A or B
Y
1.8±0.15
2.5±0.2
2.7
3.3±0.3
1.0
Between output pins skew*
1
tOSLH
tOSHL
5.0±0.5
1.0
ns
Input capacitance
CIN
3.3
5.0
pF
Note:
1. This parameter is characterized but not tested.
tOSLH = |tPLHm – tPLHn|, tOSHL = |tPHLm – tPHLn|
Operating Characteristics
Ta = 25°C
Item
Symbol
VCC (V)
Min
Typ
Max
Unit
Test conditions
1.8
10
2.5
12
3.3
12
Power dissipation Capacitance
CPD
5.0
15
pF
f = 10 MHz


Similar Part No. - RD74LVC02BFPEL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RD74LVC02BFPEL RENESAS-RD74LVC02BFPEL Datasheet
93Kb / 10P
   Quad. 2-input NOR Gates
More results

Similar Description - RD74LVC02BFPEL

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DM7402 FAIRCHILD-DM7402 Datasheet
33Kb / 3P
   Quad 2-Input NOR Gates
logo
Hitachi Semiconductor
HD74LV02A HITACHI-HD74LV02A Datasheet
52Kb / 13P
   Quad. 2-input NOR Gates
logo
Renesas Technology Corp
RD74LVC02B RENESAS-RD74LVC02B_15 Datasheet
93Kb / 10P
   Quad. 2-input NOR Gates
logo
National Semiconductor ...
5402 NSC-5402 Datasheet
93Kb / 4P
   Quad 2-Input NOR Gates
54LS02 NSC-54LS02 Datasheet
120Kb / 6P
   Quad 2-Input NOR Gates
logo
Renesas Technology Corp
HD74LV02A RENESAS-HD74LV02A Datasheet
65Kb / 8P
   Quad. 2-input NOR Gates
HD74HC02 RENESAS-HD74HC02 Datasheet
91Kb / 7P
   Quad. 2-input NOR Gates
HD74HC02 RENESAS-HD74HC02_15 Datasheet
123Kb / 9P
   Quad. 2-input NOR Gates
logo
Hitachi Semiconductor
HD74HC02 HITACHI-HD74HC02 Datasheet
46Kb / 8P
   Quad. 2-input NOR Gates
logo
Renesas Technology Corp
HD74LVC02 RENESAS-HD74LVC02 Datasheet
177Kb / 6P
   Quad. 2-input NOR Gates
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com